Part Number Hot Search : 
ON1431 TSM6963 TLG363T TF12N60 CY3093 D23C1 ENA0081 CXG1040T
Product Description
Full Text Search
 

To Download SSSS810701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Slide Switch
1.4(H)mm, 1.5/2mm-travel Surface Mount Type
SSSS8 Series
A low-profile slide switch with 1.4mm thickness.
Typical Specifications
Items Rating max. min. Resistive load Contact resistance Initial performance/After lifetime Operating force Without load Operating life With load
10,000cycles 0.3A 4V DC
Detector Specifications Push
0.3A 4V DC/50BA 3V DC
Slide
70m max./130m max. Refer to the dimensions. 10,000cycles
Rotary Encoders Power Dual-in-line Package Type
Product Line
Travel Actuator Actuator direction mm thickness mm Poles Positions
2 Vertical t 0.8 2 3 2 3 1.5 t1.1 t 0.4 1 1 2 Horizontal 2 3 2 4 2 t1.1 2 3 2 3 With 18,000 Not specified Without Reflow 10,000
Changeover Ground Minimum order Soldering timing terminal unit pcs.
Without 7,200 With 18,000
Products No.
SSSS820101 SSSS820301 SSSS820201 SSSS820501 SSSS810701 SSSS811501 SSSS821801 SSSS812701 SSSS811101 SSSS812201 SSSS810201 SSSS810301
Drawing No.
1 2 1 2 3 4 6 5 3 4 7 8
TACT SwitchTM CustomProducts
Small size General Use type Big size General Use type Other Use type
Taping Specification(Taping Packaging)
Reel Size
Unit:mm
Series
Number of packages pcs. 1 case 1 reel /Japan
1,800 3,600
1 case /export packing
7,200
Reel width W mm
25.4
Tape width mm
24
Vertical 1-pole, 2-positions 1.5mm 1-pole, 2-positions 2mm 1-pole, 3-positions 1.5mm Horizontal 1-pole, 3-positions 2mm 1-pole, 4-positions 2-poles, 2-positions
17.4 4,500 9,000 18,000
16
380
W
25.4 2,500 5,000 10,000
24
Notes
1. Products other than those listed in the above chart are also available. Please contact us for details. 2. Please place purchase orders per minimum order unit(integer).
119
Slide Switch
1.4(H)mm, 1.5/2mm-travel Surface Mount Type SSSS8 Series
Dimensions
1.5mm-travel No. Detector Push Slide Rotary Encoders Power Dual-in-line Package Type 2-poles, 3-positions TACT SwitchTM CustomProducts
0.4 F A abc Travel 1.5 1.3 F0.2 0.3 0.4 max. 0.2 5.9 4.1 0.8 1.5 Terminal No.1 1.5 0.4 F
1.5 3 1.5 2-o0.9 holes 0.8 0.7
Unit:mm
Photo Style PC board mounting hole and land dimensions Viewed from the direction A
2-poles, 2-positions
Terminal No.1 0.4 F F 0.4 3 1.5 0.75 With ground terminal dimensions
0.4
2-o0.9 holes A 0.8
3 1.5 0.7 0.75
6-pattern section
2
1
1.3 0.5 1.4
Travel
0.
1.5
F0.2
0.3 0.4 max. 0.4 0.2
0.8
C
5.9 4.1 0.8 1.5
2.9
3
1
6.3
1
F0.5 Operating force : 2N
3 6.7
0.5F
PC board mounting face
3 0.4
1.5
With ground terminal dimensions
0.15
o0.8
1
4-pattern section for ground terminal
2.9
0.8
2
1.4
5 1 9.3 1
1.5 C0 .2
0.4
4-pattern section for ground terminal
0.5
Small size General Use type Big size General Use type Other Use type 1-pole, 2-positions
F0.5 Operating force : a J b } 2N cJb
o0.8 5 9.7
C0
PC board F0.5 mounting face bJa b J c } 2.5N
.2
Terminal No.1
3 0.4
1.5 0.75
With ground terminal dimensions
0.15
3
1.5 0.75
0.4
F
2-o0.9 holes 0.4 0.8
0.7
1.4
3
A
1.4
0.2F
0.15
1.5
2.6
0.9
0.8
3
1.1
F0.5 Operating force : 1.5N
o0.8 3 6.7
.2
0.65
0.5
C0
PC board mounting face
1
6.3
1
F0.5
4-pattern section for ground terminal
1-pole, 3-positions
Terminal No.1 1.5 3 1.5 0.4 0.4 F
With ground terminal dimensions
4
1.4
abc
1.3 F 1.5 Travel
0.8 1.4 0.8
A
0.2F
0.15
1.5
2.6
0.9
5 1 9.3 1
1.1
o0.8
5 9.7
.2
0.65
0.5
C0
4-pattern section for ground terminal PC board mounting face
F0.5 Operating force : a J b 1.5N } cJb
0.5F b J a } 2N bJc
Note
Products not marked with in the drawing have no ground terminal.
120
1 2.5
.2 C0 1.5
0.4
2-o0.9 holes
1.5 3 1.5 0.7
4-pattern section
1
2.5
.2 C0
1.3 F 1.5 Travel
3.6 6.6
3.6 6.6
8-pattern section
C 0. 2
3-pattern section
Slide Switch
1.4(H)mm, 1.5/2mm-travel Surface MountType
SSSS8 Series
Dimensions
Horizontal Operating Section Type 1.5mm-travel No. Photo 1-pole, 4-positions
Terminal No.1
F
Unit:mm
Style
1.5 1.51.5 1.51.5 0.4 0.75
1.5 1.5 1.51.5 1.5
PC board mounting hole and land dimensions Viewed from the direction A Detector
6-pattern section 0.8 1.4 0.8
0.4 0.4
F
Push
0.7 1 2.5
5
0.5 1.4
1.3 1.5 1.5 1.5 a bc d Travel
C0
.2
0.2F 0.4 1.5 2.6 0.9 0.15 0.5F 1
Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM
A
1
5 10.8
1
2-o0.9 holes
F0.5
Operating force : a J b } 1.5N dJc
5 11.2
0.8
.2 C0
PC board mounting face bJc c J d 2N cJb bJa
4-pattern section for ground terminal
}
2-poles, 2-positions
Terminal No.q 1.5 3 1.5 3 1.5 0.4 6-pattern section 1.3 1.5 Travel 1.4 A 0.15 6 0.5 0.65 o0.8
2 0. C
0. 2
1.5 1.5 2.6 0.9
3 1.5 3 1.5 0.7 1 2.5
CustomProducts
6
C
1.1
2-o0.9 holes
6 12.7 Operating force : 1.5N
PC board mounting face
Small size General Use type Horizontal Operating Section Type 2mm-travel No. Photo 1-pole, 2-positions
Terminal No. 1 1.5 3 1.5 0.4
Unit:mm
Style PC board mounting hole and land dimensions Viewed from the direction A
Big size General Use type Other Use type
F F
0.4 0.4
2-o0.9 holes 0.8 1.4 0.8
C0
1.5 3 1.5 0.7
4-pattern section 1 2.5
1.3
.2
7
A
0.5 1.4
2 Travel 0.65 1.1 1.5 2.6 0.9
5 1 9.3 1
0.2
o0.8
5 9.7
0.15
C0.2
0.5F
4-pattern section for ground terminal
F0.5
PC board mounting face
Operating force : 1.5N
1-pole, 3-positions
Terminal No.1
1.5 1.51.5 1.51.5 0.4 0.75
F F
0.4 0.4
6-pattern section
1.51.51.51.51.5
0.7 0.8 1.4 0.8
1.3 22 ab c Travel
8
0.5 1.4
A
0.2F 0.65 1.1
1.5 2.6 0.9
1
5 10.8
1
2-o0.9 holes
0.15
o0.8
5 11.2
4-pattern section for ground terminal
F0.5
0.5 F
PC board mounting face
Operating force : a J b } 1.5N cJb
bJa} 2N bJc
Note
Products not marked with in the drawing have no ground terminal.
1 2.5
C 0. 2
.2 C0
121
Slide Switch
1.4(H)mm, 1.5/2mm-travel Surface Mount Type SSSS8 Series
Circuit Diagram Viewed from Direction A
2-poles, 2-positions
c
1 2 3 1 2
2-poles, 3-positions
c
3 4
Detector Push Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM 2-poles, 2-positions CustomProducts
c
1 2 3 4 4 5 6 5 6 7 8
c
c
1-pole, 2-positions 2mm-travel
c
1 2
1-pole, 3-positions 2mm-travel
c
3 4 1 2
1-pole, 4-positions
c
3
c
4 5 6 1 2
c
3
c
4 5 6
1-pole, 2-positions 1.5mm-travel
c
5 6
1-pole, 3-positions 1.5mm-travel
c
3 1 2 3 4
c
1 2
Small size General Use type Big size General Use type Other Use type
122
Slide Switches
List of Varieties
Series SSAG SSAH SSAD SSSS8 SSSS7 SSSS2 SSSS9 SSSF SSSU SSSB SSST SSAA SSAC SSAB
Photo
Detector Push
Travel mm Outline Actuator specificat direction ions Number of poles W Dimensions mm D H Operating temperature range Rating max. min. Resistive load Electrical performance Mechanical performance Durability Environmental performance Soldering
1.15 9.05
1.5 Horizontal 1 9.5 3 0.9 to 60 6.7 3.2 0.7 11.2 2.6 1.4
1.5 2 Vertical Horizontal Horizontal 1 2 8.8 3 3.5 2 13
2 Vertical Horizontal 1 2 4 14 4.7 5 16.5 7 8.5
3
4 Vertical 2 4 1 13 4.3 3.5
2
1.5
1.9 2 Vertical Horizontal 1 9 4.2 8.5
Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM
Horizontal 1 2 12.4 6 5 2 9.5 5.5 5.2
24.5
29 9 12 to 60
-10 10mA 5V DC
-40 to 85 0.3A 4V DC 0.3A 6V DC 0.1A 12V DC
-10 0.1A 30V DC
1mA 5V DC
0.3A 30V DC 0.1A 12V DC 0.1A 30V DC 1mA 5V DC 0.1A 12V DC
50BA 3V DC 30m max. 25m max. 20m max. 70m max. 25m 100m max. max. 30m max.
CustomProducts
Initial contact 100m 200m max. 70m max. resistance max. Insulation 100M min. 100V DC resistance Voltage 100V AC for 1minute proof Robustness 3N for 1minute of terminal Operating 10N 20N Robustness direction 10N 5N 10N of actuator Pulling Static force direction Operating life without load 10,000cycles 10,000cycles 10,000cycles 100m max. 2 Operating life without 500m max. 300m max. 10,000cycles 200m max. 10,000cycles 130m max. 2 load Load:as rating Cold Dry heat Damp heat Manual soldering Dip soldering Reflow soldering 1-2 1-3 Poles-positions Page 1-4 2-2 2-3 2-4 4-2
112 115 117 119 123 126 40 350 5 3s max. 300 5 5s max. 2 -40 2 for 96h
100M
min. 500V DC
500V AC for 1minute 5N for 1minute 30N 10N 10,000cycles 60m max. 10,000cycles 80m max. -20 85 2 30N Static force 10,000cycles 45m max. 10,000cycles 65m max. 2 for 96h 50N 3N for 1minute 20N 10N 10N
100M min. 100M min. 100V DC 500V DC 500V AC 100V AC for for 1minute 1minute 5N for 1minute 30N 5N 40N 1,000cycles 60m max. 10,000cycles 80m max.
Small size General Use type Big size General Use type Other Use type
10,000cycles 10,000cycles 10,000cycles 40m max. 100m max. 45m max. 10,000cycles 5,000cycles 10,000cycles 10,000cycles 200m max. 60m max. 130m max. 65m max.
for 96h
, 90 to 95%RH for 96h 350 10 3 1s 0 260 10 5 1s 350 10 3s max. 260 5 0 5-1s 300 10 3 10s 260 10 10 1s 300 10 260 10 5 1s 350 10 3 10s 260 5 10 1s
260 5 350 10 300 10 350 10 3s max. 4s max. 5s max. 5s max. 260 5 260 5 0 5-1s 3 1s
Please see P.154
130
135
139
143
146
147
150
152
Note
The operating temperature range for automotive applications can be raised upon request. Please contact us for requirements of this kind.
111
Slide Switches
Soldering Conditions
Example of Reflow Soldering Condition 1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple 0.1 to 0.2
Detector Push
CA K or CC T at soldering portion copper foil surface . A heat resisting tape
should be used for fixed measurement. 3. Temperature profile
300
Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
Temperature (C )
A max. B
200 C 100 Time (s) Pre-heating D max. E max. F 20 max.
Room temperature
Series Reflow type Small size General Use type Big size General Use type Other Use type SSSS2 Vertical Horizontal Vertical 1-pole, 3-positions
A 3s max.
250
B
C
Ds
Es
Fs
1-pole, 2-positions 1-pole, 2-positions
200
Horizontal
1-pole, 3-positions 2-poles, 3-positions
240
SSSS7 SSAH, SSAG SSAD 1-pole, 2-positions 1-pole, 3-positions 1.5mm Horizontal SSSS8 1-pole, 3-positions 2mm 1-pole, 4-positions 2-poles, 2-positions Vertical
250 260 240 230 220 150 120
255
200
240
220
Notes
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended. 3. SSAH and SSAG only 40's.
154


▲Up To Search▲   

 
Price & Availability of SSSS810701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X