Part Number Hot Search : 
LS655 AS1753 A6277X HBDW94C TC123 F7103 SGM721 KBP10M
Product Description
Full Text Search
 

To Download SSM4224M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM4224M
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Low on-resistance Simple drive requirement Dual N-MOSFET package
D1 D2 D1
D2
BV DSS R DS(ON) ID
G2 S2
30V 14m 10A
SO-8
S1
G1
Description
Advanced power MOSFETs from Silicon Standard provide the designer with the best combination of fast switching, ruggedized device design, ultra low on-resistance and cost-effectiveness.
D1 D2
G1 S1
G2 S2
Absolute Maximum Ratings
Symbol VDS VGS ID @ TA=25C ID @ TA=70C IDM PD @ TA=25C TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating 30 20 10 8 30 2 0.016 -55 to 150 -55 to 150
Units V V A A A W W/C C C
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 62.5
Unit C/W
Rev.1.01 4/06/2004
www.SiliconStandard.com
1 of 4
SSM4224M
Electrical Characteristics @ Tj=25oC (unless otherwise specified)
Symbol BVDSS Parameter Drain-Source Breakdown Voltage Test Conditions VGS=0V, ID=250uA Min. 30 1 Typ. 0.03 16 23 6 14 12 8 34 16 400 280 0.9 Max. Units 14 20 3 1 25 100 35 V V/C m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
BV DSS/Tj
RDS(ON)
Breakdown Voltage Temperature Coefficient Reference to 25C, ID=1mA
Static Drain-Source On-Resistance2
VGS=10V, ID=10A VGS=4.5V, ID=7A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=250uA VDS=10V, ID=10A VDS=30V, VGS=0V VDS=24V, VGS=0V VGS=20V ID=10A VDS=24V VGS=4.5V VDS=15V ID=1A RG=3.3 , VGS=10V RD=15 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
1910 3070
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2 2
Test Conditions IS=1.7A, VGS=0V IS=10A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 30 24
Max. Units 1.2 V ns nC
trr
Qrr
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300s , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 135C/W when mounted on min. copper pad.
Rev.1.01 4/06/2004
www.SiliconStandard.com
2 of 4
SSM4224M
180 140 150
T A = 25 o C
10V 7.0V ID , Drain Current (A)
120
T A = 150 o C
10V 7.0V
ID , Drain Current (A)
100 120
80
90
5.0V
60
5.0V
60
4.5V
40
4.5V
30
20
V G = 3 .0V
V G = 3 .0V
0 0 1 2 3 4 5 0 0 1 2 3 4
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
20
1.8
18
ID=7A T A =25 Normalized R DS(ON)
1.6
I D =1 0 A V G =10V
16
1.4
RDS(ON) (m )
14
1.2
12
1.0
10
0.8
8
0.6 3 5 7 9 11 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance vs. Junction Temperature
3.0
10
8 2.5
6
VGS(th) (V)
1.2
IS(A)
2.0
4
T j =150 C
o
T j =25 C
o
1.5 2
0 0 0.2 0.4 0.6 0.8 1
1.0 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of Reverse Diode
Rev.1.01 4/06/2004
Fig 6. Gate Threshold Voltage vs. Junction Temperature
www.SiliconStandard.com
3 of 4
SSM4224M
f=1.0MHz
16 10000
ID=10A VGS , Gate to Source Voltage (V)
12
C (pF)
V DS =15V V DS =20V V DS =24V
C iss
1000
8
4
C oss C rss
0 0 10 20 30 40 50
100 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
100 1
Fig 8. Typical Capacitance Characteristics
Normalized Thermal Response (Rthja)
Duty factor=0.5
0.2
10
1ms
0.1
0.1
ID (A)
0.05
10ms
1
0.02
PDM t T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja = 135/W
100ms 1s T A =25 o C Single Pulse DC
0.01
0.01
0.1
Single Pulse
0.01 0.1 1 10 100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
VDS 90%
Fig 10. Effective Transient Thermal Impedance
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
Rev.1.01 4/06/2004
www.SiliconStandard.com
4 of 4


▲Up To Search▲   

 
Price & Availability of SSM4224M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X