Part Number Hot Search : 
AX9311 54F25 XXXSP H8S2649 N50C3 74HC37 MIHW2022 TEW6140
Product Description
Full Text Search
 

To Download SS431TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS431/G Adjustable Precision Shunt Regulator
FEATURES
Low voltage operation (2.5V) Adjustable output voltage from VO = V REF to 18V Wide operating current range from 0.4mA to 100mA Low dynamic output impedance 0.5 max. ESD rating is 5.5kV (per MIL-STD 883D)
Pb-free lead finish available.
DESCRIPTION
The SS431 is a low-voltage three-terminal adjustable shunt regulator with a guaranteed thermal stability over the applicable temperature range. The output voltage can be set to any value between VREF (approximately 2.5V) to 18V with two external resistors (see application circuit). This device has a typical output impedance of 0.2 ohms. Active output circuitry provides very sharp turn-on characteristics, making this device an excellent replacement for Zener diodes in many applications. The SS431 is characterized for operation from 0C to 105C, and three package options (SOT-23, SOT-89, and TO-92) allow the designer the opportunity to select the proper package for his application. The SS431 is available with a Pb-free lead finish - order as SS431Gxx.
APPLICATIONS
Linear Regulators Adjustable Supplies Switching Power Supplies Battery Operated Computers Instrumentation Computer Disk Drives
PIN CONFIGURATION
SOT-23 (Top view)
BLOCK DIAGRAM
Cathode Ref
2
Cathode
Anode
3 1
+
Reference
Vref
SOT-89 (Top view)
Anode
3 2 1 Cathode Anode Reference
TO-92 (Top view)
3 Cathode 2 Anode 1
Reference
SYMBOL
Cathode
Ref.
Anode
Rev.2.02 3/11/2004
www.SiliconStandard.com
1 of 7
SS431/G
ABSOLUTE MAXIMUM RATINGS over ambient temp. range.
Parameter







#
$
%
Symbol


Maximum
!" " "
Units

ELECTRICAL CHARACTERISTICS







#
& '& & '&

+
&
&
'-



! !! !" ( !" #)!" , "


*

#$ $ $ $ $
#$ $ $
%

Rev.2.02 3/11/2004
www.SiliconStandard.com
2 of 7
SS431/G
TYPICAL PERFORMANCE CHARACTERISTICS































!"#!$%& &
!"#!$%& &
Rev.2.02 3/11/2004
www.SiliconStandard.com
3 of 7
SS431/G
TEST CIRCUITS













APPLICATION INFORMATION
VMAX
VDEV = VMAX-VMIN VMIN
Where: T2-T1=full temperature change. VREF can be positive or negative depending on whether the slope is positive or negative. Example: VDEV= 7.0mV, VREF= 2495mV, T2-T1= 105C, slope is negative.
VREF =
T1 TEMPERATURE T2
7.0mV 106 2495mV
105 C
= -27ppm/C
Deviation of reference input voltage, V DEV, is defined as the maximum variation of the reference input voltage over the full temperature range. The average temperature coefficient of the reference input voltage, VREF is defined as:
Note 4. The dynamic output impedance, Rz, is defined as: RZ =
VZ IZ
ppm VREF = C
6 VMAX - VMIN 6 VDEV 10 10 VREF(at 25C) VREF(at 25C) = T2 - T1 T2 - T1
When the device is programmed with two external resistors, R1 and R2, (see Fig. 2), the dynamic output impedance of the overall circuit, is defined as:
rz =
V Rz 1+ R1 R2 I
[]
Rev.2.02 3/11/2004
www.SiliconStandard.com
4 of 7
SS431/G
APPLICATION EXAMPLES
VIN R1
RCL IOUT VIN
SS431
SS431 R1
RS
IOUT=VREF/ RCL Current Limiter or Current Source
IOUT=VREF /RS Constant-Current Sink
VIN
RIN R3 R1
VOUT
VIN
FUSE R1
R3
VOUT
SS431
R2
SS431
R2
VOUT (1+R1/R2) x VREF Higher-Current Shunt Regulator
VLIMIT (1+R1/R2) x VREF Crow Bar
VIN R1A R1B R3 SS431 Output turns ON when Low Limit C1 SS431 R2A R2B
+
R4
R5
VBE
Low Limit VREF ( 1+ R1B/ R2B )+ VBE High Limit VREF ( 1+ R1A/ R2A ) Over-Voltage/Under-Voltage Protection Circuit
Rev.2.02 3/11/2004
www.SiliconStandard.com
5 of 7
SS431/G
PHYSICAL DIMENSIONS
SOT-23

!



+ + ! !
" $%$ && && $%'$ $%$ %'$ %($ %* %$ %* %$ &&
$%$ $%$$ $%$ $%($ $%$ %$$ %)$ %*$ %*$ %*$ %*$
# $%$ && && $%)$ $%*$ %$ %$$ %'* %,$ %'* %,$ &&
SOT-89






Rev.2.02 3/11/2004
www.SiliconStandard.com
6 of 7
SS431/G
PHYSICAL DIMENSIONS TO-92






ORDERING INFORMATION
SS431(G)xBxx
TR: Tape and Reel Packing
Bandgap tolerance B = 1%
Example: SS431GNBTR
Package type N = SOT-23-3 T = TO-92 G = SOT-89 Lead finish option: G for Pb-free lead finish
SS431 with 1% tolerance in SOT-23-3 with pb-free lead finish shipped on tape and reel
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
Rev.2.02 3/11/2004
www.SiliconStandard.com
7 of 7


▲Up To Search▲   

 
Price & Availability of SS431TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X