Part Number Hot Search : 
AMIS30 PZT669A MJ3328 ERIES TA0555A TQS32 1E104 A105M
Product Description
Full Text Search
 

To Download SRBD170201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Heavy-torque Feel, Low-profile Type
SRBD Series
Mode switching with maximum 10-positions.
Detector Push Slide Rotary Rotational torque Encoders Operating life with load Power Dual-in-line Package Type TACT SwitchTM CustomProducts Angle of throw
36 10,000cycles DC5V 1mA 50m max./100m max. 13 5mN m
Rotary Switch
Typical Specifications
Items Rating max. min. Resistive load Contact resistance Specifications
1mA 5V DC/50BA 3V DC 200m max.
Insulation resistance Voltage proof
100VAC 1minute
Product Line
Poles Positions Changeover Detent Changeover timing Soldering angle
7 1 10 36 8 10 Non shorting For PC board Reflow 4,800 5,600 4,800 SRBD170201 SRBD180100 SRBD110200
Actuator length mm
1.0
Minimum order unit pcs.
5,600
Product No.
SRBD170101 1
Taping Specification (Taping Packeging)
Reel Size
Unit:mm
Number of packages pcs. Series 1 reel 1 case /Japan
2,800
1 case /export packing
5,600
Tape width mm
1.0mm Length of operationg section
o380 25.4
1,400
24 1.7mm 1,200 2,400 4,800
Note
Please place purchase orders per minimum order unit(integer).
158
Rotary Switch
Heavy-torque Feel, Low-profile Type
SRBD Series
Dimensions
No. Style
Unit:mm
PC board mounting hole dimensions Viewed from the direction A Detector
10
5143 !4 6 7 8 9 !3
9-1 12-0.35
Push Slide
0.8
Rotary
2.51
!6 2 !0 !1 !2
1
.8 2 !5
1
Encoders Power
7.5 10 2-
A 0.8
2.7 1.7
Dual-in-line Package Type TACT SwitchTM CustomProducts
10
5143 !4 6 7 8 9 !3
9-1 12-0.35
2.3
0.8
2
!5 2 !0 !1 !2
!6
2.8
1
5 7. 10 2-
A 1.5
Circuit Diagram (Viewed from Direction A)
3.4 1.7
Correspondence Table of Terminal No. and Detent
Position No.
1 2
Terminal No.
Detent 7 8 10
5143
6 7 8 9
!3 !4 !5 !6 2 !0 !1
3 4 5 6 7
Terminal12:Common terminal
8 9 10
159
Rotary Switches
List of Varieties
Series SRBD SRBQ Insertion Reflow type SRRM SRBV SRBM Rotary Pulse SRRN
Photo
Detector Push
Operating temperature range Rating(max)/(min) (Resistive load) Initial contact resistance Insulation resistance Voltage proof Rotational direction Push direction Electrical performance Mechanical performance Durability Environmental performance Soldering
Outline specifications
Step angle
36
40
3 1 2 3 4
30
3
18 3
30
3 2 3 4
Slide Rotary Encoders Power Dual-in-line Package Type
Number of poles W
1 11.4 10 12.4 1.7 25 to 85 3.5 10 0.1A 16V DC 50BA 3V DC to 60
1 16.2 18.5 7.5 40 0.3A 16V DC 50BA 3V DC 100M to 85
1 2 12.5 10 11.5 10
Dimensions mm
D H
to
60
TACT SwitchTM CustomProducts
1mA 5V DC 50BA 3V DC 100M
0.25A 30V DC 50BA 3V DC 100M min. 500V DC 500V AC for 1minute
0.1A 16V DC 50BA 3V DC
0.15A 12V DC 50BA 3V DC 100M min. 500V DC 500V AC for 1minute
min. 100V DC
min. 100V DC
100V AC for 1minute
100V AC for 1minute 5N for 1minute 0.6N m 0.5N m 100N
3N for 1minute 5N for 1minute 10N for 1minute 1N m 50N Load at the tip of shaft SRRM : 5N SRBV, SRBQ : 1N Unit : mm 20N The below table shows for SRBQ Unit : mm Distance from Shaft mounting surface to the wobble max.value tip of shaft below 5 0.5 max. above 5 and below 10 0.9 max. above 10 and below 15 1.2 max. The below table shows for SRBV Unit : mm
Measuring position from mounting surface Shaft wobble Applicable mounting max. dimension value
Actuator strength
1N m
Applicable Measuring position Shaft wobble mounting from mounting surface max. value dimension 10mm 0.17 mm 0.25 mm 15 mm 20 mm
Wobble of actuator
Measuring position from mounting surface
Shaft wobble Applicable mounting max. dimension value
15mm
10 15
0.17 0.25
15 20
10 15
0.2 0.3
15 20 Load at the tip of shaft : 5N 30,000cycles 100m max. 10,000cycles 70m max. 10,000cycles 100m max.
Operating life without load Operating life with load Load : (at rated load) Cold Dry heat Damp heat Manual soldering Dip soldering Reflow soldering Page
10,000cycles 250m max. 10,000cycles 250m max. -40 2 for 500h 85 2 for 500h
10,000cycles 100m max. 10,000cycles 100m max.
10,000cycles 40m max. 10,000cycles 60m max. 20 85 40 2
10,000cycles 100m max. 10,000cycles 150m max. 2 2 for 96h for 96h
60 2 , 90 to 95%RH for 500h 350 10 1 3 0s 260 5 5 1s Please see P.172 158 160 350 5 3s max.
, 90 to 95%RH for 96h 350 10 ,3
1 0
s 260 10 5 1s
260 10
5 1s
260 3 5s max.
167
165
162
169
157
Rotary Switches
Soldering Conditions
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple 0.1 to 0.2 CA K or CC T at soldering portion copper foil surface .A heat resisting tape should be used for fixed measurement. 3. Temperature profile
Detector Push
300
Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
Temperature (C )
A max. B
200 C 100 Time (s) Pre-heating D max. E max. F 20 max.
Room temperature
Series Reflow type SRBQ
A 3s max.
240
B
230
C
150
D
120
Es
Fs
300 Temperature (C )
A max. B
200 D E 100 Time (s) Pre-heating F max.
Room temperature C
Series Reflow type SRBD
A 3s max.
260
B
230
C
40
D
180
E
150
Fs
120
Notes
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
172


▲Up To Search▲   

 
Price & Availability of SRBD170201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X