Part Number Hot Search : 
AOZ6184 PE8550 HPA150R S87C196 2SK129 IRF63 2N5720 S1000
Product Description
Full Text Search
 

To Download SPS-83100-CXX0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES DESCRIPTION
SPS-83100-CXX0G
1
***********************************************************************************************************************************************************************
SPS-83100-CXX0G (RoHS Compliant) 3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
l l l l l l l l l l l l
Up to 4.25 Gbps Bi-directional Data Links Hot-Pluggable SFP Footprint LC Optical Transceiver Small Form-Factor Pluggable (SFP) MSA compatible Compliance with Fibre Channel FC-PI 400/200/100-SM-LC-L 18 Wavelength (): 1270 nm to 1610 nm CWDM DFB LD Transmitter High Sensitivity APD Receiver 30 dB Power Budget at Least AC/AC Coupling according to MSA Single +3.3 V Power Supply RoHS Compliant 0 to 70oC Operating Class 1 Laser International Safety Standard IEC-60825 Compliant
The SPS-83100-CXX0G series single mode transceivers are small form factor pluggable modules for bi-directional serial optical data communications such as 4x/2x/1x Fibre Channel and 1000BASE Ethernet. It is with the SFP 20-pin connector to allow hot plug capability. This module is designed for single mode fiber and operates at a nominal wavelength of CWDM wavelength. There are eighteen center wavelengths available from 1270 nm to 1610 nm, with each step 20 nm. A guaranteed minimum optical link budget of 30 dB is offered. The transmitter section uses a multiple quantum well CWDM DFB laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL logic interface simplifies interface to external circuitry.
APPLICATIONS
l Tri-rate 1.063/2.125/4.25 Gb/s Fibre Channel l 1.25 Gb/s 1000 BASE Ethernet
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
Wavelength Package (nm) CWDM LC SFP Temp. (oC) 0 to 70 TX Power RX Sens. RoHS (dBm) (dBm) Compliant 6 to 3 Typ. (nm) 1450 1470 1490 1510 1530 1550 1570 1590 1610 -27 Max. (nm) 1457.5 1477.5 1497.5 1517.5 1537.5 1557.5 1577.5 1597.5 1617.5 Yes Clasp Color Code Yellow Orange Gray Violet Blue Green Yellow Orange Red Brown
ORDER INFORMATION
P/No. Bit Rate (Gb/s) 4 /2/1
o
FC-PI
SPS-83100-CXX0G Central Wavelength -C270 -C290 -C310 -C330 -C350 -C370 -C390 -C410 -C430 Min. (nm) 1264.5 1284.5 1304.5 1324.5 1344.5 1364.5 1384.5 1404.5 1424.5
400/200/100 Max. (nm) 1277.5 1297.5 1317.5 1337.5 1357.5 1377.5 1397.5 1417.5 1437.5
Power Budget (dBm) > 30
CWDM* Wavelength (0 to 70 C)
Typ. (nm) 1270 1290 1310 1330 1350 1370 1390 1410 1430 Clasp Color Central Code Wavelength Light Purple -C450 Sky Blue -C470 Yellow Green -C490 Yellow Ocher -C510 Pink -C530 Beige -C550 White -C570 Silver -C590 Black -C610 Min. (nm) 1444.5 1464.5 1484.5 1504.5 1524.5 1544.5 1564.5 1584.5 1604.5
CWDM*: 18 Wavelengths from 1270 nm to 1610 nm, each step 20 nm.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 V2.0
Optoway
Absolute Maximum Ratings
Parameter Storage Temperature Case Operating Temperature Power Supply Voltage Symbol Tstg Topr Vcc Min -40 0 -0.5 Max 85 70 3.6 Units o C o C V
SPS-83100-CXX0G
Notes
2
***********************************************************************************************************************************************************************
Recommended Operating Conditions
Parameter Power Supply Voltage Case Operating Temperature Power Supply Current Data Rate Symbol Vcc Topr ICC (TX+RX) 1 Min 3.13 0 Typ 3.3 200 4.25 Max 3.47 70 300 Units / Notes V o C mA Gb/s
Transmitter Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V)
Parameter Symbol Min Typ Max Optical Optical Transmit Power Po 3 --6 Optical Modulation OMA 1600 --Amplitude@4.25Gb/s c -5.5 c c +7.5 Output Center Wavelength Output Spectrum Width --1 Side Mode Suppression Ratio SMSR 30 Optical Rise / Fall Time tr /tf 90 Relative Intensity Noise RIN -120 Optical Dispersion Penalty 4 Electrical Data Input Current - Low IIL -350 Data Input Current - High IIH 350 Differential Input Voltage VIH - V IL 0.5 2.4 TX Disable Input Voltage - Low TDIS, L 0 0.5 TX Disable Input Voltage - High TDIS, H 2.0 Vcc TX Disable Assert Time T ASSERT 10 TX Disable Deassert Time TDEASSERT 1 TX Fault Output Voltage -- Low TFaultL 0 0.5 TX Fault Output Voltage -- High TFaultH 2.0 Vcc+0.3 1. Output power is power coupled into a 9/125 m single mode fiber. 2. ITU-T G.694.2 CWDM wavelength from 1270 nm to 1610 nm, each step 20 nm. 3. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX. 4. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage). Units dBm W nm nm dB ps dB/Hz dB A A V V V s ms V V Notes 1
2 -20 dB Width 20 % to 80%,unfiltered 1600ps/nm dispersion
Peak-to-Peak 3 3
4 4
Receiver Specifications (0oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter Optical Sensitivity @4.25Gb/s Sensitivity @2.125 / 1.063Gb/s Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Electrical Differential Output Voltage Output LOS Voltage -- Low Output LOS Voltage -- High Symbol Sens1 Sens2 Pin Pa Pd -9 ---40 1.0 1260 0.6 0 2.0 Min Typ Max 2.6 -27 2.6 -27 -27 --1600 2.0 0.5 Vcc+0.3 Units W dBm W dBm dBm dBm dBm dB nm V V V Notes 5 6 5 6 Transition: low to high Transition: high to low
-------
VOH - VOL VOL VOH
7 7
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 V2.0
Optoway
CONNECTION DIAGRAM
SPS-83100-CXX0G
3
***********************************************************************************************************************************************************************
5. Measured at PRBS 27-1 at BER 1E-12. 6. Represents sensitivity based on OMA spec, as corrected to incoming Extinction Ratio of 9 dB. For example, an OMA of 2.6 W is approximately equal to an average power of -27.7 dBm, average with an Extinction ratio of 9 dB. 7. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
PIN
1 2 3 4 5 6 7 8 9 10
Signal Name
TX GND TX Fault TX Disable MOD-DFE2 MOD-DEF1 MOD-DEF0 N/C LOS RX GND RX GND
Description
Transmitter Ground Transmitter Fault Indication Transmitter Disable (Module disables on high or open) Modulation Definition 2 - Two wires serial ID Interface Modulation Definition 1 - Two wires serial ID Interface Modulation Definition 0 - Ground in Module Not Connected Loss of Signal Receiver Ground Receiver Ground
PIN
11 12 13 14 15 16 17 18 19 20
Signal Name
Description
RX GND Receiver Ground RX DATA OUT- Inverse Receiver Data Out RX DATA OUT+ Receiver Data Out RX GND Vcc RX Vcc TX TX GND TX DATA IN+ TX DATA INTX GND Receiver Ground Receiver Power - 3.3V5% Transmitter Power - 3.3V5% Transmitter Ground Transmitter Data In Inverse Transmitter Data In Transmitter Ground
Module Definition
Module Definition 4 MOD-DEF2 PIN 4 SDA MOD-DEF1 PIN 5 SCL MOD-DEF0 PIN 6 LV-TTL Low Interpretation by Host Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 V2.0
Optoway
RECOMMENDED CIRCUIT SCHEMATIC
VeeT Tx_DISABLE Tx_FAULT (1,17,20) 3 2 4.7K to 10K TD + 18 Z=50 TD 19 Z=50 VccT 16 10nF 1H Vcc 3.3V 10F 10nF 1H VccR 15 10nF 10F 10F TD TD +
SPS-83100-CXX0G
4
***********************************************************************************************************************************************************************
Tx_DISABLE Tx_FAULT
LD Driver
100
SerDes IC
Protocol IC
RD -
12 Z=50 100
RD -
POST Amp
RD +
13 Z=50 4.7K to 10K
RD +
depending on SERDES
LOSS OF SINGAL
LOS VeeR MOD_DEF(0)
8 (9,10,11,14) 6 5 4 4.7K to 10K Vcc 3.3V 4.7K to 10K
MODULE DETECT SCL SDA 4.7K to 10K
EEPROM
MOD_DEF(1) MOD_DEF(2)
SFP module
PACKAGE DIAGRAM Units in mm
Note: Specifications subject to change without notice.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 V2.0
Optoway
Revision History
Version
1.0 2.0 Initial datasheet Add clasp color codes for 18 wavelengths
SPS-83100-CXX0G
5
***********************************************************************************************************************************************************************
Subject
Release Date
2007/8/1 2008/1/1
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 V2.0


▲Up To Search▲   

 
Price & Availability of SPS-83100-CXX0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X