Part Number Hot Search : 
NRF905 RT3YB7M 01118 M2125 DUG10A MAX10 768KH TFS170F
Product Description
Full Text Search
 

To Download SLF15000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER DISCRETES Description
Quick reference data VR = IF = Ir = IFSM 2500V - 15000V 0.5A 5A = 35A
SLF2500, SLF5000, SLF10000, SLF15000 Fast Recovery High Voltage Rectifier Assembly
Features
Low forward voltage drop Low reverse leakage current High thermal shock resistance
Electrical Specifications
Electrical specifications @ TA = 25C unless otherwise specified.
Device Types
VRWM
IF (AV) TA= 25C
IF (AV) TA= 55C
IFRM
IFSM
IR @ VRWM, TA= 25C
IR @ VRWM, TA= 100C
Vf @ IF(AV) TA= 25C
trr
Dim "C" (See Table G21) Inches 1.145 1.145 2.020 2.770
Volts S LF 2500 S LF 5000 S LF 10000 S LF 15000 2500 5000 10000 15000
Amps 0.5 0.5 0.5 0.5
Amps 0.5 0.5 0.5 0.5
Amps 10 10 10 10
Amps 35 35 35 35
A 5 5 5 5
A 100 100 100 100
Volts 4 7.5 15 22.5
ns 300 300 300 300
Revision: August 15, 2006
1
www.semtech.com
SLF2500, SLF5000, SLF10000, SLF15000
POWER DISCRETES Ordering Information
Part Number S LF 2500 S LF 5000 S LF 10000 S LF 15000 Description
Axial lead(1)
Note: (1) Available in trays. Please consult factory for quantities.
Outline Drawing
G21
DIMENSIONS DIMN A B C D E .048 INCHES MIN 2.00 MAX .52 MIN 50.8 MM MAX 13.2 NOTE -
SEE TABLE (Page 1) .26 .054 1.22 6.6 1.37 -
Contact Information
Semtech Corporation Power Discretes Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
2006 Semtech Corp.
2
www.semtech.com


▲Up To Search▲   

 
Price & Availability of SLF15000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X