Part Number Hot Search : 
PCA9541 UPD65523 35977 K6A65D SL28773 13FAD 74904 SF20SC6
Product Description
Full Text Search
 

To Download SK32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK32
* * * * * *
THRU SK310
3 Amp Schottky Rectifier 20 to 100 Volts
DO-214AC (SMAJ) (High Profile)
H Cathode Band
Features
Same Electrical Characteristics As The SMC Version Very Low Cost Can Be Up To 50% Smaller Than The SMC To Save Precious Board Space High Current Capability With Low Forward Voltage For Surface Mount Applications Gull Wing, Or DO215AC Version, Available
* * *
Maximum Ratings
Operating Temperature: -50C to +125C Storage Temperature: -50C to +150C Maximum Thermal Resistance; 10C/W Junction To Lead MCC Part Number SK32A SK33A SK34A SK35A SK36A SK38A SK310A Device Marking Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 50V 60V 80V 100V Maximum RMS Voltage 14V 21V 28V 35V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 40V 50V 60V 80V 100V
DIM A B C D E F G H J
J
SK32A SK33A SK34A SK35A SK36A SK38A SK310A
A
C
E F G
D
B
DIMENSIONS INCHES MIN .078 .067 .002 --.035 .065 .205 .160 .100 MM MIN 1.98 1.70 .05 --.89 1.65 5.21 4.06 2.57
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current
Maximum Instantaneous Forward Voltage SK32A-34A SK35A-36A SK38A-310A
IF(AV) IFSM
3.0A 100A
TJ = 120C 8.3ms, half sine
MAX .116 .089 .008 .02 .055 .096 .224 .180 .112
MAX 2.95 2.25 .20 .51 1.40 2.45 5.69 4.57 2.84
NOTE
SUGGESTED SOLDER PAD LAYOUT
VF
.50V .75V .85V
IFM = 3.0A; TJ = 25C*
0.090"
Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance
IR
.5mA 20mA 45pF
TJ = 25C TJ = 100C Measured at 1.0MHz, VR=4.0V
0.085"
CJ
0.070"
*Pulse test: Pulse width 200 sec, Duty cycle 2%
SK32 THRU SK310
Figure 1 Typical Forward Characteristics 100 60 40 20 SK32A-SK34A 10 6 4 2 Amps 1 .5 .6 .4 .2 25C .1 .06 .04 .02 .01 .2 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Junction Capacitance 1000 SK35A-SK310A 600 400 200 pF TJ=25C 100 60 40 20 10 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 SK32A-34A 1.0 1.2 1.4 0 Single Phase, Half Wave 60Hz Resistive or Inductive Load 40 60 80 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 120 140 160 1.5 Amps 1.0 SK35A-SK310A 2.0 2.5 3.0 Figure 2 Forward Derating Curve
Junction Capacitance - pFversus Reverse Voltage - Volts
SK32 THRU SK310
Figure 4 Typical Reverse Characteristics 10 6 4 2 1 .6 75 .4 .2 25C Amps .1 0 .06 .04 .02 .01 .006 .004 .002 .001 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 SK32A-34A SK35A-310A 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 25 Amps 50 Figure 5 Peak Forward Surge Current 150 125 100
Figure 6 New SMA Assembly
Round Lead


▲Up To Search▲   

 
Price & Availability of SK32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X