![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DC Meter Shunts 50A to 15000A RESISTORS CAPACITORS COILS DELAY LINES Term.W is RoHS compliant & 260C process compatible RoHS Figure 1 Panel Mount Figure 2 Vertical Mount .230 [5.8] Figure 3 Vertical Mount High Current Typical Performance Accuracy: 0.5% Std, 0.25% available TCR: 15ppm/C Dielectric Strength (Fig.1 only): base panel = 1KV Application Notes: 1) For reduced temperature rise, mount units with multiple resistance blades in vertical position so that the heat rises between the blades. 2) Number of resistance blades shown is for illustration purposes only. Actual parts may have more or less blades depending on current rating and voltage drop. 3) Hot spot of shunt should be maintained below 100C via use of suitable bus bar size, positioning, and air flow. The parts should never be allowed to exceed 145C as this would cause permanent resistance shift. 4) Shunts may be connected in parallel for increased current capacity (requires separate pair of millivolt leads connecting each shunt to the instrument terminals). P/N Designation: SHM 50 500 W .230 [5.8] Figure 4 Horizontal Mount .240 [6] 4 mounting holes, 0.40 [10] dia. on 800A & 1KA 4 mounting holes, 0.47 [12] dia. on 1500A & 2KA 6 mounting holes, 0.47 [12] dia. on 3KA & 4KA 8 mounting holes, 0.63 [16] dia. on 5KA .87 [22] 800-1000A 3.07 [78] 1.5K-4KA 3.78 [96] 5000A RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com 113 FA042C Sale of this product is in accordance with GF-061. Specifications subject to change without notice. 3 32109876543210987654321 210987654321098765432 32109876543210987654321 2109876543210987654321 32109876543210987654321 3 1 RCD Type Voltage Drop (mV) Current Rating (A) Accuracy: (leave blank for 0.5% std), C=0.25% Material: W=RoHS-compliant/lead-free, Q=Tin/Lead solder (leave blank if either is acceptable) Figure 5 Horizontal Mount, High Current 1.97 [50] .... .... C .... .... 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 .... .... C .... .... 2109876543210987654321 2109876543210987654321 2109876543210987654321 2109876543210987654321 2109876543210987654321 2109876543210987654321 2109876543210987654321 .40 [10] 1.20 [30] B .87[22] 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 . .... .... .... .... 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 . .... .... C .40 [10] 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 .... .... 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 RCD Type SPM5050 SPM5060 SPM5075 SVM5050 SVM5060 SVM5075 SVM50100 SVM50150 SVM50200 SVM100300 SVM100500 SHM50300 SHM50400 SHM50500 SHM50600 SHM50800 SHM501000 SHM501500 SHM502000 SHM503000 SHM504000 SHM505000 Drop 50mV 50mV 50mV 50mV 50mV 50mV 50mV 50mV 50mV 100mV 100mV 50mV 50mV 50mV 50mV 50mV 50mV 50mV 50mV 50mV 50mV 50mV Rating 50A 60A 75A 50A 60A 75A 100A 150A 200A 300A 500A 300A 400A 500A 600A 800A 1000A 1500A 2000A 3000A 4000A 5000A Fig. 1 1 1 2 2 2 2 2 2 3 3 4 4 4 4 5 5 5 5 5 5 5 Dim. A 1.18 [30] 1.18 [30] 1.18 [30] 0.80 [20] 0.80 [20] 0.80 [20] 1.17 [30] 1.17 [30] 1.17 [30] 1.00 [25.4] 1.75 [44.5] 1.00 [25.4] 1.34 [34] 1.73 [44] 2.12 [54] 2.91 [74] 3.46 [88] 3.15 [80] 3.15 [80] 6.30 [160] 6.30 [160] 7.87 [200] Dim. B 4.72 [120] 4.72 [120] 4.72 [120] 3.15 [80] 3.15 [80] 3.15 [80] 3.15 [80] 3.15 [80] 3.15 [80] 4.13 [105] 4.13 [105] 3.54 [90] 3.54 [90] 3.54 [90] 3.54 [90] 3.54 [90] 3.54 [90] 5.90 [150] 5.90 [150] 5.90 [150] 5.90 [150] 5.90 [150] Dim. C 5.12 [130] 5.12 [130] 5.12 [130] 3.94 [100] 3.94 [100] 3.94 [100] 3.94 [100] 3.94 [100] 3.94 [100] 5.24 [133] 5.24 [133] 4.65 [118] 4.65 [118] 4.65 [118] 4.65 [118] 4.65 [118] 4.65 [118] 7.09 [180] 7.09 [180] 7.09 [180] 7.09 [180] 7.87 [200] ..... ..... B C .320 [8] A 1.50 [38] B 0.90 [23] . .55 [14] ..... ..... 32109876543210987654321 32109876543210987654321 . 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 32109876543210987654321 Low cost and broad selection! Nearly 100 models of standard and mini-shunts available (most popular models listed below). Custom models are our specialty: 10 to 10m, 10mV to 1V, up to 15KAmp Standard models are 50 to 5000 Amp, 50mV & 100mV Available on SWIFT TM delivery program Heavy duty brass terminal blocks Low TC and low thermal EMF Manganin element Uniform current distribution Stamped with current and voltage .200 [5] A 3.15 [80] . 1KV insul. base .55 [14] .55 [14] A 1.20 [30] B . .870 [22] C A A B |
Price & Availability of SHM50500CQ
![]() |