Part Number Hot Search : 
C5000 OP490 ML60171C ZTB196D 10005 RN5RZ29A 10005 ZN448E
Product Description
Full Text Search
 

To Download SGC-23861 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Description
Sirenza Microdevices' SGC-2386Z is a high performance SiGe HBT MMIC amplifier utilizing a Darlington configuration with a patented active bias network. The active bias network provides stable current over temperature and process Beta variations. Designed to run directly from a 3V supply, the SGC-2386Z does not require a dropping resistor as compared to typical Darlington amplifiers. The SGC-2386Z is designed for high linearity 3V gain block applications that require small size and minimal external components. It is internally matched to 50 ohms.
SGC-2386Z
50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
Pb
RoHS Compliant & Green Package
Gain & Return Loss
30 20 S21
VD = 3V, ID = 26mA
Gain, RL (dB)
10 0 -10 -20 -30 0 0.5 1 1.5 2 2.5 3 3.5 4
Bias Tee Data, ZS = ZL = 50 Ohms, TL = 25C
Product Features * Single Fixed 3V Supply * No Dropping Resistor Required * Patented Self-Bias Circuitry * P1dB = 9.7 dBm at 1950 MHz * OIP3 = 23 dBm at 1950 MHz * Robust 1000V ESD, Class 1C HBM Applications * PA Driver Amplifier * Cellular, PCS, GSM, UMTS, WCDMA * IF Amplifier * Wireless Data, Satellite
Frequency 850 MHz 1950 MHz 2400 MHz 850 MHz 1950 MHz 2400 MHz 850 MHz 1950 MHz 2400 MHz 1950 MHz 1950 MHz 1930 MHz Min. 15.5 11 Typ. 17.0 12.5 11.4 10.5 9.7 9.9 23.0 23.0 24.5 18.0 16.5 3.8 3 22
OIP3 Tone Spacing = 1MHz Pout per tone = -5 dBm
S22 S11
Frequency (GHz)
Symbol G
Parameters Small Signal Gain
Units dB
Max. 18.5 14
P1dB
Output Power at 1dB Compression
dBm
8.7
OIP3 IRL ORL NF VD ID Rth, j-l
Output Third Order Intercept Point Input Return Loss Output Return Loss Noise Figure Device Operating Voltage Device Operating Current Thermal Resistance (junction to lead)
VD = 3.0V Bias Tee Data ID = 26mA TL = 25C
dBm dB dB dB V mA C/W
21 14.0 12.5
4.8
26 205
30
Test Conditions:
ZS = ZL = 50 Ohms
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2007 Sirenza Microdevices, Inc.. All worldwide rights reserved.
Test Conditions: 303 S. Technology Ct. Broomfield, CO 80021
Phone: (800) SMI-MMIC 1
http://www.sirenza.com
EDS-104972 Rev C
SGC-2386Z 0.05-4.0 GHz Cascadeable MMIC Amplifier
Typical RF Performance at Key Operating Frequencies (Bias Tee)
Symbol G OIP3 P1dB IRL ORL S12 NF Parameter Small Signal Gain Output Third Order Intercept Point Output Power at 1dB Compression Input Return Loss Output Return Loss Reverse Isolation Noise Figure
VD = 3V TL = 25C ID = 26mA Typ. ZS = ZL = 50 Ohms
Unit dB dBm dBm dB dB dB dB 100 18.4 23.5 11.0 24.0 23.0 20.5 2.9 500 18.0 23.5 11.0 19.0 18.5 21.5 3.0
Frequency (MHz) 850 17.0 23.0 10.5 20.0 19.0 22.0 3.3 1950 12.5 24.5 10.2 18.0 16.5 20.0 3.8 2400 11.4 24.5 9.9 18.0 15.5 19.5 3.9 3500 9.0 23.0 8.6 16.0 14.5 18.0 4.7
Test Conditions:
OIP3 Tone Spacing = 1MHz, Pout per tone = -5 dBm
Typical Performance with Bias Tee, VD = 3V, ID = 26mA
OIP3 vs. Frequency (-5dBm/tone, 1MHz spacing)
28
15
P1dB vs. Frequency
26
13
P1dB (dBm)
OIP3 (dBm)
24
11
22 25C 20 -40C 85C 18 0 0.5 1 1.5 2 2.5 3 3.5
9 25C 7 -40C 85C
5 0 0.5 1 1.5 2 2.5 3 3.5
Frequency (GHz)
Frequency (GHz)
Absolute Maximum Ratings
Parameter Max Device Current (ICE) Max Device Voltage (VCE) Max. RF Input Power* (See Note) Max. Junction Temp. (TJ) Operating Temp. Range (TL) Max. Storage Temp. *Note: Load condition, ZL = 50 Ohms Absolute Limit 55 mA 4.5 V +18 dBm +150C -40C to +85C +150C
Reliability & Qualification Information Parameter ESD Rating - Human Body Model (HBM) Moisture Sensitivity Level Rating Class 1C MSL 1
This product qualification report can be downloaded at www.sirenza.com
Caution: ESD sensitive
Appropriate precautions in handling, packaging and testing devices must be observed.
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage and current must not exceed the maximum operating values specified in the table on page one. Bias Conditions should also satisfy the following expression: IDVD < (TJ - TL) / RTH, j-l TL=TLEAD
303 S. Technology Ct. Broomfield, CO 80021 Phone: (800) SMI-MMIC 2
http://www.sirenza.com
EDS-104972 Rev C
SGC-2386Z 0.05-4.0 GHz Cascadeable MMIC Amplifier
Typical Performance with Bias Tee, VD = 3V, ID = 26mA
NF vs. Frequency
6.0
40 35
Current vs. Voltage
+25C -40C
5.0
30 25
+85C
NF (dB)
4.0
Id (mA)
25C 85C 0 0.5 1 1.5 2 2.5 3 3.5
20 15 10 5
3.0
2.0
1.0
0 0 0.5 1 1.5 2 2.5 3 3.5 4
Frequency (GHz)
Vd (V)
|S11| over Frequency
0 -5 -10 25C -40C 85C
|S21| over Frequency
20 16
Gain (dB)
S11 (dB)
12 8 4 0 25C -40C 85C
-15 -20 -25 -30 0 0.5 1 1.5 2 2.5 3 3.5 4
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
Frequency (GHz)
|S12| over Frequency
0 -5 25C -40C
0 -5 -10
|S22| over Frequency
25C -40C 85C
S12 (dB)
-10 -15 -20 -25 -30 0 0.5
S22 (dB)
1.5 2 2.5 3 3.5 4
85C
-15 -20 -25 -30 0 0.5 1 1.5 2 2.5 3 3.5 4
1
Frequency (GHz)
Frequency (GHz)
303 S. Technology Ct. Broomfield, CO 80021
Phone: (800) SMI-MMIC 3
http://www.sirenza.com
EDS-104972 Rev C
SGC-2386Z 0.05-4.0 GHz Cascadeable MMIC Amplifier Basic Application Circuit
Vd
Application Circuit Schematic
Application Circuit Element Values
Reference Designator 100-2000MHz 2000-4000MHz
1uF
1000pF
C3 L1
C1 C2 C3 L1
1000pF 100pF 100pF 150nH
2.7pF 6.8pF 6.8pF 39nH
1,2 RF IN C1 3
SGC-2386Z
6 C2
RF OUT
4,5
1uF 1000pF C3 L1 C1 C2
Part Identification Marking & Pinout
3
4
2
1
Pin #
Function
Description
Part / Evaluation Board Ordering Information
Part Number Description Reel Size Devices / Reel
1
RF IN
RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation Connection to ground. Use via holes as close to the device ground leads as possible to reduce ground inductance and achieve optimum RF performance
SGC-2386Z SGC-2386Z-EVB1
Lead Free, RoHs Compliant 100-2000 MHz Evaluation Board
13" N/A N/A
3000 N/A N/A
2,4
GND
3
RF output and bias pin. This pin requires the use of an RF OUT / external DC blocking capacitor chosen for the frequency of DC BIAS operation.
SGC-2386Z-EVB2 2000-4000 MHz Evaluation Board
303 S. Technology Ct. Broomfield, CO 80021
Phone: (800) SMI-MMIC 4
http://www.sirenza.com
EDS-104972 Rev C
SGC-2386Z 0.05-4.0 GHz Cascadeable MMIC Amplifier
86 PCB Pad Layout
Dimensions in inches [millimeters] Notes: 1. Provide a large ground pad area under device pins 2 and 4 with several platedthrough holes placed as shown. 2. 1-2 ounce finished copper thickness is recommended. 3. RF I/O lines are 50
RF IN
RF OUT
86 Nominal Package Dimensions
Dimensions in inches [millimeters] A link to the 86 package outline drawing with full dimensions and tolerances may be found on the product web page at www.sirenza.com.
303 S. Technology Ct. Broomfield, CO 80021
Phone: (800) SMI-MMIC 5
http://www.sirenza.com
EDS-104972 Rev C


▲Up To Search▲   

 
Price & Availability of SGC-23861

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X