Part Number Hot Search : 
SE139 M347S EPB5011G MS320 TORX1 MC330 1028548 KA2101
Product Description
Full Text Search
 

To Download RV16YGPMH10FA100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RV16 Series
TOCOS
PA N E L C O N T R O L S
(R)
16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16YPL
RV16YN
RV16YNME
Features
16mm diameter, single-turn industrial panel controls Carbon film element Linear or audio tapers Single and tandem units, single shaft; dual unit, dual shaft Optional switch, center detent, and shaft lock available 3.2mm diameter metal shafts in slot, flat or round end styles Standard 10mm or 15mm shaft length Panel or PC board mounting styles Lug or pin terminals Right angle mount pin configurations
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . B = 100 to 2M A,C = 2k to 2M Resistance Tolerance . . . . . . . . . . . . . . . . . 10% standard End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 max. Resistance Taper . . . . B = linear; A = CW audio (logarithm); C = CCW audio (logarithm) Peak Noise (C.R.V.) . . . . . . . 3% or 3, whichever is greater Power Rating . . . . . . . . . . . . . B = 0.1 watt; A,C = 0.05 watt at 40 C, 0 watt at 85 C Maximum Input Voltage . . . . . . . . 200VDC or power rating, whichever is smaller Insulation Resistance . . . . . . . 100M minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 240 10
Environmental
Temperature Range . . . . . . . . . . . . . . . . . . 10 C to 85 C Low Temperature Exposure . . . 10 C, 1 hour without load T/R ) 2.5% Load Life . . . . . . . . . . 40 C, 90 minutes on, 30 minutes off, 1,000 hours with rated load T/R ) 15%
Moisture Resistance . . . . . . . . . . . . . . . 40 C, 90-95%RH, 96 hours without load T/R ) 10% Thermal Shock . . . . . . . . . . . . . . . . . . . . . . . 10 C ~ 85 C, 5 cycles without load T/R ) 10% Shock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50G, 11 m /s T/R ) 2.5% Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions, 2 hours each T/R ) 2.5% Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds; 260 C, 5 seconds (PCB units) T/R ) 2% Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock models only) without load T/R ) 10%
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 260 10 Shaft Torque Single Unit . . . . . 20.4 to 204 gf* cm (0.283 to 2.828 oz*in) Other Units . . . . 20.4 to 357 gf* cm (0.283 to 4.949 oz*in) Stop Strength . . . . . . . . . . . 3.06 kgf*cm (42.42 oz*in) max. Mounting Nut Torque . . . . . 10.2 kgf* cm (141.4 oz*in) max. Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds Marking . . . . . . . . . . . . . Model type, taper, resistance code, terminal identification, date code
Standard Rotary Switches
Switch Rating . . . . . . . . . . . . . 110VAC, 0.5A, SPDT or SPST Contact Resistance . . . . . . . . . . . . . . . . . . . . . . 0.05 max. Operating Torque . . . . . . . . 1,530 gf*cm (21.21 oz * in) max. Operating Life . . . . . . . . . . . . . . . 10,000 cycles without load
T/R = Total Resistance Change
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
19
RV16 Series
RV16YN & RV16YN-4C (with Center Detent) Panel Mount, Single Unit, Single Shaft Right Angle Ear-Lug Terminals
Dimensions
Unit: mm
Recommended Panel Mounting Hole
RV16YL
Panel Mount, Single Unit, Single Shaft with Shaft Lock Right Angle Ear-Lug Terminals
Recommended Panel Mounting Hole
RV16YNMH & RV16YNSH
Panel Mount, Single Unit with Switch, Single Shaft Right Angle Ear-Lug Terminals, Rear Exit Lug Terminals for 0.5A SPDT or SPST Switch
Recommended Panel Mounting Hole
* The SPST switch (SH code designation) does not have a B terminal.
20
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RV16 Series
RV16YP
Dimensions
Unit: mm
PCB Mount, Single Unit, Single Shaft Right Angle Mount Pin Terminals, 3-Pin Inline Pattern, 2-Pin Standoff Rear Support Bracket
Recommended PCB Mounting Holes
RV16YPL
PCB Mount, Single Unit, Single Shaft with Shaft Lock Right Angle Mount Pin Terminals, 3-Pin Inline Pattern, 2-Pin Standoff Rear Support Bracket
Recommended PCB Mounting Holes
RV16YG
Panel Mount, Ganged Tandem Unit, Single Shaft Right Angle Ear-Lug Terminals on Each Unit
Recommended Panel Mounting Hole
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
21
RV16 Series
RV16YGP
Dimensions
Unit: mm
PCB Mount, Ganged Tandem Unit, Single Shaft Right Angle Mount Pin Terminals on Each Unit, 3-Pin Inline Pattern, 2-Pin Standoff Rear Support Bracket
Recommended PCB Mounting Holes
RV16YGMH
Panel Mount, Ganged Tandem Unit with Rear Unit Switch, Single Shaft Right Angle Ear-Lug Terminals on Each Unit, Rear Exit Lug Terminals for 0.5A SPDT Switch
Recommended Panel Mounting Hole
* Connect the A and C terminals only for a SPST switch. Do not use the B terminal. RV16YD
Panel Mount, Dual Unit, Dual Concentric Shaft Right Angle Ear-Lug Terminals on Each Unit
Recommended Panel Mounting Hole
22
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RV16 Series
RV16YDMH & RV16YDSH
Dimensions
Unit: mm
Panel Mount, Dual Unit with Rear Unit Switch, Dual Concentric Shaft Right Angle Ear-Lug Terminals on Each Unit, Rear Exit Lug Terminals for 0.5A SPDT or SPST Switch
Recommended Panel Mounting Hole
* The SPST switch (SH code designation) does not have a B terminal.
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
23
RV16 Series
RV 16 Y N -4C MH 20 S
Part Numbering System
B 103 K
NOTE: FMS = From Mounting Surface
Resistance Tolerance: K = 10% (standard). Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10; 101 = 100; 102 = 1,000; 103 = 10,000; 105 = 1,000,000 ). See table for standard resistance values. For Single Unit: Specify taper and resistance code as shown. For Ganged Tandem Unit or Dual Unit: Specify a taper code and resistance code for each unit starting with the front unit followed by the rear unit. If both units have the same taper and resistance codes, add "X2" suffix per example below. Examples: B103A503 or if both units are the same: B103X2 Resistance Taper: B = Linear. A = CW Audio (logarithm). C = CCW Audio (logarithm). Shaft End Style: S = Slotted; F = Flatted; R = Round. For Single Shaft: Specify the shaft length (FMS) and shaft end style as shown. For Dual Concentric Shafts: Specify the shaft length (FMS) and shaft end style for the inner shaft followed by the shaft length (FMS) and shaft end style for the outer shaft. Use a dash (-) to separate the code groups for the inner and outer shaft specifications. Example: 30R-20R Standard Shaft Length: 10 = 10mm FMS. 15 = 15mm FMS. Up to 30mm shaft length available (special order ). Switch Type: MH = SPDT, 110VAC, 0.5A, Rear Exit Lug Terminals. SH = SPST, 110VAC, 0.5A, Rear Exit Lug Terminals. Blank = No Switch. Detent: -4C = Center Detent. Blank = No Detent. Style: N = Panel Mount, Single Unit, Single Shaft, Right Angle Ear-Lug Terminals. L = Panel Mount, Single Unit, Single Shaft with Shaft Lock, Right Angle Ear-Lug Terminals. P = PCB Mount, Single Unit, Single Shaft, Right Angle Mount Pin Terminals, 3-Pin Inline Pattern, 2-Pin Standoff Rear Support Bracket. PL = PCB Mount, Single Unit, Single Shaft with Shaft Lock, Right Angle Mount Pin Terminals, 3-Pin Inline Pattern, 2-Pin Standoff Rear Support Bracket. G = Panel Mount, Ganged Tandem Unit, Single Shaft, Right Angle Ear-Lug Terminals on Each Unit. GP = PCB Mount, Ganged Tandem Unit, Single Shaft, Right Angle Mount Pin Terminals on Each Unit, 3-Pin Inline Pattern, 2-Pin Rear Standoff Support Bracket. D = Panel Mount, Dual Unit, Dual Concentric Shaft, Right Angle Ear-Lug Terminals on Each Unit. Operating Temperature Range: Y = 10 C to 85 C. Size: 16 = 16mm Diameter. TOCOS Series Name: RV = Carbon Film Element.
Standard Resistance Values and Part Numbering Codes
Standard Nominal Total Resistance Values and Part Numbering Codes
Resistance ( ) 100 200 500 Code 101 201 501 Resistance ( ) 1,000 2,000 5,000 Code 102 202 502 Resistance ( ) 10,000 20,000 50,000 Code 103 203 503 Resistance ( ) 100,000 200,000 500,000 Code 104 204 504 Resistance ( ) 1,000,000 2,000,000 Code 105 205
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability. For additional information, refer to Guidelines and Precautions for Using Panel Controls.
24
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com


▲Up To Search▲   

 
Price & Availability of RV16YGPMH10FA100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X