Part Number Hot Search : 
IRF640 ON2954 34151 NFC1520 NJU6396 34151 MCD448 DF02S
Product Description
Full Text Search
 

To Download RF101V330VBK160250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS RF Series: Radial Photo Flash
FEATURES
*For photo flash applications that require superior volumetric efficiency, low dissipation factor and low leakage current. *The tan lowered from the conventional product allows you to expect an increase in light.
SPECIFICATIONS
Item Operating Temperature Performance - 20C ~ + 55C
Rated Voltage
Capacitance Tolerance Leakage Current (at 20C) Dissipaton Factor(Tan ) Duration Time Capacitance Change Charge & Discharge Dissipation Factor Leakage Current 5000 Times Within 10%
330V, DC - 10 ~ + 20% (120Hz, 20C) I = 1x C ( A after 1 minute)or 3 ( A)) Where, C= rated capacitance in F; V= rated DC working voltage in V. 0.08 (at 120 Hz, 20C)
Less that 150% of specified value. Less than 200% of specified value.
Charge and discharge at rated voltage at 5 ~ 35C in every 30 seconds for 5000 times via Xe flash tube with discharge resistance of 0.7 ~ 1.0 Test Time Capacitance Change Shelf Life Test Dissipation Factor Leakage Current 500 Hours Within 15%
Less than 150% of specified value. Less than 200% of specified value.
The above specifications shall be satisfied when the capacitros are restored to 20C after exposing them for 500 hours at 65C without voltage applied Standards Satisfies Characteristic W of JIS C 5141
DIMENSIONS Dimension: DxL(mm)
Capacitance ( F) Case Size D x L (mm) 100 120 140 160 180 200 220 240 16 x 35 16 x 41 18 x 31 18 x 31
LEAD SPACING AND DIAMETER
D P d 16 7.5 0.8 1.5 0.5 18
16 x 25 16 x 31 16 x 31 16 x 31
18 x 35 18 x 41
NOTE: Other capacitance values and higher voltage are available upon request.
PART NUMBER EXAMPLE
RF 101 V 330V BK 160 250
C1CH08 REV 2002.01.18
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com


▲Up To Search▲   

 
Price & Availability of RF101V330VBK160250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X