Part Number Hot Search : 
05N50 2N5428 6N03L 00TTS 1N4002 1N4002 AN1328 AN78N12
Product Description
Full Text Search
 

To Download PVS-640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PVS-640
Features
3 year warranty Resolution: CIF / half D1 / 4CIF
Advanced Industrial 4U Rackmount DVR System
8/16/24/32-channel video input MPEG-4 S/W compression and H.264 (MPEG4-Part10) H/W compression Up to 4CIF resolution in display and recording mode with half the number of channels (hardware compression) Embedded system design for the highest stability Multiple backup options: external USB HD / CD-RW / DVD-RW Multiple remote surveillance and control functions Industrial-grade system platform with high efficiency cooling fan system
RoHS
COMPLIANT
2002/95/EC
Introduction
PVS-640 series is the advanced industrial-grade digital video surveillance system designed to meet the requirements of modern security markets. PVS-640 series uses MJPEG/MPEG4 software compression technology/ H.264 hardware compression technology, and provides configurable display/recording frame rates (from 7.5 fps to 30 fps) and configurable resolutions (from CIF to D1) to meet various user requirements. The system supports up to 3 hard disk drives and external storage devices can be added for extra video data storage capacity. Embedded system design is used to prevent virus attack and provide the highest stability. Easy installation, simple operation, high scalability, advanced functions and strong remote management support make PVS-640 series the right choice for any security-critical environment.
Hardware Specifications
Model Video Channels Audio Channels Chipset CPU RAM VGA Storage Operating System Power Supply Temperature Humidity Dimensions PVS-640-16SA PVS-640-8HP PVS-640-16HP 16 8 16 16 8 16 Intel(R) 945G + ICH7 Intel(R) Pentium(R) 4, 3.0GHz , 800MHz FSB DDR2 667/533 MHz 1GB (512MB x 2) Dual Channel Intel(R) Graphics Media Accelerator 950 1 x 3.5" 500GB SATA HDD (default) , Support up to 3 SATA HDDs Microsoft(R) Windows(R) XP Embedded (DOM) 400W , Single ATX power supply with full range 0 ~ 50 C (32 ~ 122 F) 10 ~ 85% @ 40C non-condensing 482 (W) X 177 (H) x 480 (D) mm (19" x 7 " x 18.9") PVS-640-24HP 24 24 PVS-640-32HP 32 32
Video Function Description
Function Specification Status Display E-map Monitoring Event Log display Screen Split Camera Layout Quality Adjustment Resolutions Recording Compression Format Recording Modes Recording Quality Recording Frame Description Prompt status displaying and event lists of systems login/logout, video lose, cameras status, web and remote connection, storage space, backup, sensors, and DO status.. E-map layout shows the locations of video cameras, sensors and alarm devices that allow you to control them and simultaneously link to surveillance system. Also provide the free tool for e-map edition Real time displaying for event list and automatic refresh of video event list in ViewLog. Full screen, 1, 4, 9, 10,13, 16,17, and 24 Sequencer, (Able to change time interval) Ability to assign private to each cameras' name and adjustable font displaying size and color Adjustable color control of Hue, Contrast, Brightness, and Saturation for preview, record and playback. Selectable recording resolutions (CIF, half D1, 4CIF) PAL: CIF (352 x 288), half D1 (704 x 288), 4CIF (704 x 576) / NTSC: CIF (352 x 240), half D1 (704 x 240), 4CIF (704 x 480) MPEG-4 / H.264 (MPEG4-Part10) Cyclic Recording, Non-Cyclic recording, Event Triggered Recording(motion, alarm), and Scheduled Recording (provides 7 Record modes for assigning private setup) Ability to adjust recording quality Adjustable recording frames of each camera and event
2-16
Digital Video Solutions
PVS-640
Motion Detection Recording Audio recording Pre & Post Alarm Recording Video format Record File Length Playback Speed Playback Mode Search Mode Search & Playback Smart Search Image Transfer Bookmark Recording time Data Storage Backup Storage Path Allowing setting multi-zone motion detection and schedulable, Able to adjust motion detection sensitivity (100 degrees), alarm delay time and do scheduling. Support 1-32 live audio recording (depend on product line ) to adjust pre-alarm and post-alarm recording time Able (Pre-alarm recording: 10 seconds, post-alarm recording: 100 seconds) Adjustable Video format(NTSC, PAL) Adjustable file length for record searching segment Single frame, 1/16x, 1/8x, 1/4x, 1/2x, 1x, 2x, 4x, 8x,16x, fast forward and rewind Show up to 16 camera's playback image simultaneously Allows searching of images by date, time, camera, and event. Calendar and time segment for day and time search Selectable event time, event type, and camera IDs for event search Search archives for incidents. Smart search list to save images as BMP, JPG and AVI format. Able Adjust picture brightness, contrast and font before saving and printing. Selectable day and time for video saving or using bookmark time record list directly. time links into bookmark for searching. Add Recording length varies depending on recording quality, resolution, mode and activity continuous recording-- oldest recorded data will automatically be overwritten when hard drive is full Auto Local: HDD/CD-RW/DVD-RW selectable/ External USB HDD/CD-RW/DVD-RW Backup mode: Auto(schedulable) and Manual to backup video file CD-Burning function Built-In (Needs Nero Burning ROM): able to burn on to an auto run CD/DVD to option Backup Center for remote backup. Able Adjust each storage path of each camera and reserve size. Setup each storage path to automatically delete the oldest file records Flexible and multiple event action plan. Able to define multi action taken for event source. Event source: motion detected, sensor triggered, video signal breaks, login failed, system abnormal and backup disk full etc. Event action: DO output, PTZ Control, e-mail sending, SMS notify, video file record, snapshots, phone/mobiles notification, warning sound playing, video group playing and execute certain programs etc E-mail notification with attached recording files or snapshot images on any event source like event triggers. E-mail and phone notification on multi event source. (with voice modem option) Supports setup of Alarm related with PTZ preset location. Adjustable Sensor and DO layout and schedulable View live video via Ethernet/ Internet Make remote event search, playback, e-map and setup. Monitor 32 cameras from DVRs. to view live video, event list , PTZ control, and do remote recording, remote playback, remote setting, Able e-map function and remote snapshot by IE browser Supports 1, 4, 9, 10,13, 16, 17, and 24 screen split to view live video by PDA (Pocket PC 2003 or Windows Mobile 5.0 Pocket PC) Able Multi-level passwords protection and unlimited user accounts for logins and passwords. Allowing to set authority of all user to each camera (local and remote monitor, playback, PTZ control, DO and e-map control, Network connecting user numbers and time limited, print and save function control etc.) Playback, record, backup, transmit and remote control simultaneously Embedded PTZ control panel: pan & tilt, zoom control and preset function. Support most popular PTZ protocol in web server supports dynamic IP. Built English, Traditional Chinese Save as picture with unchangeable digital watermark Windows lockup DVR login Auto reboot Auto
Digital Signage
Digital Video Solution
UbiQ Scenario Control
Self-service System Modules
1 2 3 4
Event Action Plan Alarm Notification E-mail and Phone notification PTZ Activation Sensor and DO Remote Control IE Remote Control View by PDA User Authority Authority Setting Multi-Tasking PTZ Control Operation Dynamic IP Support Language Watermark Others
PowerView RX
Network Control
Configure to Order Services
Please visit Advantech CTOS portal for order entry and see "Video Surveillance Solutions". http://buy.advantech.com
Online Download www.advantech.com/products
2-17


▲Up To Search▲   

 
Price & Availability of PVS-640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X