Part Number Hot Search : 
3A102 MODEL164 F200B LTCZR BUK95 EC1145 NCP300 AOT11N70
Product Description
Full Text Search
 

To Download PVS-640-SB16-A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PVS-640E Series
Features
8/16/24-channel video input Resolution: CIF/half D1/Full D1
Advanced Industrial DVR System
MPEG-4 software compression/ H.264 (MPEG4-Part10) Hardware compression Up to full D1 resolution in display and recording mode with half the number of channels (hardware compression) Embedded system design for the highest stability Multiple backup options: external USB HD/CD-RW/DVD-RW Multiple remote surveillance and control functions Industrial-grade system platform with high efficiency cooling fan system
Introduction
PVS-640E series is the advanced industrial-grade digital video surveillance system designed to meet the requirements of modern security markets. PVS-640E series uses MJPEG/ MPEG-4 software compression technology/ H.264 hardware compression technology, and provides configurable display/recording frame rates (from 7.5 fps to 30 fps) and configurable resolutions (from CIF to D1) to meet various user requirements. The system supports up to three hard disk drives and external storage devices can be added for extra video data storage capacity. Embedded system design is used to prevent virus attack and provide the highest stability. Easy installation, simple operation, high scalability, advanced functions and strong remote management support make PVS-640E series the right choice for any security-critical environment
Specifications
Model Video Channels Audio Channels Display Speed (NTSC/PAL) Recording Speed (NTSC/PAL) Resolution CPU RAM HDD IO Backup Device WDT Operating System Storage Devices Power Supply Form Factor Dimensions(W/H/D) Model Video Channels Audio Channels Display Speed (NTSC/PAL) Recording Speed (NTSC/PAL) Resolution CPU RAM HDD IO Backup Device Operating System Storage Devices Power Supply Form Factor Dimensions (W x H x D) Temperature Humidity PVS-640-SB16E 16 1 120/100 120/100 PVS-640-SC16E 16 16 120/100 120/100 PVS-640-SD16E 16 16 240/200 CIF: 240/200 Half D1: 120/100 D1: 60/50 PVS-640-SE16E 16 16 480/400 CIF: 480/400 Half D1: 240/200 D1: 120/100 PVS-640-SB24E 24 3 180 180/150
CIF/half D1/D1 Optional (suggestion: LGA 775 Intel(R) Pentium(R) 4 3.0 GHz or above) Optional (suggestion: DDR2 533/667 GHz, 512 MB or above) Optional (support up to 3 SATA HDDs) Optional Optional (external USB CD-RW/DVD-RW) Yes Windows(R) XP embedded OS License (DOM) 1 x 3.5" and 3 x 5.25" IDE drive bay 400 W power supply 4U 482 x 177 x 480 mm (19" x 7" x 18.9") PVS-640-HB8E PVS-640-HB16E 8 16 8 16 240/200 480/400 240/200 480/400 CIF/half D1/D1 (up to 4 Ch @ D1) CIF/half D1/D1 (up to 8 Ch @ D1) Optional (suggestion: LGA 775 Intel Pentium 4 3.0 GHz or above) Optional (suggestion: DDR2 533/667 GHz 512 MB or above) Optional (support up to 3 SATA HDDs) Optional Optional (external USB CD-RW/DVD-RW) Windows XP embedded OS License (DOM) 1 x 3.5" and 3 x 5.25" IDE drive bay 400 W power supply 4U 482 x 177 x 480 mm (19" x 7" x 18.9") -5 ~ 50 C (32~104 F) (operating) 10 ~ 85% @ 40 C, non-condensing (operating) PVS-640-HB32E 32 32 960/800 960/800 CIF/half D1/D1 (up to 16 Ch @ D1) PVS-640-HC16E 16 8 480/400 480/400 CIF/half D1/D1 (up to 8 Ch @ D1) PVS-640-HC32E 32 16 960/800 960/800 CIF/half D1/D1 (up to 16 Ch @ D1)
Online Download www.advantech.com/products
All product specifications are subject to change without notice Last updated : 7-Feb-2007
PVS-640E Series System Function Description
Function Monitoring Specification Status Display eMap Event Log Display Screen Split Cameras Layout Color Regulation Description Status prompts and event lists of system login/logout, video signal loss, camera status, Web and remote connection, storage space, backup, sensors, and DO status eMap layout shows the locations of video cameras, sensors and alarm devices to enable you to control them and show their status simultaneously Real-time display of the event list in the ViewLog Full screen, 1, 4, 9, 10, 13, 16, 17, and 24 sequencer with configurable time interval Assign a name to each camera in a chosen font, size and color Adjustable hue, contrast, brightness, and saturation for preview, record and playback Selectable recording resolutions (CIF, half D1, D1) Recording Resolutions PAL: CIF (352 x 288), half D1 (704 x 288), D1 (704 x 576) / NTSC: CIF (352 x 240), half D1 (704 x 240), D1 (704 x 480) Compression Format MPEG-4 Recording Modes Cyclic Recording, Non-cyclic Recording, Event Triggered Recording (motion, alarm), and Scheduled Recording (provides 7 recording modes for assigning private setup) Recording Quality Adjustable recording quality Recording Frame Adjustable recording frames for each camera and event Motion Detection Motion Detection Multi-zone motion detection, adjustable motion detection sensitivity (100 degrees), alarm delay time and scheduling Audio Recording Records up to 16 live audio channels depending on the product line Pre & Post Alarm Adjustable pre-alarm and post-alarm recording time (Pre-alarm recording: 10 seconds, post-alarm recording: 100 seconds) Recording Video format Adjustable Video format(NTSC, PAL) Record File Length Adjustable file length for record searching segment Playback Speed Single frame, 1/16x, 1/8x, 1/4x, 1/2x, 1x, 2x, 4x, 8x,16x, fast forward and rewind Playback Mode Simultaneous playback of up to 16 or 24 camera feeds Search images by date, time, camera and event Search Mode Calendar and time segment for day and time search Selectable event time, event type, and camera numbers for event search Smart Search Search archives for incidents with the smart search list Save images in BMP, JPG and AVI format Image Transfer Adjust picture brightness, contrast and font before saving and printing Select the day and time to save the video or use the bookmark time record list directly Bookmark Ability to add several time-link bookmarks for searching Recording length varies depending on recording quality, resolution, mode and activity Recording Time Auto-continuous recording: oldest recorded data will automatically be overwritten when hard drive is full HDD, CD-RW, DVD-RW, or external USB HDD local storage devices Auto (schedulable) and Manual video file backup modes Backup Built-in CD burning to burn auto-run CDs or DVDs (Needs Nero Burning ROM) Optional Backup Center software for remote backup Configurable storage path for each camera with configurable safe capacity limit for each storage space Storage Path Choice of whether or not to automatically delete the oldest file in each storage path Flexible and schedulable event actions with multiple actions per event source Event sources: motion detected, sensor triggered, video signal lost, login failed, system abnormal and backup disk full etc. Event Action Plan Event actions: DO set/reset, PTZ control, e-mail notification, SMS notification, video file record, snapshot, phone/mobile voice notification, warning sound playback, video group sequence and execute chosen programs etc. E-mail and Phone E-mail notification with attached recorded files or snapshots on any event source Notification E-mail and phone (with voice modem option) notification triggered by multiple event sources PTZ Activation Supports PTZ presets for each alarm event Sensor and DO Schedulable sensor and DO layout View live video via LAN or Internet Remote Control Remote event search, playback, eMap and setup Connect up to 256 PVS-640-S series DVRs with the Power Center Central Monitoring System (optional) View live video, event lists, PTZ control and record, playback, configure, view the eMap and take snapshots remotely from an IE browser IE Remote Control View 1, 4, 9, 10, 13, 16, 17 or 24 video feeds on one screen View by PDA View live video on a Pocket PC 2003 or Windows Mobile 5.0 Pocket PC PDA User Authority Multi-level password protection and unlimited user accounts for logins Assign camera access rights to each user (local and remote monitor, playback, PTZ control, DO and e-map control, total user network connections and time-outs, print Authority Setting and save function control etc.) Multitasking Playback, record, backup , transmit and remote control simultaneously Embedded pan, tilt and zoom control and preset functions PTZ Control Supports the most popular PTZ protocol Dynamic IP support Built-in Web server that supports dynamic IP Language English, Traditional Chinese Save as picture with unchangeable digital watermark Watermark Windows lock Others Auto DVR login Auto reboot
Recording
Search & Playback
Data Storage
Alarm Notification
Network Control (Power Center)
Operation
IO Module Options
Part Number DIO-100 DIO-150 I/O 4DI/4DO 4DI/3DO Description Fit with PVS-640-SB16/24, PVS-640-SR16 Fit with PVS-640-SP16
Voice Modem Options
Part Number VMC-100 Description Voice modem card
Ordering Information
Part Number PVS-640-SB16-A1E PVS-640-SC16-A1E PVS-640-SD16-A1E PVS-640-SE16-A1E Video Capture Cards PV-800*1 PV-850*1 PV-900*1 PV-1000*1 Application Software Version PV-6000 PV-6000 PV-6000 PV-6000 Part Number PVS-640-SB24-A1E PVS-640-HB8-A1E PVS-640-HB16-A1E PVS-640-HB32-A1E PVS-640-HC16-A1E Video Capture Cards PV-800*1, PV-600*2 PV-2100*1 PV-2100*2 PV-2100*4 PV-2200*1 Application Software Version PV-6000 PV-6000 PV-6000 PV-6000 PV-6000
Video Surveillance
All product specifications are subject to change without notice Last updated : 7-Feb-2007


▲Up To Search▲   

 
Price & Availability of PVS-640-SB16-A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X