Part Number Hot Search : 
88523 FRF9150H 2N5962 T1105 TA1370FG T260XW01 S1500 CDB5321
Product Description
Full Text Search
 

To Download PSUH95 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Three Phase AC Controller Modules
Preliminary Data Sheet VRSM VDSM 500 900 1300 1500 *1700 VRRM VDRM 400 800 1200 1400 *1600 Type PSUH 95/04 PSUH 95/08 PSUH 95/12 PSUH 95/14 PSUH 95/16
PSUH 95
IRMS VRRM
= 3 x 96A = 400-1600 V
* Delivery on request
Symbol
IRMS ITRMS ITAVM ITSM
Test Conditions
TC = 85 C, 50-400 Hz (per phase) TVJ = TVJM TC = 85 C 180 sine TVJ = 45C VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings
96 69 44 1150 1230 1000 1100 6600 6280 5000 5080 100 A A A A A A A A2 s A2 s A2 s A2 s A/s
Features * Thyristor controller for AC (circuit * * * *
W3C acc. to IEC) for mains frequency Isolation voltage 3000 V Planar glasspassivated chips Package with metal base plate UL registered E 148688
i2 dt
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
Applications * Switching and control of three
phase AC circuits
(di/dt)cr
TVJ = TJVM repetitive, IT = 150 A f = 50Hz, tP = 200s VD = 2/3 VDRM IG = 0.3 A non repetitive, IT = ITAVM diG/dt = 0.3 A/s
* Light and temperature control * Softstart AC motor controller * Solid state switches Advantages * Easy to mount with two screws * Space and weight savings * Improved temperature and power
cycling capability
500 1000 10 5 0.5 10 -40 ... + 125 125 -40 ... + 125
A/s V/s W W W V C C C V V Nm Nm Nm g
(dv/dt)cr PGM PGAVM VRGM TVJ TVJM Tstg VISOL Md
TVJ = TVJM VDR = 2/3 VDRM RGK = , method 1 (linear voltage rise) TVJ = TVJM IT = ITAVM tP = 30s tP = 300s
* High power density
Package, stil and outline
Dimensions in mm (1mm = 0.0394")
50/60 HZ, RMS IISOL 1 mA
t = 1 min t=1s (M5) (M3) (M5)
2500 3000 5 1.5 5 220
Mounting torque Terminal connection torque typ.
Weight
POWERSEM GmbH, Walpersdorfer Str. 53 91126 D- Schwabach Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
PSUH 95
Symbol
ID, IR VT VTO rT VGT IGT VGD IGD IL IH tgd tq RthJC RthJK dS dA a
Test Conditions
Characteristic Value
5 1.57 0.85 4.8 1.0 1.6 100 150 0.2 5 200 150 2 150 0.66 0.11 0.93 0.155 8.0 4.5 50 mA V V m V V mA mA V mA mA mA s s K/W K/W K/W K/W mm mm m/s2
TVJ = TVJM, VR = VRRM, VD = VDRM IT = 150A, TVJ = 25C For power-loss calculations only (TVJ = TVJM) VD = 6V VD = 6V TVJ = TVJM TVJ = TVJM TVJ = 25C TVJ = -40C TVJ = 25C TVJ = -40C VD = 2/3 VDRM VD = 2/3 VDRM
TVJ = 25C, tP = 10s IG = 0.3A, diG/dt = 0.3A/s TVJ = 25C, VD = 6V, RGK = TVJ = 25C, VD = 1/2 VDRM IG = 0.3A, diG/dt = 0.3A/s TVJ = TVJM, IT = 20A, tP = 200s, VR = 100V -di/dt = 10A/s, dv/dt = 15V/s, VD = 2/3 VDRM per thyristor; sine 180el per module per thyristor; sine 180 el per module Creeping distance on surface Creeping distance in air Max. allowable acceleration
POWERSEM GmbH, Walpersdorfer Str. 53 91126 D- Schwabach Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions


▲Up To Search▲   

 
Price & Availability of PSUH95

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X