Part Number Hot Search : 
ADUM5400 AZF510AV LTC7545 B400012 S15VB60 2SC327 G4BC30F BBY6507
Product Description
Full Text Search
 

To Download PSBDIN30A661028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIN Ready Solid State Relay
HIGHLIGHTS
x x x x x x x x x INPUT: AC CONTROL OUTPUT: BACK-TO-BACK SCR OPTO ISOLATION 2500 VAC (4000 V optional) ZERO VOLTAGE TURN-ON or RANDOM TURN-ON BUILT IN SAFETY COVER REVERSE VOLTAGE PROTECTION FOR DC/AC RELAYS BUILT IN SNUBBER FOR HIGH DV/DT DIN MOUNT OR BACK PLATE MOUNTING LED INDICATOR SHOWING RELAY 'ON' STATUS
(J: Zero voltage turn-on; K: Random turn-on)
ELECTRICAL SPECIFICATIONS
Parameter Symbol
PSB DIN 30A 661028
Type
PSB DIN 30A 661628 PSB DIN 30A 662528 PSB DIN 30A 664028
Unit
AC CONTROL Control voltage range Control current range Pick-up voltage Drop-out voltage Input resistance OUTPUT Mains control voltage Repetitive peak off state voltage RMS on-state current Zero turn-on voltage On-state voltage drop Off-state leakage current @ rated voltage Peak one cycle surge current (non-Rrep) Holding current Critical rate of rise of off-state voltage Thermal resistance (junction to case) Frequency range Storage temperature Operating temperature Turn-on time Turn-off time Fusing current
90-280 4-25 90 10 16-25 VRMS VDRM IT VTM IDRM ITSM IH dv/dt Rthjc f Ts TO T-on T-off I2t 48-660 1200 10 35 1.6 5 100 75 200 1.8 47-63 -30 to +100 -30 to +80 40 80 72
90-280 4-25 90 10
16-25
90-280 4-25 90 10
16-25
90-280 4-25 90 10
16-25
Vac mA Vac Vac K Vac Vpk A Vac Vac mA A mA V/Ps K/W Hz C C ms ms A2s
48-660 1200 16 35 1.6 5 250 120 200 1.3 47-63 -30 to +100 -30 to +80 40 80 128
48-660 1200 25 35 1.8 5 1000 250 700 0.43 47-63 -30 to +100 -30 to +80 40 80 3700
48-660 1200 40 35 1.8 5 1000 250 700 0.43 47-63 -30 to +100 -30 to +80 40 80 5000
ALL ELECTRICAL PARAMETERS MEASURED @ TA= 25 DEG C
released, E 197669
POWERSEM reserves the right to change limits, test conditions and dimensions - info@POWERSEM.net - www.POWERSEM.net POWERSEM 2007 All rights reserved
DIN Ready Solid State Relay
84.0
1. 2. 3. 4. 5. 6. 7.
COVER CASE SPACER HEAT SINK CLIP ASSEMBLY CLAMP LED LOCATION
115.0
Features of DIN Ready SSR
x x x x x x x x x x AC SOLID STATE CONTRACTOR IN 30 mm HOUSING ZERO SWTICHING FOR HEATING AND MOTOR APPLICATIONS/RANDOM SWITICHING RATED OPERATIONAL CURRENT 10 A, 16 A & 25 A ( 40 A WITH FORCED COOLING RATED OPERATIONAL VOLTAGE 120/230 VAC, 400/480/660 TRANSIENT OVER VOLTAGE PROTECTION (OPTICAL) LED INDICATOR SHOWING RELAY `'ON'' STATUS IP 20 PROTECTION DIN - RAIL AND BACK PLATE MPONTABLE CONNECTING TERMINALS LAYOUT AS CONTRACTOR OR SSR STANDARD OPTO-ISOLATION ! 400 V BUILT IN SNUBBER
Zero cross circuit
1 Output 2 Output
SCHEMATIC OF J & K SERIES DC / AC RELAYS DIN SSR's
POWERSEM reserves the right to change limits, test conditions and dimensions - info@POWERSEM.net - www.POWERSEM.net POWERSEM 2007 All rights reserved
22
3 Input (+) 4 Input ( - )
DIN Ready Solid State Relay
DERATING CURVE FOR 10 A DIN SSR
12 CURRENT IN AMPS 10 8 6 4 2 0 10 20 30 40 50 60 70 80 90 AMBIENT TEMPERATURE IN C
DERATING CURVE FOR 16 A DIN SSR
30 CURRENT IN AMPS 25 20 16 10 5 0 10 20 30 40 50 60 70 80 90 AMBIENT TEMPERATURE IN C
POWERSEM reserves the right to change limits, test conditions and dimensions - info@POWERSEM.net - www.POWERSEM.net POWERSEM 2007 All rights reserved
DIN Ready Solid State Relay
DERATING CURVE FOR 25 A DIN SSR
30 CURRENT IN AMPS 25 20 15 10 5 0 10 20 30 40 50 60 70 80 90 AMBIENT TEMPERATURE IN C
DERATING CURVE FOR 40 A DIN SSR 45 40 35 CURRENT IN AMPS 30 25 20 15 10 5 0 10 20 30 40 50 60 70 80 90 AMBIENT TEMPERATURE IN C
POWERSEM reserves the right to change limits, test conditions and dimensions - info@POWERSEM.net - www.POWERSEM.net POWERSEM 2007 All rights reserved


▲Up To Search▲   

 
Price & Availability of PSBDIN30A661028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X