Part Number Hot Search : 
DL4753A DR77097 TEN06 RGA37D AN1215 1N534 FN2837 LM79MXX
Product Description
Full Text Search
 

To Download PCM-3665P-00A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCM-3663
Twin 10/100Base-T LAN Module
PCM-3665
Dual GbE Module
PCM-3663
RoHS
COMPLIANT
2002/95/EC
PCM-3665
RoHS
COMPLIANT
2002/95/EC
Features
Supports both Intel 82559 (optional), 82559ER, TRL-8139
(R)
Features
Supports Dual Intel(R) 82541PI Ethernet Controller Supports Half / Full duplex flow control 10/100/1000BASE-T Ethernet Supports Windows(R) NT 4.0, Windows(R) 98/2000/XP
Supports Wake-on-LAN function Supports Half / Full duplex flow control 10/100BASE-T Ethernet Supports Windows(R) NT 4.0, Windows(R) 95/98/2000/XP
Specifications
General Chipset Port Network Port Intel 82551ER (PCI 10/100Base-T) Single/Twin Ethernet port 10 Mbps IEEE 802.3, 100 Mbps IEEE 802.3u, 1 x RJ-45 PCI version 2.2, 10/100 BASE-T CSMA/CD 10/100 Mbps Compatibility transceiver Mechanical and Environmental Dimension (L x W) 96 x 90 mm (3.8" x 3.5") Weight 0.09 kg (0.198 lb) Operating: 0 ~ 60 C (32 ~ 140 F) Temperature Storage: -40 ~ 85 C (-10 ~ 185 F) Operating Humidity 0% ~ 90% relative humidity, non-condensing Power Power Consumption +5 V @ 800 mA (typical), 0.084 kg (0.185 lb) Power Supply Voltage +5 V, 5 % tolerance on power supply
Specifications
General Bus Interface PC/104 (ISA) Chipset Intel 82541PI (PCI 10/100/1000Base-T) Port Single/Twin Ethernet port Speed Interface for 1000Base-T, 100Base-TX, and 10Base-T Compatibility PCI version 2.2, 33MHz PCI Mechanical and Environmental Dimension (L x W) 96 x 90 mm (3.8" x 3.5") Weight 0.09 kg (0.198 lb) Operating: 0 ~ 60 C (32 ~ 140 F) Temperature Storage: -40 ~ 85 C (-10 ~ 185 F) Operating Humidity 0% ~ 90% relative humidity, non-condensing Power Dual LAN: +5 V @ 1.2 A (typical) Power Consumption Single LAN: +5 V @ 0.6 A (typical) Power Supply Voltage +5 V, 5 % tolerance on power supply
Packing List
P/N PCM-3663 Description Startup manual CD-ROM (driver, utility) Twin 10/100Base-T LAN Module Quantity x1 x1 x1
Packing List
P/N Description Startup manual CD-ROM (manual, driver, utility) GbE cable for PCM-3665-01A1E GbE cable for PCM-3665P-00A1E Quantity x1 x1 x1 x2
Ordering Information
P/N PCM-3663-02A1E PCM-3663-03A1E Description 10/100Base-T Twin 82551 Ethernet Module 10/100Base-T Single 82551 Ethernet Module (Optional)
Ordering Information
P/N PCM-3665-00A1E PCM-3665P-00A1E PCM-3665-01A1E Description Dual GbE with RJ45 connector Module Dual GbE w/o RJ45 connector Module Single GbE w/o RJ45 connector Module
Embedded Single Board Computers


▲Up To Search▲   

 
Price & Availability of PCM-3665P-00A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X