Part Number Hot Search : 
C4551 APA2822 7C102 ER208 UESP06G 3188M008 SP236ACX AX166
Product Description
Full Text Search
 

To Download PC0502-330K-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
Power Chip Inductors
Dimensions: Inches (mm)
PC0502
Allied Part Number
Inductance (h)
Tolerance (%)
Test Freq.
DCR ()
IDC (A)
Features * Unshielded SMD low cost design * Designed for high current applications * Accurate and consistent dimensions for auto insertion * Excellent for use in DC-DC converter application * High saturation for surface mounting
PC0502-1R0M-RC PC0502-1R4M-RC PC0502-1R8M-RC PC0502-2R2M-RC PC0502-2R7M-RC PC0502-3R3M-RC PC0502-3R9M-RC PC0502-4R7M-RC PC0502-5R6M-RC PC0502-6R8M-RC PC0502-8R2M-RC PC0502-100M-RC PC0502-120M-RC PC0502-150M-RC PC0502-180M-RC PC0502-220M-RC PC0502-270M-RC PC0502-330K-RC PC0502-390K-RC PC0502-470K-RC PC0502-560K-RC PC0502-680K-RC PC0502-820K-RC PC0502-101K-RC PC0502-121K-RC PC0502-151K-RC PC0502-181K-RC PC0502-221K-RC PC0502-271K-RC PC0502-331K-RC PC0502-391K-RC PC0502-471K-RC PC0502-561K-RC PC0502-681K-RC PC0502-821K-RC PC0502-102K-RC
1.0 1.4 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
7.96MHz,1V 7.96MHz,1V 7.96MHz,1V 7.96MHz,1V 7.96MHz,1V 7.96MHz,1V 7.96MHz,1V 7.96MHz,1V 7.96MHz,1V 7.96MHz,1V 7.96MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V
0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.14 0.15 0.16 0.17 0.18 0.20 0.22 0.25 0.35 0.45 0.56 0.69 0.72 0.84 0.90 1.20 1.30 1.38 1.81 1.95 3.00 3.20 3.82 4.68 5.10 8.50 10.0 12.0 18.0
4.50 4.00 3.30 2.94 2.50 2.35 2.20 2.00 1.80 1.70 1.40 1.20 1.18 1.15 1.10 1.00 0.86 0.76 0.75 0.73 0.55 0.52 0.50 0.40 0.36 0.30 0.26 0.25 0.21 0.18 0.16 0.15 0.14 0.13 0.07 0.05
Electrical Inductance Range: 1h to 1000h Tolerance: 20% over entire range Also available in tighter tolerances Test Frequency: (L/Q) as specified Operating Temp: -40C ~ +85C IDC: Current at which Inductance drops 10% of original value with a T= 40C whichever is lower.
Resistance to Soldering Heat Test Method: Pre-Heat 150C, 1 Min. Solder Composition: Sn/Ag3.0/Cu0.5 Solder Temp: 260C +/- 5C for 10 sec 1 sec.
Test Equipment (L & Q): HP4192A Impedence Analyzer (DCR): Chen Hwa 502BC (IDC): HP4284A with HP42841A or CH1061 with CH301A Physical Packaging: 2000 pieces per 13 inch reel. Marking: EIA Inductance Code.
All specifications subject to change without notice.
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
REVISED 12/11/08 15
www.alliedcomponents.com


▲Up To Search▲   

 
Price & Availability of PC0502-330K-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X