Part Number Hot Search : 
FJ128 2SC1623W TTINY MMSZ5226 S541A MMSZ5226 4536Z B1426
Product Description
Full Text Search
 

To Download PBB4A-C24D12A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PBB4A-C Series
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MODULES
Features
* * * * * * * High power density Low profile PCB mounting 2:1 input ratio Regulated output Overcurrent protection On/off remote control
Specifications
INPUT Nominal voltage Voltage range Isolation (input - output) OUTPUT Output voltage Voltage adjustment Output current See table Fixed (TRM pin open) 5% adjustable by external VR. See table 5Vdc, 12Vdc, 24Vdc, 48Vdc 4.5-9V, 9-18V, 18-36V, 36-76V 500Vac 1 minute, cutoff current = 10mA, 500Vdc 50M min (2015C).
ENVIRONMENTAL Operating temperature -40C to 85C (Required derating). Operating humidity Operating altitude Vibration Shock/Impact MECHANICAL Dimensions PBB4A-C-A: 22.4x7.0x13.2mm PBB4A-C-B: 25x7.0x16.1mm PBB4A-C-C: 32.6x7.0x19.1mm PBB4A-C-D: 40.2x7.0x22mm PBB4A-C-A: 3g max. PBB4A-C-B: 5g max. PBB4A-C-C: 7g max. PBB4A-C-D: 10g max. 20%-95% RH, non condensing 3000m (10,000feet) max. 10Hz-55Hz 10G 3 min period for 60 minutes each along x, y, and z axis 50G 11mS once each along x, y and z axis
Output voltage setting Within 3% of nominal Ripple & noise Line regulation All output 120-150mV pk-pk max (-20 - +55C) All output 200mV pk-pk max (-40 - -20C) Single Out: 5V rail - 20mV, 12V rail - 48mV, 15V rail - 60mV. Dual Out: 12V rail - 60mV, 15V rail - 75mV Single Out: 5V rail - 40mV, 12V rail - 100mV, 15V rail - 120mV. Dual Out: 12V rail - 600mV, 15V rail - 750mV 0.4% 20ms (Minimum input, I0 = 100%) Weight
Load regulation
Drift Start-up time
Overcurrent protection Set at approx. 105% of rating and recovers automatically OPERATING Efficiency Remote on/off Typically 72-86% Provided on all model, except 1.5W module (Negative logic L : ON : OFF).
STANDARDS AND APPROVALS Safety C-Tick UL60950-1, C-UL, EN60950-1
AS/NZS CISPR11 Group 1 Class A
Your dependable power partner - www.powerbox.com.au
193
MODULES
PBB4A-C Series
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Selection Table-Single Outputs
MODEL NUMBER
PBB4A-C053R3A PBB4A-C0505A PBB4A-C0512A PBB4A-C0515A PBB4A-C123R3A PBB4A-C1205A PBB4A-C1212A PBB4A-C1215A PBB4A-C243R3A PBB4A-C2405A PBB4A-C2412A PBB4A-C2415A PBB4A-C483R3A PBB4A-C4805A PBB4A-C4812A PBB4A-C4815A PBB4A-C053R3B PBB4A-C0505B PBB4A-C0512B PBB4A-C0515B PBB4A-C123R3B PBB4A-C1205B PBB4A-C1212B PBB4A-C1215B PBB4A-C243R3B PBB4A-C2405B PBB4A-C2412B PBB4A-C2415B PBB4A-C483R3B PBB4A-C4805B PBB4A-C4812B PBB4A-C4815B PBB4A-C053R3C PBB4A-C0505C PBB4A-C0512C PBB4A-C0515C PBB4A-C123R3C PBB4A-C1205C PBB4A-C1212C PBB4A-C1215C PBB4A-C243R3C PBB4A-C2405C PBB4A-C2412C PBB4A-C2415C
INPUT OUTPUT OUTPUT OUTPUT VOLTAGE VOLTAGE CURRENT POWER Vdc Vdc A Watt
4.5-9 4.5-9 4.5-9 4.5-9 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-76 36-76 36-76 36-76 4.5-9 4.5-9 4.5-9 4.5-9 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-76 36-76 36-76 36-76 4.5-9 4.5-9 4.5-9 4.5-9 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 0.4 0.3 0.13 0.1 0.4 0.3 0.13 0.1 0.4 0.3 0.13 0.1 0.4 0.3 0.13 0.1 0.6 0.6 0.25 0.2 0.6 0.6 0.25 0.2 0.6 0.6 0.25 0.2 0.6 0.6 0.25 0.2 1.2 1 0.5 0.4 1.35 1.2 0.5 0.4 1.35 1.2 0.5 0.4
MODEL NUMBER
PBB4A-C483R3C PBB4A-C4805C PBB4A-C4812C PBB4A-C4815C PBB4A-C053R3D PBB4A-C0505D PBB4A-C0512D PBB4A-C0515D PBB4A-C123R3D PBB4A-C1205D PBB4A-C1212D PBB4A-C1215D PBB4A-C243R3D PBB4A-C2405D PBB4A-C2412D PBB4A-C2415D PBB4A-C483R3D PBB4A-C4805D PBB4A-C4812D PBB4A-C4815D
INPUT OUTPUT OUTPUT OUTPUT VOLTAGE VOLTAGE CURRENT POWER Vdc Vdc A Watt
36-76 36-76 36-76 36-76 4.5-9 4.5-9 4.5-9 4.5-9 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-76 36-76 36-76 36-76 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 1.35 1.2 0.5 0.4 2.6 2 0.9 0.7 2.6 2 1 0.8 2.6 2 1 0.8 2.6 2 1 0.8
1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 3W 3W 3W 3W 3W 3W 3W 3W 3W 3W 3W 3W 3W 3W 3W 3W 6W 6W 6W 6W 6W 6W 6W 6W 6W 6W 6W 6W
6W 6W 6W 6W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W
Selection Table - Dual Output
MODEL NUMBER
PBB4A-C05D12A PBB4A-C05D15A PBB4A-C12D12A PBB4A-C12D15A PBB4A-C24D12A PBB4A-C24D15A PBB4A-C48D12A PBB4A-C48D15A PBB4A-C05D12B PBB4A-C05D15B PBB4A-C12D12B PBB4A-C12D15B PBB4A-C24D12B PBB4A-C24D15B PBB4A-C48D12B PBB4A-C48D15B PBB4A-C05D12C PBB4A-C05D15C PBB4A-C12D12C PBB4A-C12D15C
INPUT OUTPUT OUTPUT OUTPUT VOLTAGE VOLTAGE CURRENT POWER Vdc Vdc A Watt
4.5-9 4.5-9 9-18 9-18 18-36 18-36 36-76 36-76 4.5-9 4.5-9 9-18 9-18 18-36 18-36 36-76 36-76 4.5-9 4.5-9 9-18 9-18
12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30
0.065 0.05 0.065 0.05 0.065 0.05 0.065 0.05 0.13 0.1 0.13 0.1 0.13 0.1 0.13 0.1 0.25 0.2 0.25 0.2
1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 3W 3W 3W 3W 3W 3W 3W 3W 6W 6W 6W 6W
194
MODULES
PBB4A-C Series
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MODEL NUMBER
PBB4A-C24D12C PBB4A-C24D15C PBB4A-C48D12C PBB4A-C48D15C PBB4A-C05D12D PBB4A-C05D15D PBB4A-C12D12D PBB4A-C12D15D PBB4A-C24D12D PBB4A-C24D15D PBB4A-C48D12D PBB4A-C48D15D
INPUT VOLTAGE Vdc
18-36 18-36 36-76 36-76 4.5-9 4.5-9 9-18 9-18 18-36 18-36 36-76 36-76
OUTPUT VOLTAGE Vdc 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30
OUTPUT CURRENT A
0.25 0.2 0.25 0.2 0.45 0.35 0.45 0.35 0.45 0.35 0.45 0.35
OUTPUT POWER Watt 6W 6W 6W 6W 10W 10W 10W 10W 10W 10W 10W 10W
Technical Illustrations
PBB4A-C-A PBB4A-C-B
Your dependable power partner - www.powerbox.com.au
195
MODULES
PBB4A-C Series
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Technical Illustrations Ctnd
PBB4A-C-C PBB4A-C-D
PBB4A-C-D-A
PBB4A-C-D-B
196
PBB4A-C Series
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A-C-D-C PBB4A-C-D-D
MODULES
Your dependable power partner - www.powerbox.com.au
197


▲Up To Search▲   

 
Price & Availability of PBB4A-C24D12A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X