Part Number Hot Search : 
ET9560 EC28N A1701 KRA566E ELECT FN2961 RD30FM 60150
Product Description
Full Text Search
 

To Download MURF1660CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MURF1605CT THRU MURF1660CT
Reverse Voltage - 50 to 600 Volts
SUPER FAST RECOVERY SILICON RECTIFIER
Forward Current - 16.0 Ampere
FEATURES
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Super fast switching for high efficiency Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.25 "(6.35mm) from case
ITO-220AB
.138(3.5) .122(3.1) .118(3.0) .102(2.6) .189(4.8) .173(4.4) .118(3.0) .106(2.7)
.406(10.3) .386(9.8)
MECHANICAL DATA
Case: JEDEC ITO-220AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, High temperature soldering guaranteed:
o
.157(4.0) .142(3.6)
.610(15.5) .571(14.5)
Method 2026

250 C/10 seconds, 0.25" (6.35mm) from case Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 ounce, 2.24 grams
.059(1.5) .043(1.1) .030(0.76) .020(0.51) .112(2.84) .088(2.24)
.071(1.8) .055(1.4) .571(14.5) .531(13.5)
.114(2.9) .098(2.5)
.030(0.76) .020(0.51)
PIN 1 PIN 3 + PIN 2
Dim ensions in inches and (m illim eters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 105C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage @IF = 8.0A Symbol VRRM VRWM VR VR(RMS) IO
MURF MURF MURF MURF 1605CT 1610CT 1615CT 1620CT MURF 1630CT MURF MURF 1640CT 1660CT Unit
50 35
100 70
150 105
200 140 16
300 210
400 280
600 420
V V A
IFSM VFM IRM trr Cj Tj, TSTG 35 80 0.95
125 1.3 10 500 50 60 -65 to +150 1.7
A V A nS pF C
Peak Reverse Current @TA = 25C At Rated DC Blocking Voltage @TA = 125C Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
MURF1605CT THRU MURF1660CT
RATINGS AND CHARACTERISTIC CURVES
IF, INSTANTANEOUS FORWARD CURRENT (A)
20
I(AV), AVERAGE FORWARD CURRENT (A)
100
16
1605 - 1620
10
1630 - 1640
12
8
1.0
1660
4
Pulse width = 300s 2% duty cycle
0
0.1 0 0.6 1.2 1.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
0
50
100
150
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
225
IFSM, PEAK FORWARD SURGE CURRENT (A)
8.3 ms single half-sine-wave JEDEC method
400
Tj = 25C f = 1.0MHz
150
Cj, CAPACITANCE (pF)
100
MURF1605CTMURF1620CT
75
MURF1640CTMURF1660CT
0
1
10
10 NUMBER OF CYCLES AT 60Hz Fig. 3 Maximum Non-Repetitive Surge Current
100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr
50 NI (Non-inductive) Device Under Test 50V DC Approx
10 NI
+0.5A
(-)
Pulse Generator (Note 2)
(+) (-)
0A -0.25A
1.0 NI
Oscilloscope (Note 1)
(+)
Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M, 22pF. 2. Rise Time = 10ns max. Input Impedance = 50.
-1.0A Set time base for 5/10ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit


▲Up To Search▲   

 
Price & Availability of MURF1660CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X