Part Number Hot Search : 
TB1221 TLN102 MB39A12 6M321RPB A2411 123ML IRFE024 IL2410
Product Description
Full Text Search
 

To Download MSD7342-822ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 621-1
Coupled Inductors-MSD7342 Series
For SEPIC Applications
The excellent coupling coefficient (k 0.94) makes the MSD7342 series of coupled inductors ideal for use in SEPIC applications. In SEPIC topologies, the required inductance for each winding in a coupled inductor is half the value needed for two separate inductors, allowing selection of a part with lower DCR and higher current handling. These inductors provide high inductance, high efficiency and excellent current handling in a rugged, low cost part. They can also be used as two single inductors connected in series or parallel, as a common mode choke or as a 1 : 1 transformer.
0.295 max 7,5 Dot indicates pin 1 0.295 max 7,5
D1
+ L1
VIN Q1 C1
+ +
VOUT
123
L2
C2
Load
1 L1 3
2 L2 4
-
-
Typical SEPIC schematic
Refer to Application Note, Document 639, "Selecting Coupled Inductors for SEPIC Applications"
0.181 max 4,6 0.028 0,7 0.091 2,3 0.083 2,1
3 4 1
Recommended Land Pattern
0.110 2,8
0.150 3,8
2
1
2
3
4
0.130 3,3
0.063 1,6
0.043 1,10
Dimensions are in
inches mm
Core material Ferrite Terminations RoHS compliant matte tin over nickel over phos bronze. Other terminations available at additional cost. Weight 0.76 - 0.87g Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Winding to winding isolation 200 Vrms Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 250/7 reel; 1000/13 reel Plastic tape: 16 mm wide, 0.4 mm thick, 12 mm pocket spacing, 4.9 mm pocket depth PCB washing Only pure water or alcohol recommended
Specifications subject to change without notice. Please check our website for latest information.
Document 621-1
Revised 11/10/09
(c) Coilcraft, Inc. 2010
Document 621-2
Coupled Inductors for SEPIC Applications - MSD7342 Series
Part number1
MSD7342-252ML_ MSD7342-332ML_ MSD7342-472ML_ MSD7342-562ML_ MSD7342-682ML_ MSD7342-822ML_ MSD7342-103ML_ MSD7342-123ML_ MSD7342-153ML_ MSD7342-183ML_ MSD7342-223ML_ MSD7342-273ML_ MSD7342-333ML_ MSD7342-393ML_ MSD7342-473ML_ MSD7342-563ML_ MSD7342-683ML_ MSD7342-823ML_ MSD7342-104ML_ MSD7342-124ML_ MSD7342-154ML_ MSD7342-184ML_ MSD7342-224ML_ MSD7342-274ML_ MSD7342-334ML_ MSD7342-394ML_ MSD7342-474ML_ MSD7342-564ML_ MSD7342-684ML_ MSD7342-824ML_ MSD7342-105ML_
Inductance2 20% (H)
2.5 3.3 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
DCR max3 (Ohms)
0.033 0.037 0.051 0.063 0.070 0.075 0.100 0.120 0.130 0.170 0.220 0.250 0.270 0.380 0.420 0.460 0.600 0.680 0.770 1.03 1.35 1.52 1.72 2.41 2.70 3.05 4.00 4.43 5.00 6.80 7.80
SRF typ4 (MHz)
55 43 35 32 30 27 22 20 18 15 13.5 12.0 11.0 10.0 9.5 8.7 7.3 6.2 5.5 4.5 4.0 3.8 3.5 3.3 3.0 2.8 2.6 2.5 2.3 2.2 2.0
Isat (A)5 10% drop 20% drop 30% drop
6.0 5.2 4.1 3.9 3.7 3.3 2.8 2.5 2.2 2.0 1.9 1.7 1.5 1.3 1.2 1.1 1.0 0.90 0.80 0.70 0.65 0.62 0.59 0.55 0.49 0.45 0.41 0.38 0.36 0.30 0.27 6.2 5.3 4.3 4.1 3.8 3.4 2.9 2.6 2.3 2.2 2.0 1.8 1.6 1.4 1.3 1.2 1.1 1.00 0.92 0.80 0.76 0.66 0.62 0.57 0.52 0.47 0.43 0.40 0.37 0.32 0.29 6.3 5.4 4.6 4.2 3.9 3.5 3.0 2.7 2.4 2.3 2.1 1.9 1.7 1.5 1.4 1.3 1.2 1.1 0.98 0.90 0.80 0.73 0.66 0.60 0.54 0.50 0.46 0.42 0.38 0.35 0.31
Irms (A) both one windings6 winding7
2.17 2.05 1.74 1.57 1.49 1.44 1.24 1.14 1.09 0.95 0.84 0.79 0.76 0.64 0.61 0.58 0.51 0.48 0.45 0.39 0.34 0.32 0.30 0.25 0.24 0.23 0.20 0.19 0.18 0.15 0.14 3.06 2.89 2.46 2.22 2.10 2.03 1.76 1.61 1.54 1.35 1.19 1.11 1.07 0.90 0.86 0.82 0.72 0.67 0.63 0.55 0.48 0.45 0.42 0.36 0.34 0.32 0.28 0.26 0.25 0.21 0.20
1. Please specify termination and packaging codes: MSD7342-105MLC Termination: L = RoHS compliant matte tin over nickel over phos bronze. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (250 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (1000 parts per full reel). 2. Inductance shown for each winding, measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A LCR meter or equivalent. When leads are connected in parallel, inductance is the same value. When leads are connected in series, inductance is four times the value. 3. DCR is for each winding. When leads are connected in parallel, DCR is half the value. When leads are connected in series, DCR is twice the value. 4. SRF measured using an Agilent/HP 4191A or equivalent. When leads are connected in parallel, SRF is the same value. 5. DC current, at which the inductance drops the specified amount from its value without current. It is the sum of the current flowing in both windings. 6. Equal current when applied to each winding simultaneously that causes a 40C temperature rise from 25C ambient. See temperature rise calculation. 7. Maximum current when applied to one winding that causes a 40C temperature rise from 25C ambient. See temperature rise calculation. 8. Electrical specifications at 25C. Refer to Doc 639 "Selecting Coupled Inductors for SEPIC Applications." Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Temperature rise calculation based on specified Irms
Winding power loss = (IL12 + IL22 ) x DCR in Watts (W) 129C Temperature rise (t) = Winding power loss x W 129C t = (IL12 + IL22 ) x DCR x W Example 1. MSD7342-123ML (Equal current in each winding) Winding power loss = (1.14 2 + 1.14 2) x 0.120 = 0.312 W 129C = 40C t = 0.312 W x W Example 2. MSD7342-123ML (IL1 = 1.4 A, IL2 = 0.6 A) Winding power loss = (1.4 2 + 0.6 2) x 0.120 = 0.278 W t = 0.278 W x 129C = 36C W
Coupled Inductor Core and Winding Loss Calculator
This web-based utility allows you to enter frequency, peak-to-peak (ripple) current, and Irms current to predict temperature rise and overall losses, including core loss. Visit www.coilcraft.com/coupledloss.
Specifications subject to change without notice. Please check our website for latest information.
Document 621-2
Revised 11/10/09
(c) Coilcraft, Inc. 2010
Document 621-3
Coupled Inductors for SEPIC Applications - MSD7342 Series
Typical L vs Current
10000 1000 H 470 H
Typical L vs Frequency
10000 1000 H 470 H
1000
1000
Inductance (H)
100
100 H 47 H
Inductance (H)
100
100 H 47 H
10
10 H 4.7 H
10
10 H 4.7 H
1 0.01 0.1 1 10
1 0.1 1 10 100
Current (A)
Frequency (MHz)
Irms Derating
120 110 100
Percent of rated Irms
90 80 70 60 50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 120 140
Ambient temperature (C)
25C
Specifications subject to change without notice. Please check our website for latest information.
Document 621-3
Revised 11/10/09
(c) Coilcraft, Inc. 2010


▲Up To Search▲   

 
Price & Availability of MSD7342-822ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X