Part Number Hot Search : 
385006 40020 LT1131CN N104MA C1G12 A558D 2N5655G AN993
Product Description
Full Text Search
 

To Download MOS6020-103ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 287 -1
SMT Power Inductors - MOS6020
* 6.0 x 7.1 mm footprint; 2.4 mm high shielded inductors * Custom versions up to 4.7 mH are available.
Designer's Kit C359 contains 3 of each value Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant matte tin over nickel over phos bronze. Other terminations available at additional cost. Weight 0.21 g Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 500 per 7reel; 2000 per 13 reel; Plastic tape: 16 mm wide, 0.3 mm thick, 12 mm pocket spacing, 2.5 mm pocket depth PCB washing Only pure water or alcohol recommended
Part number1 MOS6020-222ML_ MOS6020-332ML_ MOS6020-472ML_ MOS6020-682ML_ MOS6020-822ML_ MOS6020-103ML_ MOS6020-153ML_ MOS6020-223ML_ MOS6020-333ML_ MOS6020-473ML_ MOS6020-683ML_ MOS6020-104ML_ MOS6020-154ML_ MOS6020-224ML_ MOS6020-334ML_ MOS6020-474ML_
Inductance2 20% (H) 2.2 3.3 4.7 6.8 8.2 10 15 22 33 47 68 100 150 220 330 470
DCR max (Ohms) 0.035 0.046 0.050 0.078 0.085 0.092 0.130 0.182 0.290 0.420 0.520 0.800 1.28 2.00 2.84 4.40
SRF typ3 (MHz) 110 85 60 55 45 36 30 22 20 16 15 13 10 8 7 5
10% drop 2.86 1.90 1.46 1.32 0.94 0.79 0.83 0.79 0.57 0.45 0.37 0.35 0.26 0.22 0.18 0.15
2 Isat (A)4 20% drop 3.26 2.28 1.82 1.56 1.18 0.95 0.95 0.92 0.67 0.56 0.45 0.40 0.30 0.26 0.22 0.17
30% drop 3.56 2.46 1.94 1.72 1.30 1.06 1.03 0.97 0.74 0.62 0.51 0.44 0.33 0.28 0.24 0.19
Irms (A)5 20C rise 40C rise 3.0 4.1 2.6 3.6 2.3 3.1 1.9 2.7 1.7 2.3 1.6 2.2 1.3 1.8 1.0 1.4 0.80 1.1 0.50 0.7 0.45 0.63 0.40 0.56 0.35 0.49 0.30 0.42 0.25 0.35 0.22 0.29
1. When ordering, please specify termination and packaging codes: MOS6020-104MLC Termination: L = RoHS compliant matte tin over nickel over phos bronze. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (500 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape (2000 parts per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/ HP 4263B LCR meter or equivalent. 3. SRF measured using Agilent/HP 8753D network analyzer. 4. DC current at which the inductance drops the specified amount from its value without current. 5. Current that causes the specified temperature rise from 25C ambient. 6. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Specifications subject to change without notice. Please check our website for latest information.
Document 287-1 Revised 10/06/08
(c) Coilcraft, Inc. 2009
Document 287-2
SMT Power Inductors - MOS6020
Typical L vs Frequency
10000 1000
Typical L vs Current
10000 1000
470 H 100 H
Inductance (H)
Inductance (H)
470 H 100 100 H
100
10
10 H 2.2 H
10
10 H
1
1
2.2 H
0.1 0.01 0.1 1 10
0.1 0.1 1 10
Frequency (MHz)
Current (A)
Irms Derating
120 110 100
0.24 max 6,0
0.268 max 6,8
0.095 max 2,4
XXX
Percent of rated Irms
90 80 70 60 50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 120 140
0.031 typ 0,80
0.24 max 6,0
0.169 typ 4,3 0.225 5,71
25C
0.063 typ 1,60 0.055 1,39
0.100 2,54
Ambient temperature (C)
Dimensions are in inches mm
Recommended Land Pattern
Specifications subject to change without notice. Please check our website for latest information.
Document 287-2 Revised 10/06/08
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of MOS6020-103ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X