Part Number Hot Search : 
TB2905HQ 26NM60 VFT3060C CTZ84C36 LP164NMO 30F5013 0A120 BR1300
Product Description
Full Text Search
 

To Download MMV-110MICRO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMV-110 Micro
Micro 1-Channel 15 MHz Video
Micro-size One-channel (IM) Video Transmitter The MMV-110 Micro is an Intensity Modulated (IM), LED-based fiber optic Video transmitter. NTSC, PAL and SECAM compatible, the Micro is ideal for B&W or color CCTV camera transmission. System Design The MMV-110 Micro transmitter has a compact, cylindrical casing and features a BNC mount. This unit is also available without the casing, as a hybrid card suitable for soldering. The MMV-110 Micro transmitter is paired with the MMV-110 Standard or Mini receiver, both of which provide Automatic Gain Control (AGC). Please see the MMV-110 Standard or MMV110 Mini product pages for specific system design features. The MMV-110 Micro transmitter is also compatible with any of Opticomm's Insert Card receivers, which can be mounted into a Desk Card Rack (DTCR-1, 2, 4 or 7) or the CC-18-80W chassis. This allows for greater flexibility and future expansion. Each of our card housings operates with an appropriate power supply.
Wavelength Suffix L0 Fiber Type 50 /125 62.5/125
Video
Audio
Data
Features * Multimode operation over one fiber * 15 MHz video bandwidth with AGC * True DC Restoration * Flat Frequency Response * Complies with RS-170, & 170A EIA video standards * Compatible with NTSC, PAL, and SECAM video signals * No EMI or RFI and no ground loops * Stand Alone or Rack Mount * Ideal for CCTV camera extensions
865
1310
1550
Type LED
Mode MM
Output Power -18 dBm
Receiver Sensitivity -28 dBm
Optical Loss Budget 10 dB
Range* 2.5 km
Conn Type ST
*
* Chromatic dispersion and additional losses should be taken into account.
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm for custom requirements.
Composite Video, Audio & Data
Video Video in/out impedance Video in/out level Video bandwidth Differential gain Differential phase Linearity Tilt Compatibility Signal to noise ratio Connector type General Dimensions & Weight
Operating temperature Storage temperature Humidity Operating voltage Vibration Shock
75 1 volt peak to peak, 1.5 volts max 10 Hz to 15 MHz @ -3dB < 1.5 % typical < 1.5 typical 1.1 % typical 0.5 % typical NTSC, PAL, SECAM, RS-170, RS-170A >67 dB using RS-250C standards @ 1 km BNC
OptivaTM Multi-Signal OptivaTM Configurable Transmission Platform Communication Platform Network Management Network Management SDI and HD-SDI SDI & HD-SDI Composite Video, Composite Video, Audio & Data Audio & Data Audio/FSK/Intercom RGB/VGA/DVI RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) Data (Ethernet/Serial/USB) 1 oz 1 oz CATV/RF & L-Band CATV/RF & L-Band Optical Switching, Routing Optical Switching, Routing & Redundancy & Redundancy Passive Multiplexing Passive Multiplexing Solutions Solutions Enclosures, Racks Enclosures, Racks & Frames & Frames Power Supplies Power Supplies and Accessories & Accessories
Micro cylinder: 2.0" L x 0.65 diameter Hybrid card: 1.8" L x 0.5" W -20 C to +70 C -30 C to +85 C 0 to 95% non-condensing 12 VDC (200 mA) Up to 5 g's Up to 12 g's
Diagnostics
Status monitoring LED indication
Emissions: FCC Part 15, ICES-003, AS/NZS, 3548, EN55022 Immunity: ENVS0204, EN61000-4-2,3,4,5,6,11 Safety: UL1950, CAN/CSA 22.2, NO.950-95
MADE IN THE USA
Sample Configuration


▲Up To Search▲   

 
Price & Availability of MMV-110MICRO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X