Part Number Hot Search : 
LTC26 SL28748 M63807P BAT86 AO7600 S21MS3 B2300 C68HC908
Product Description
Full Text Search
 

To Download MM3Z12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM3Z2V0~MM3Z75
SILICON PLANAR ZENER DIODES
Features * Total power dissipation : max. 300 mW * Small plastic package suitable for surface mounted design * Tolerance approximately 5%
PINNING PIN 1 2
1
DESCRIPTION Cathode Anode
2
Top View Simplified outline SOD-323 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Power Dissipation Junction Temperature Storage Temperature Range
Symbol Ptot Tj TS
Value 300 150 - 55 to + 150
Unit mW
O
C C
O
Characteristics at Ta = 25 OC
Parameter Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 10 mA Symbol RthA VF Max. 0.3 0.9 Unit K/W V
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 09/11/2007
MM3Z2V0~MM3Z75
Characteristics at Ta = 25 OC
Type MM3Z2V0 MM3Z2V2 MM3Z2V4 MM3Z2V7 MM3Z3V0 MM3Z3V3 MM3Z3V6 MM3Z3V9 MM3Z4V3 MM3Z4V7 MM3Z5V1 MM3Z5V6 MM3Z6V2 MM3Z6V8 MM3Z7V5 MM3Z8V2 MM3Z9V1 MM3Z10 MM3Z11 MM3Z12 MM3Z13 MM3Z15 MM3Z16 MM3Z18 MM3Z20 MM3Z22 MM3Z24 MM3Z27 MM3Z30 MM3Z33 MM3Z36 MM3Z39 MM3Z43 MM3Z47 MM3Z51 MM3Z56 MM3Z62 MM3Z68 MM3Z75
1) 2)
Marking Code B0 C0 1C 1D 1E 1F 1H 1J 1K 1M 1N 1P 1R 1X 1Y 1Z 2A 2B 2C 2D 2E 2F 2H 2J 2K 2M 2N 2P 2R 2X 2Y 2Z 3A 3B 3C 3D 3E 3F 3H
Zener Voltage Range 1) Vznom V 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 lZT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 for VZT V 1.8...2.15 2.08...2.33 2.28...2.56 2.5...2.9 2.8...3.2 3.1...3.5 3.4...3.8 3.7...4.1 4...4.6 4.4...5 4.8...5.4 5.2...6 5.8...6.6 6.4...7.2 7...7.9 7.7...8.7 8.5...9.6 9.4...10.6 10.4...11.6 11.4...12.7 12.4...14.1 13.8...15.6 15.3...17.1 16.8...19.1 18.8...21.2 20.8...23.3 22.8...25.6 25.1...28.9 28...32 31...35 34...38 37...41 40...46 44...50 48...54 52...60 58...66 64...72 70...79
Dynamic Impedance 2) ZZT (Max.) 100 100 100 110 120 130 130 130 130 130 130 80 50 30 30 30 30 30 30 35 35 40 40 45 50 55 60 70 80 80 90 100 130 150 180 180 200 250 300 at IZT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2
Reverse Leakage Current IR (Max.) A 120 120 120 120 50 20 10 5 5 2 2 1 1 0.5 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 2 2 2 1 1 0.2 0.2 0.2 at VR V 0.5 0.7 1 1 1 1 1 1 1 1 1.5 2.5 3 3.5 4 5 6 7 8 9 10 11 12 13 15 17 19 21 23 25 27 30 33 36 39 43 47 52 57
VZ is tested with pulses (20 ms). ZZT is measured at IZ by given a very small A.C. current signal.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 09/11/2007
MM3Z2V0~MM3Z75
Breakdown characteristics
Tj = constant (pulsed)
mA 50
Tj=25o C
2V7 3V3
3V9 4V7
6V8
Iz
40 8V2 5V6 30
20
10
Test current Iz 5mA
0 0 1 2 3 4 5 6 Vz 7 8 9 10 V
Breakdown characteristics
Tj = constant (pulsed)
mA 30
10 12
Tj=25 oC
Iz 15 20 18 22 27 33
10
Test current Iz 5mA
0 0 10 20 Vz 30 40 V
300
Power Dissipation: Ptot (mW)
200
100
0 0 25 100 Ambient Temperature: Ta ( C)
O
150
Derating Curve
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 09/11/2007
MM3Z2V0~MM3Z75
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-323
A c
HE D A
E
bp
UNIT mm
A 1.10 0.80
bp 0.40 0.25
C 0.15 0.00
D 1.80 1.60
E 1.35 1.15
HE 2.80 2.30
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 09/11/2007


▲Up To Search▲   

 
Price & Availability of MM3Z12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X