Part Number Hot Search : 
RL257 228M00 PQ1CG21H K4S1616 20020 BT24005 BT24005 2SC32
Product Description
Full Text Search
 

To Download MCL31PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 3.0 Amperes
FEATURES
* * * * Low leakage current Ideal for surface mounted applications Metallurgically bonded construction Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Glass passivated junction * High temperature soldering guaranteed : 260oC/10 seconds at terminals
MCL31PT THRU MCL37PT
SMC
Cthode band
MECHANICAL DATA
Case: JEDEC SMC molded plastic Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Indicated by cathode band Weight: 0.003 ounces, 0.093 gram
0.245(6.22) 0.220(5.59)
0.125(3.17) 0.115(2.92)
0.280(7.11) 0.260(6.60)
0.012(0.305) 0.006(0.152) 0.103(2.62) 0.079(2.06) 0.060(1.52) 0.030(0.76) 0.008(0.203)(max)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
0.320(8.13) 0.305(7.75)
Dimensions in inches and (millimeters) MAXIMUM RATINGES ( At TA = 25 C unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance ( Note ) SYMBOL VRRM VRMS VDC IO IFSM
o
SMC
UNITS Volts Volts Volts Amps Amps
MCL31PT MCL32PT MCL33PT MCL34PT MCL35PT MCL36PT MCL37PT
50 35 50
100 70 100
200 140 200
400 280 400 3.0 60
600 420 600
800 560 800
1000 700 1000
CJ
20
pF
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
o
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0 A DC Maximum DC Reverse Current at Rated DC Blocking Voltage at TA = 25oC Maximum Full Load Reverse Current Average, Full Cycle at TA = 75oC NOTES : Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts IR 50 uAmps 2002-2 SYMBOL VF
MCL31PT MCL32PT MCL33PT MCL34PT MCL35PT MCL36PT MCL37PT
UNITS Volts uAmps
1.0 5.0
RATING CHARACTERISTIC CURVES ( MCL31PT THRU MCL37PT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, ( A ) AVERAGE FORWARD CURRENT, (A) 3.0 70 60 50 40 30 20 10 0 1 2 5 10 20 NUMBER OF CYCLES AT 60 Hz 50 100
8.3ms Single Half Sine-Wave (JEDEC Method)
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
1.5
Single Half Wave 60HZ Resistive or Inductive Load
0 0 25 50 75 100 125 LEAD TEMPERATURE, ( oC ) 150 175
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT 100 INSTANTANEOUS FORWARD CURRENT, ( A ) INSTANTANEOUS REVERSE CURRENT, (uA) 20 10
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
TJ =100oC
Pulse Width = 300uS 1% Duty Cycle
3.0
1.0 0.3
1.0
TJ =25oC
TJ =25oC
0.1
.1
.03
.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
.01 0 .2 .4 .6 .8 1.0 1.2 1.4 INSTANTANEOUS FORWARD VOLTAGE, ( V )
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 200 JUNCTION CAPACITANCE, ( pF ) 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
TJ =25oC


▲Up To Search▲   

 
Price & Availability of MCL31PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X