|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MC-1425 Miniature Close Differential Reed Switch Form A, Center Contact, 10W All dimensions in mm This form A reed switch is built with specially pressed blades with slightly higher rigidity for close differential, low hysteresis applications where an operate and release is required with minimum magnet travel or minimum change in coil voltage. This reed switch is Lead (Pb) free and RoHS compliant. Formations Available Cropped SMD Welded Soldered Goal post L Formed Applications This reed switch is suitable for use in the following applications and many others: automobile seatbelt sensors, automobile coolant flow sensing, digital wind vanes, ferrous metal detection sensors, gear speed and direction sensors... Electrical Differential (min) Operate Range Release Range Contact Rating (max) Switching Current (max) Carry Current (max) Switching Voltage (max) Switching Voltage (max) Breakdown Voltage Initial Contact Resistance (max) Insulation Resistance (min) Capacitance (min) Miscellaneous Operate Time (max) Bounce Time (max) Release Time (max) Resonance Frequency Operating Frequency Operating Temperature Test Coil Lead out plating Shock Resistance Vibration (10-2000Hz) % AT AT W/ VA A A VDC VAC VDC m pF 70 10 - 40 7.5 - 30 10.0 0.5 1.50 180 130 200 150 10 11 0.20 ms ms ms Hz Hz C g g 0.5 0.15 0.15 >2000 500 -40 to +200 717 102 005 Sn (Pb free) 50 20 Ordering Code MC-1425-(Start Operate AT)-(Finish Operate AT) Example MC-1425-15-18 Denotes 15-18 Operate AT band. Other Configurations Available Dynamic contact resistance limit, Higher insulation resistance, Special release limits, Gold plates leads Please refer to our reed switch usage notes Due to continual improvement, specifications are subject to change without notice www.reed-sensor.com 10 May 2008 Reed Relays and Electronics India Limited info@reed-switch.com Tel 91-44-6528-4022 |
Price & Availability of MC-1425-15-18 |