Part Number Hot Search : 
651BE CS0402 AT1003 CG2300 2446U LPC2132 DG3515DB SZ470
Product Description
Full Text Search
 

To Download MBR4020PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
MBR4020PT THRU MBR4060PT
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
Features
l l
l
High Surge Capacity Low Power Loss, High Efficiency High Current Capability Metal of silicon Rectifier, majority Carrier Conduction Guard Ring For Transient Protection
l l
Maximum Ratings
l l
Operating Temperature: -55 C to +150 C Storage Temperature: -55 C to +175 C Maximum Maximum Recurrent Peak RMS Voltage Reverse Voltage 20V 30V 35V 40V 45V 60V 14V 21V 24.5V 28V 31.5V 42V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V
A
o o
o
o
TO-3P
F E P G Q O
PIN 1 2 3
Part Number
MBR4020PT MBR4030PT MBR4035PT MBR4040PT MBR4045PT MBR4060PT
B
K
D H I J L L PIN 1 M PIN 2 CASE C N
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage MBR4020PT-4045PT MBR4060PT MBR4020PT-4045PT MBR4060PT Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance I F(AV) I FSM 40.0A 400A T C =125 C 8.3ms half sine
o
PIN 3
VF
.70V .80V .60V .70V
IFM=20.0A T C= 2 5o C o T C=125 C
A B C D E F G H I J K L M N O P Q

IR
1.0mA 100mA 700pF
T C= 2 5o C T C= 1 2 5 o C Measured at 1.0MHz, V R=4.0V
Cj
Pulse test: Pulse width 300 usec, duty cycle 2%.
INCHES MM .620 .640 15.75 16.25 .837 .856 21.25 21.75 .772 .791 19.60 20.10 .149 .172 3.78 4.38 .074 .082 1.88 2.08 .192 .202 4.87 5.13 .173 TYP 4.4 TYP .075 .085 1.90 2.16 .115 .127 2.93 3.22 .044 .048 1.12 1.22 .114 .126 2.90 3.20 .205 .224 5.20 5.70 .083 .095 2.10 2.40 .020 .030 0.51 0.76 .076 .086 1.93 2.18 20 TYP 10 TYP
www.cnelectr.com
MBR4020PT thru MBR4060PT
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
40
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
400
30
300
20
200
10
RESISTIVE OR INDUCTIVE LOAD
100
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
25
50
75
100
125
150
175
1
2
5
10
20
50
100
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
10
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
INSTANTANEOUS REVERSE CURRENT ,(mA)
TJ = 125 C
1.0
10
MBR4020PT~ MBR4045PT
0.1
TJ = 75 C
MBR4060PT
1.0
0.01
TJ = 25 C
TJ = 25 C PULSE WIDTH 300ua 300us
0.001 0 20 40 60 80 100 120 140
0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%) INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
10000
CAPACITANCE , (pF)
1000
TJ = 25 C, f= 1MHz
100 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MBR4020PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X