Part Number Hot Search : 
C3892A 72102 PE9094 R0603 100C9104 704MNQ CD9011 100C9104
Product Description
Full Text Search
 

To Download MAX9728AEUD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3963; Rev 1; 7/09
KIT ATION EVALU ABLE AVAIL
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
General Description Features
No Bulky DC-Blocking Capacitors Required Low-Power Shutdown Mode, < 0.1A Adjustable Gain (MAX9728A) or Fixed -1.5V/V Gain (MAX9728B) Low 0.02% THD+N High PSRR (80dB at 1kHz) Eliminates LDO Integrated Click-and-Pop Suppression 4.5V to 5.5V Single-Supply Operation Low Quiescent Current (3.5mA) Available in Space-Saving Packages 12-Pin Thin QFN (3mm x 3mm x 0.8mm) 14-Pin TSSOP (5mm x 4.4mm x 1.1mm)
MAX9728A/MAX9728B
The MAX9728A/MAX9728B stereo headphone amplifiers are designed for display and notebook applications or portable equipment where board space is at a premium. These devices use a unique, patented DirectDriveTM architecture to produce a ground-referenced output from a single supply, eliminating the need for large DC-blocking capacitors, saving cost, board space, and component height. The MAX9728A offers an externally adjustable gain, while the MAX9728B has an internally preset gain of -1.5V/V. The MAX9728A/ MAX9728B deliver up to 60mW per channel into a 32 load and have low 0.02% THD+N. An 80dB at 1kHz power-supply rejection ratio (PSRR) allows these devices to operate from noisy digital supplies without an additional linear regulator. Comprehensive clickand-pop circuitry suppresses audible clicks and pops on startup and shutdown. The MAX9728A/MAX9728B operate from a single 4.5V to 5.5V supply, consume only 3.5mA of supply current, feature short-circuit and thermal-overload protection, and are specified over the extended -40C to +85C temperature range. The devices are available in tiny 12pin Thin QFN (3mm x 3mm x 0.8mm) and 14-pin TSSOP packages (5mm x 4.4mm x 1.1mm).
Ordering Information
PART MAX9728AETC+ MAX9728AEUD+ MAX9728BETC+ MAX9728BEUD+ GAIN (V/V) PIN-PACKAGE Adj. Adj. -1.5 -1.5 12 TQFN-EP* 14 TSSOP 12 TQFN-EP* 14 TSSOP TOP MARK ABC -- ABD --
Applications
Notebook PCs DVD Players LCD/PDP Displays
Pin Configurations appear at end of data sheet.
CRT TVs Multimedia Monitors
Note: All devices specified over the -40C to +85C operating range. +Denotes lead(Pb)-free/RoHS-compliant package. *EP = Exposed pad.
Block Diagrams
MAX9728B MAX9728A
LEFT AUDIO INPUT DirectDrive OUTPUTS ELIMINATE DC-BLOCKING CAPACITORS LEFT AUDIO INPUT DirectDrive OUTPUTS ELIMINATE DC-BLOCKING CAPACITORS
SHDN
SHDN
RIGHT AUDIO INPUT
RIGHT AUDIO INPUT
FIXED GAIN ELIMINATES EXTERNAL RESISTOR NETWORK
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown MAX9728A/MAX9728B
ABSOLUTE MAXIMUM RATINGS
VDD to GND ..............................................................-0.3V to +6V PVSS to SVSS .........................................................-0.3V to +0.3V PGND to SGND .....................................................-0.3V to +0.3V C1P to PGND..............................................-0.3V to (VDD + 0.3V) C1N to PGND............................................(PVSS - 0.3V) to +0.3V PVSS and SVSS to PGND..........................................-6V to +0.3V IN_ to SGND (MAX9728A)..........................-0.3V to (VDD + 0.3V) IN_ to SGND (MAX9728B) .............(SVSS - 0.3V) to (VDD + 0.3V) OUT_ to SVSS (Note 1) ....-0.3V to Min (VDD - SVSS + 0.3V, +9V) OUT_ to VDD (Note 2) ......+0.3V to Max (SVSS - VDD - 0.3V, -9V) SHDN to _GND.........................................................-0.3V to +6V OUT_ Short Circuit to GND ........................................Continuous Short Circuit between OUTL and OUTR ....................Continuous Continuous Input Current into PVSS ..................................260mA Continuous Input Current (any other pin) .........................20mA Continuous Power Dissipation (TA = +70C) 12-Pin TQFN (derate 14.7mW/C above +70C) .........1177mW 14-Pin TSSOP (derate 9.1mW/C above +70C) ...........727mW Operating Temperature Range ...........................-40C to +85C Storage Temperature Range .............................-65C to +150C Junction Temperature ......................................................+150C Lead Temperature (soldering, 10s) .................................+300C
Note 1: OUTR and OUTL should be limited to no more than 9V above SVSS, or above VDD + 0.3V, whichever limits first. Note 2: OUTR and OUTL should be limited to no more than 9V below VDD, or below SVSS - 0.3V, whichever limits first.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VDD = 5V, PGND = SGND, SHDN = 5V, C1 = C2 = 1F, RL = , resistive load reference to ground; for MAX9728A gain = -1.5V/V (RIN = 20k, RF = 30k); for MAX9728B gain = -1.5V/V (internally set), TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C, unless otherwise noted.) (Note 3)
PARAMETER GENERAL Supply Voltage Range Quiescent Current Shutdown Current Shutdown to Full Operation Input Impedance Output Offset Voltage Power-Supply Rejection Ratio VDD ICC ISHDN tSON RIN VOS VDD = 4.5V to 5.5V PSRR f = 1kHz, 100mVP-P f = 20kHz, 100mVP-P Output Power Voltage Gain Channel-to-Channel Gain Tracking Total Harmonic Distortion Plus Noise THD+N POUT AV RL = 32, THD+N = 1% RL = 16, THD+N = 1% MAX9728B (Note 4) MAX9728B RL = 1k, VOUT = 2VRMS, fIN = 1kHz RL = 32, POUT = 50mW, fIN = 1kHz RL = 16, POUT = 35mW, fIN = 1kHz -1.52 30 MAX9728B, measured at IN_ 15 SHDN = SGND = PGND 4.5 3.5 <0.1 180 19 1.5 86 80 65 63 42 -1.5 0.15 0.003 0.02 0.04 % -1.48 mW V/V % dB 25 10 5.5 5.5 1 V mA A s k mV SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
60mW, DirectDrive, Stereo Headphone Amplifier with Shutdown
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V, PGND = SGND, SHDN = 5V, C1 = C2 = 1F, RL = , resistive load reference to ground; for MAX9728A gain = -1.5V/V (RIN = 20k, RF = 30k); for MAX9728B gain = -1.5V/V (internally set), TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C, unless otherwise noted.) (Note 3)
PARAMETER SYMBOL RL = 1k, VOUT = 2VRMS RL = 32, POUT = 50mW Slew Rate Capacitive Drive Crosstalk Charge-Pump Oscillator Frequency Click-and-Pop Level DIGITAL INPUTS (SHDN) Input Voltage High Input Voltage Low Input Leakage Current VINH VINL 2 0.8 1 V V A fOSC Into shutdown RL = 32, peak voltage, A-weighted, 32 samples per Out of second (Note 5) shutdown SR CL No sustained oscillations L to R, R to L, f = 10kHz, RL = 16, POUT = 15mW 190 CONDITIONS BW = 22Hz to 22kHz A-weighted BW = 22Hz to 22kHz A-weighted MIN TYP 102 105 98 101 0.5 100 -70 270 -67 -64 dB 400 V/s pF dB kHz dB MAX UNITS
MAX9728A/MAX9728B
Signal-to-Noise Ratio
SNR
KCP
Note 3: All specifications are 100% tested at TA = +25C; temperature limits are guaranteed by design. Note 4: Gain for the MAX9728A is adjustable. Note 5: Test performed with a 32 resistive load connected to GND. Mode transitions are controlled by SHDN. KCP level is calculated as 20log[(peak voltage during mode transition, no input signal)/(peak voltage under normal operation at rated power level)]. Units are expressed in dB.
_______________________________________________________________________________________
3
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown MAX9728A/MAX9728B
Typical Operating Characteristics
(VDD = 5V, PGND = SGND = 0V, SHDN = VDD, C1 = C2 = 1F, RL = , gain = -1.5V/V (RIN = 20k, RF = 30k for the MAX9728A), THD+N measurement bandwidth = 22Hz to 22kHz, both outputs driven in phase, TA = +25C, unless otherwise noted.)
TOTAL HARMONIC DISTORTION PLUS NOISE vs. OUTPUT POWER
MAX9728A/28B toc01
TOTAL HARMONIC DISTORTION PLUS NOISE vs. OUTPUT POWER
MAX9728A/28B toc02
TOTAL HARMONIC DISTORTION PLUS NOISE vs. FREQUENCY
VDD = 5V RL = 16 POUT = 20mW 0.1
MAX9728A/28B toc03
100 VDD = 5V RL = 16 10
100 VDD = 5V RL = 32 10
1
THD+N (%)
THD+N (%)
1 fIN = 1kHz 0.1 fIN = 10kHz 0.01 fIN = 20Hz
1 fIN = 1kHz
0.1
THD+N (%)
0.01 0.01 fIN = 20Hz 0.001 0.001 0 20 40 60 80 100 120 10 100 fIN = 10kHz
POUT = 37mW
0.001 0 20 40 60 80 100 OUTPUT POWER (mW)
1k FREQUENCY (Hz)
10k
100k
OUTPUT POWER (mW)
TOTAL HARMONIC DISTORTION PLUS NOISE vs. FREQUENCY
MAX9728A/28B toc04
OUTPUT POWER vs. SUPPLY VOLTAGE
MAX9728A/28B toc05
OUTPUT POWER vs. SUPPLY VOLTAGE
MAX9728A/28B toc06
1 VDD = 5V RL = 32
70 60 OUTPUT POWER (mW) 50 40 30 20 10 fIN = 1kHz RL = 16 4.5 5.0 SUPPLY VOLTAGE (V) THD+N = 1% THD+N = 10%
120 100 OUTPUT POWER (mW) 80 60 40 20 0 THD+N = 1% fIN = 1kHz RL = 32 4.5 5.0 SUPPLY VOLTAGE (V) THD+N = 10%
0.1 THD+N (%)
POUT = 30mW
0.01 POUT = 50mW
0.001 10 100 1k FREQUENCY (Hz) 10k 100k
0 5.5
5.5
4
_______________________________________________________________________________________
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Typical Operating Characteristics (continued)
(VDD = 5V, PGND = SGND = 0V, SHDN = VDD, C1 = C2 = 1F, RL = , gain = -1.5V/V (RIN = 20k, RF = 30k for the MAX9728A), THD+N measurement bandwidth = 22Hz to 22kHz, both outputs driven in phase, TA = +25C, unless otherwise noted.)
MAX9728A/MAX9728B
OUTPUT POWER vs. LOAD RESISTANCE
MAX9728A/28B toc07
POWER-SUPPLY REJECTION RATIO vs. FREQUENCY
MAX9728A/28B toc08
CROSSTALK vs. FREQUENCY
POUT = 15mW RL = 16
MAX9728A/28B toc09
100 90 80 OUTPUT POWER (mW) 70 60 50 40 30 20 10 0 10 100 LOAD RESISTANCE () VDD = 5V fIN = 1kHz THD+N = 1% THD+N = 10%
0 -20 -40 PSRR (dB) -60 -80 -100 -120
RL = 32 VDD = 5V
0 -20 CROSSTALK (dB) -40 -60 -80 -100 -120 RIGHT TO LEFT
LEFT TO RIGHT
1000
10
100
1k FREQUENCY (Hz)
10k
100k
10
100
1k FREQUENCY (Hz)
10k
100k
OUTPUT POWER vs. LOAD RESISTANCE AND CHARGE-PUMP CAPACITOR SIZE
MAX9728A/28B toc10
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX9728A/28B toc11
SHUTDOWN CURRENT vs. SUPPLY VOLTAGE
9 SHUTDOWN CURRENT (nA) 8 7 6 5 4 3 2
MAX9728A/28B toc12
80 C1 = C2 = 2.2F 70 OUTPUT POWER (mW) 60 50 C1 = C2 = 0.47F 40 30 20 0 50 250 100 200 150 LOAD RESISTANCE () VDD = 5V fIN = 1kHz THD+N = 1% C1 = C2 = 1F
3.50 3.45 SUPPLY CURRENT (mA) 3.40 3.35 3.30 3.25 NO LOAD INPUTS GROUND 3.20
10
1 0 5.5 4.5
NO LOAD INPUTS GROUND 5.0 SUPPLY VOLTAGE (V) 5.5
300
4.5
5.0 SUPPLY VOLTAGE (V)
_______________________________________________________________________________________
5
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown MAX9728A/MAX9728B
Typical Operating Characteristics (continued)
(VDD = 5V, PGND = SGND = 0V, SHDN = VDD, C1 = C2 = 1F, RL = , gain = -1.5V/V (RIN = 20k, RF = 30k for the MAX9728A), THD+N measurement bandwidth = 22Hz to 22kHz, both outputs driven in phase, TA = +25C, unless otherwise noted.)
EXITING SHUTDOWN
MAX9728A/28B toc13
ENTERING SHUTDOWN
MAX9728A/28B toc14
VSHDN 5V/div VIN_ 1V/div
VSHDN 5V/div VIN_ 1V/div
VOUT_ 500mV/div
VOUT_ 500mV/div
40s/div
20s/div
Pin Description
PIN TQFN 1 2 3 4 5 6 7 8 9 10 11 12 -- EP TSSOP 3 4 5 7 8 9 10 11 12 14 1 2 6,13 -- NAME C1P PGND C1N PVSS SHDN INL SGND INR SVSS OUTR OUTL VDD N.C. EP FUNCTION Flying Capacitor Positive Terminal. Connect a 1F ceramic capacitor from C1P to C1N. Power Ground. Connect to SGND. Flying Capacitor Negative Terminal. Connect a 1F ceramic capacitor from C1P to C1N. Charge-Pump Output. Connect to SVSS and bypass with a 1F ceramic capacitor to PGND. Active-Low Shutdown Input Left-Channel Input Signal Ground. Connect to PGND. Right-Channel Input Amplifier Negative Supply. Connect to PVSS. Right-Channel Output Left-Channel Output Positive Power-Supply Input. Bypass with a 1F capacitor to PGND. No Connection. Not internally connected. Exposed Paddle. Leave this connection floating or connect it to SVSS.
6
_______________________________________________________________________________________
60mW, DirectDrive, Stereo Headphone Amplifier with Shutdown
Detailed Description
The MAX9728A/MAX9728B stereo headphone amplifiers feature Maxim's patented DirectDrive architecture, eliminating the large output-coupling capacitors required by conventional single-supply headphone amplifiers. The device consists of two 60mW Class AB headphone amplifiers, undervoltage lockout (UVLO)/shutdown control, charge pump, and comprehensive click-and-pop suppression circuitry (see the Functional Diagram/Typical Operating Circuits). The charge pump inverts the positive supply (VDD), creating a negative supply (PVSS). The headphone amplifiers operate from these bipolar supplies with their outputs biased about PGND (Figure 1). The benefit of this PGND bias is that the amplifier outputs do not have a DC component. The large DC-blocking capacitors required with conventional headphone amplifiers are unnecessary, conserving board space, reducing system cost, and improving frequency response. The MAX9728A/MAX9728B feature an undervoltage lockout that prevents operation from an insufficient power supply and click-and-pop suppression that eliminates audible transients on startup and shutdown. The MAX9728A/MAX9728B also feature thermal-overload and short-circuit protection.
VOUT VDD VDD
MAX9728A/MAX9728B
VDD/2 GND
CONVENTIONAL DRIVER-BIASING SCHEME VOUT
VDD
GND
2VDD
-VDD
DirectDrive
Conventional single-supply headphone amplifiers have their outputs biased about a nominal DC voltage (typically half the supply) for maximum dynamic range. Largecoupling capacitors are needed to block this DC bias from the headphone. Without these capacitors, a significant amount of DC current flows to the headphone, resulting in unnecessary power dissipation and possible damage to both headphone and headphone amplifier. Maxim's patented DirectDrive architecture uses a charge pump to create an internal negative supply voltage, allowing the MAX9728A/MAX9728B outputs to be biased about GND. With no DC component, there is no need for the large DC-blocking capacitors. The MAX9728A/MAX9728B charge pumps require two small ceramic capacitors, conserving board space, reducing cost, and improving the frequency response of the headphone amplifier. See the Output Power vs. Load Resistance and Charge-Pump Capacitor Size graph in the Typical Operating Characteristics for details of the possible capacitor sizes. There is a low DC voltage on the amplifier outputs due to amplifier offset. However, the offsets of the MAX9728A/MAX9728B are typically 1.5mV, which, when combined with a 32 load, results in less than 47A of DC current flow to the headphones.
DirectDrive BIASING SCHEME
Figure 1. Conventional Driver Output Waveform vs. MAX9728A/MAX9728B Output Waveform
Charge Pump The MAX9728A/MAX9728B feature a low-noise charge pump. The 270kHz switching frequency is well beyond the audio range and does not interfere with audio signals. The switch drivers feature a controlled switching speed that minimizes noise generated by turn-on and turn-off transients. The di/dt noise caused by the parasitic bond wire and trace inductance is minimized by limiting the switching speed of the charge pump. Although not typically required, additional high-frequency noise attenuation can be achieved by increasing the value of C2 (see the Functional Diagram/Typical Operating Circuits).
Click-and-Pop Suppression
In conventional single-supply audio amplifiers, the output-coupling capacitor contributes significantly to audible clicks and pops. Upon startup, the amplifier charges the coupling capacitor to its bias voltage, typically half the supply. Likewise, on shutdown, the capacitor is discharged. This results in a DC shift across the capacitor, which appears as an audible transient at the speaker.
7
_______________________________________________________________________________________
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown MAX9728A/MAX9728B
Since the MAX9728A/MAX9728B do not require outputcoupling capacitors, this problem does not arise. Additionally, the MAX9728A/MAX9728B feature extensive click-and-pop suppression that eliminates any audible transient sources internal to the device. Typically, the output of the device driving the MAX9728A/MAX9728B has a DC bias of half the supply voltage. At startup, the input-coupling capacitor is charged to the preamplifier's DC-bias voltage through the input and feedback resistors of the MAX9728A/ MAX9728B, resulting in a DC shift across the capacitor and an audible click/pop. Delay the rise of SHDN 4 to 5 time constants based on RIN and CIN, relative to the startup of the preamplifier, to eliminate clicks-and-pops caused by the input filter. output, supply, and ground traces decrease JA, allowing more heat to be transferred from the package to the surrounding air. Thermal-overload protection limits total power dissipation in the MAX9728A/MAX9728B. When the junction temperature exceeds +150C, the thermal-protection circuitry disables the amplifier output stage. The amplifiers are enabled once the junction temperature cools by approximately 12C. This results in a pulsing output under continuous thermal-overload conditions.
Output Dynamic Range
Dynamic range is the difference between the noise floor of the system and the output level at 1% THD+N. Determine the system's dynamic range before setting the maximum output gain. Output clipping occurs if the output signal is greater than the dynamic range of the system. The DirectDrive architecture of the MAX9728A/ MAX9728B has increased the dynamic range compared to other single-supply amplifiers.
Shutdown
The MAX9728A/MAX9728B feature a < 0.1A, lowpower shutdown mode that reduces quiescent current consumption and extends battery life for portable applications. Drive SHDN low to disable the amplifiers and the charge pump. In shutdown mode, the amplifier output impedance is set to 14k||RF (RF is 30k for the MAX9728B). The amplifiers and charge pump are enabled once SHDN is driven high.
Maximum Output Swing
Internal device structures limit the maximum voltage swing of the MAX9728A/MAX9728B. The output must not be driven such that the peak output voltage exceeds the opposite supply voltage by 9V. For example, if VDD = 5V, the charge pump sets PVSS = -5V. Therefore, the peak output swing must be less than 4V to prevent exceeding the absolute maximum ratings.
Applications Information
Power Dissipation
Under normal operating conditions, linear power amplifiers can dissipate a significant amount of power. The maximum power dissipation for each package is given in the Absolute Maximum Ratings section under Continuous Power Dissipation or can be calculated by the following equation: PDISSPKG(MAX) = TJ(MAX) - TA JA
Component Selection
Input-Coupling Capacitor The input capacitor (CIN), in conjunction with the input resistor (RIN), forms a highpass filter that removes the DC bias from an incoming signal (see the Functional Diagram/Typical Operating Circuits). The AC-coupling capacitor allows the device to bias the signal to an optimum DC level. Assuming zero-source impedance, the -3dB point of the highpass filter is given by: f-3dB = 1 2RINCIN
where TJ(MAX) is +150C, TA is the ambient temperature, and JA is the reciprocal of the derating factor in C/W as specified in the Absolute Maximum Ratings section. For example, JA of the Thin QFN package is +68C/W, and +110C/W for the TSSOP package. The MAX9728A/MAX9728B have two power dissipation sources; a charge pump and the two output amplifiers. If power dissipation for a given application exceeds the maximum allowed for a particular package, reduce VDD, increase load impedance, decrease the ambient temperature, or add heatsinking to the device. Large
Choose the CIN such that f-3dB is well below the lowest frequency of interest. Setting f-3dB too high affects the device's low-frequency response. Use capacitors whose dielectrics have low-voltage coefficients, such as tantalum or aluminum electrolytic. Capacitors with high-voltage coefficients, such as ceramics, can result in increased distortion at low frequencies.
8
_______________________________________________________________________________________
60mW, DirectDrive, Stereo Headphone Amplifier with Shutdown
Charge-Pump Capacitor Selection Use ceramic capacitors with a low ESR for optimum performance. For optimal performance over the extended temperature range, select capacitors with an X7R dielectric. Table 1 lists suggested manufacturers. Flying Capacitor (C1) The value of the flying capacitor (see the Functional Diagram/Typical Operating Circuits) affects the charge pump's load regulation and output resistance. A C1 value that is too small degrades the device's ability to provide sufficient current drive, which leads to a loss of output voltage. Increasing the value of C1 improves load regulation and reduces the charge-pump output resistance to an extent. See the Output Power vs. Load Resistance and Charge-Pump Capacitor Size graph in the Typical Operating Characteristics. Above 1F, the on-resistance of the switches and the ESR of C1 and C2 dominate. Hold Capacitor (C2) The hold capacitor value (see the Functional Diagram/Typical Operating Circuits) and ESR directly affect the ripple at PVSS. Increasing the value of C2 reduces output ripple. Likewise, decreasing the ESR of C2 reduces both ripple and output resistance. Lower capacitance values can be used in systems with low maximum output power levels. See the Output Power vs. Load Resistance and Charge-Pump Capacitor Size graph in the Typical Operating Characteristics. Power-Supply Bypass Capacitor (C3) The power-supply bypass capacitor (see the Functional Diagram/Typical Operating Circuits) lowers the output impedance of the power supply, and reduces the impact of the MAX9728A/MAX9728Bs' charge-pump switching transients. Bypass VDD with C3, the same value as C1, and place it physically close to the VDD and PGND pins.
MAX9728A/MAX9728B
Amplifier Gain
The gain of the MAX9728B amplifier is internally set to -1.5V/V. All gain-setting resistors are integrated into the device, reducing external component count. The internally set gain, in combination with DirectDrive, results in a headphone amplifier that requires only five small capacitors to complete the amplifier circuit: two for the charge pump, two for audio input coupling, and one for power-supply bypassing (see the Functional Diagram/Typical Operating Circuits). The gain of the MAX9728A amplifier is set externally as shown in Figure 2, the gain is: AV = -RF/RIN (V/V) Choose feedback resistor values in the tens of k range. Lower values may cause excessive power dissipation and require impractically small values of RIN for large gain settings. The high-impedance state of the outputs can also be degraded during shutdown mode if an inadequate feedback resistor is used since the equivalent output impedance during shutdown is 14k||RF (RF is equal to 30k for the MAX9728B). The source resistance of the input device may also need to be taken into consideration. Since the effective value of RIN is equal to the sum of the source resistance of the input device and the value of the input resistor connected to the inverting terminal of the headphone amplifier (20k for the MAX9728B), the overall closed-loop gain of the headphone amplifier can be reduced if the input resistor is not significantly larger than the source resistance of the input device.
Table 1. Suggested Capacitor Manufacturers
SUPPLIER Taiyo Yuden TDK Murata PHONE 800-348-2496 847-803-6100 770-436-1300 FAX 847-925-0899 847-390-4405 770-436-3030 WEBSITE www.t-yuden.com www.component.tdk.com www.murata.com
_______________________________________________________________________________________
9
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown MAX9728A/MAX9728B
Lineout Amplifier and Filter Block
The MAX9728A can be used as an audio line driver capable of providing 2VRMS into 10k loads with a single 5V supply (see Figure 3 for the RMS Output Voltage vs. Supply Voltage plot). 2VRMS is a popular audio line level, first used in CD players, but now common in DVD and set-top box (STB) interfacing standards. A 2VRMS sinusoidal signal equates to approximately 5.7VP-P, which means that the audio system designer cannot simply run the lineout stage from a (typically common) 5V supply--the resulting output swing would be inadequate. A common solution to this problem is to use op amps driven from split supplies (5V typically), or to use a high-voltage supply rail (9V to 12V). This can mean adding extra cost and complexity to the system power supply to meet this output level requirement. Having the ability to derive 2VRMS from a 5V supply can often simplify power-supply design in some systems. When the MAX9728A is used as a line driver to provide outputs that feed stereo equipment (receivers, STBs, notebooks, and desktops) with a digital-to-analog converter (DAC) used as an audio input source, it is often desirable to eliminate any high-frequency quantization noise produced by the DAC output before it reaches the load. This high-frequency noise can cause the input stages of the line-in equipment to exceed slew-rate limitations or create excessive EMI emissions on the cables between devices. To suppress this noise, and to provide a 2VRMS standard audio output level from a single 5V supply, the MAX9728A can be configured as a line driver and active lowpass filter. Figure 4 shows the MAX9728A connected as 2-pole Rauch/multiple feedback filter with a passband gain of 6dB and a -3dB (below passband) cutoff frequency of approximately 27kHz (see Figure 5 for the Gain vs. Frequency plot).
RF
MAX9728A
LEFT AUDIO INPUT RIN INL OUTL
OUTR RIGHT AUDIO INPUT RIN INR
RF
Figure 2. Gain Setting for the MAX9728A
RMS OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
3.9 RMS OUTPUT VOLTAGE (V) 3.7 3.5 3.3 3.1 2.9 2.7 2.5 4.5 5.0 SUPPLY VOLTAGE (V) 5.5 RL = 1k 1% THD+N fIN = 1kHz RL = 10k 1% THD+N
MAX9728A/28B fig03
4.1
Layout and Grounding
Proper layout and grounding are essential for optimum performance. Connect PGND and SGND together at a single point on the PC board. Connect PVSS to SVSS and bypass with a 1F capacitor. Place the power-supply bypass capacitor and the charge-pump hold capacitor as close to the MAX9728 as possible. Route PGND and all traces that carry switching transients away from SGND and the audio signal path. The thin QFN package features an exposed paddle that improves thermal efficiency. Ensure that the exposed paddle is electrically isolated from PGND, SGND, and VDD. Connect the exposed paddle to SVSS only when the board layout dictates that the exposed paddle cannot be left floating.
Figure 3. RMS Output Voltage vs. Supply Voltage
10
______________________________________________________________________________________
60mW, DirectDrive, Stereo Headphone Amplifier with Shutdown MAX9728A/MAX9728B
15k 220pF
LEFT AUDIO INPUT
1F
7.5k 1.2nF
7.5k
MAX9728A
INL OUTL LINE-IN DEVICE
STEREO DAC
10k 1.2nF RIGHT AUDIO INPUT 1F OUTR 7.5k 7.5k INR 10k
220pF
15k
Figure 4. MAX9728A Line-Out Amplifier and Filter Block Configuration
MAX9728A ACTIVE FILTER GAIN vs. FREQUENCY
10 5 0 -5 GAIN (dB) -10 -15 -20 -25 -30 -35 1k 10k 100k 1M FREQUENCY (Hz) RL = 10k
Figure 5. Frequency Response of Active Filter of Figure 4
______________________________________________________________________________________
11
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown MAX9728A/MAX9728B
System Diagram
VDD 0.1F 15k 1F 15k INR VDD PVDD BIAS 1F OUTR+ OUTR-
MAX9710
PGND MUTE 0.1F 15k SHDN INL 15k CONTROLLER
GND OUTLOUTL+ VDD 100k 100k 0.1F
STEREO DAC O.47F
SHDN
OUTL
MAX9728B OUTR
INL SGND INR PGND PVSS SVSS C1P C1N VDD 1F 1F VDD
O.47F
1F
12
______________________________________________________________________________________
60mW, DirectDrive, Stereo Headphone Amplifier with Shutdown
Functional Diagram/Typical Operating Circuits
4.5V TO 5.5V LEFT AUDIO INPUT CIN R IN* 0.47F 20k RF* 30k
MAX9728A/MAX9728B
ON C3 1F 12 (2) VDD OFF 5 (8) SHDN
6 (9) INL VDD 11 OUTL (1)
1 (3) C1P
HEADPHONE JACK SVSS UVLO/ SHUTDOWN CONTROL CHARGE PUMP SGND VDD 10 (14) CLICK-AND-POP SUPPRESSION
C1 1F 3 (5) C1N
OUTR
MAX9728A
PVSS 4 (7) C2 1F SVSS PGND 2 9 (12) (4) SVSS SGND 7 (10) RIGHT AUDIO INPUT CIN RIN* 0.47F 20k INR 8 (11) RF* 30k
*RIN AND RF VALUES ARE CHOSEN FOR A GAIN -1.5V/V. ( ) TSSOP PACKAGE
______________________________________________________________________________________
13
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown MAX9728A/MAX9728B
Functional Diagram/Typical Operating Circuits (continued)
4.5V TO 5.5V LEFT AUDIO INPUT CIN 0.47F
C3 1F
ON OFF 12 (2) VDD 5 (8) SHDN
6 (9) INL RF* 30k VDD 11 OUTL (1)
RIN* 20k
1 (3) C1P
HEADPHONE JACK VSS UVLO/ SHUTDOWN CONTROL CHARGE PUMP SGND VDD 10 (14) CLICK-AND-POP SUPPRESSION
C1 1F 3 (5) C1N
MAX9728B
RIN 20k SVSS RF 30k
OUTR
PVSS 4 (7) C2 1F
SVSS 9 (12)
PGND 2 (4)
SGND 7 (10)
INR 8 (11) CIN RIGHT 0.47F AUDIO INPUT
( ) TSSOP PACKAGE
14
______________________________________________________________________________________
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Pin Configurations
SGND
MAX9728A/MAX9728B
INR
TOP VIEW
SVSS
TOP VIEW +
OUTL 1 14 OUTR 13 N.C. 12 SVSS VDD C1P 2 3
9
8
7
OUTR 10 OUTL 11 VDD 12
6
INL SHDN PVSS
MAX9728A MAX9728B +
1 C1P 2 PGND 3 C1N
5
PGND 4 C1N 5
MAX9728A MAX9728B
11 INR 10 SGND 9 8 INL SHDN
4
N.C. 6 PVSS 7
TSSOP
TQFN
Chip Information
TRANSISTOR COUNT: 993 PROCESS: BiCMOS
______________________________________________________________________________________
15
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown MAX9728A/MAX9728B
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a "+", "#", or "-" in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status.
PACKAGE TYPE 12 TQFN-EP 14 TSSOP PACKAGE CODE T1233-1 U14-1 DOCUMENT NO. 21-0136 21-0066
MARKING
E E/2
(ND - 1) X e
(NE - 1) X e
D2/2
D/2 D
AAAA
C L
e D2
k
b E2/2
0.10 M C A B
C L
L
E2
0.10 C
0.08 C A A2 A1 L
C L
C L
L
e
e
PACKAGE OUTLINE 8, 12, 16L THIN QFN, 3x3x0.8mm
21-0136
I
1 2
16
______________________________________________________________________________________
12x16L QFN THIN.EPS
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a "+", "#", or "-" in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status.
MAX9728A/MAX9728B
PKG REF. A b D E e L N ND NE A1 A2 k 0.25 0 0.35
8L 3x3 MIN. NOM. MAX. 0.70 0.25 2.90 2.90 0.75 0.30 3.00 3.00 0.55 8 2 2 0.02 0.20 REF 0.25 0.05 0 0.80 0.35 3.10 3.10 0.75
12L 3x3 MIN. NOM. MAX. 0.70 0.20 2.90 2.90 0.45 0.75 0.25 3.00 3.00 0.50 BSC. 0.55 12 3 3 0.02 0.20 REF 0.25 0.05 0 0.65 0.30 0.80 0.30 3.10 3.10
16L 3x3 MIN. NOM. MAX. 0.70 0.20 2.90 2.90 0.75 0.25 3.00 3.00 0.40 16 4 4 0.02 0.20 REF 0.05 0.80 0.30 3.10 3.10 0.50 PKG. CODES TQ833-1 T1233-1 T1233-3 T1233-4 T1633-2 T1633F-3 T1633FH-3 T1633-4 T1633-5
EXPOSED PAD VARIATIONS
D2 MIN. 0.25 0.95 0.95 0.95 0.95 0.65 0.65 0.95 0.95 NOM. 0.70 1.10 1.10 1.10 1.10 0.80 0.80 1.10 1.10 MAX. 1.25 1.25 1.25 1.25 1.25 0.95 0.95 1.25 1.25 MIN. 0.25 0.95 0.95 0.95 0.95 0.65 0.65 0.95 0.95 E2 NOM. 0.70 1.10 1.10 1.10 1.10 0.80 0.80 1.10 1.10 MAX. 1.25 1.25 1.25 1.25 1.25 0.95 0.95 1.25 1.25 PIN ID 0.35 x 45 0.35 x 45 0.35 x 45 0.35 x 45 0.35 x 45 0.225 x 45 0.225 x 45 0.35 x 45 0.35 x 45 JEDEC WEEC WEED-1 WEED-1 WEED-1 WEED-2 WEED-2 WEED-2 WEED-2 WEED-2
0.65 BSC.
0.50 BSC.
NOTES: 1. 2. 3. 4. DIMENSIONING & TOLERANCING CONFORM TO ASME Y14.5M-1994. ALL DIMENSIONS ARE IN MILLIMETERS. ANGLES ARE IN DEGREES. N IS THE TOTAL NUMBER OF TERMINALS. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1 SPP-012. DETAILS OF TERMINAL #1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE ZONE INDICATED. THE TERMINAL #1 IDENTIFIER MAY BE EITHER A MOLD OR MARKED FEATURE. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.20 mm AND 0.25 mm FROM TERMINAL TIP. ND AND NE REFER TO THE NUMBER OF TERMINALS ON EACH D AND E SIDE RESPECTIVELY. DEPOPULATION IS POSSIBLE IN A SYMMETRICAL FASHION. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS . DRAWING CONFORMS TO JEDEC MO220 REVISION C. MARKING IS FOR PACKAGE ORIENTATION REFERENCE ONLY. NUMBER OF LEADS SHOWN ARE FOR REFERENCE ONLY. WARPAGE NOT TO EXCEED 0.10mm.
5. 6. 7. 8. 9. 10. 11. 12.
PACKAGE OUTLINE 8, 12, 16L THIN QFN, 3x3x0.8mm
21-0136
I
2 2
______________________________________________________________________________________
17
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown MAX9728A/MAX9728B
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a "+", "#", or "-" in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status.
TSSOP4.40mm.EPS
MAX9728A/MAX9728B MAX9728A/MAX9728B MAX9728A/MAX9728B
18
______________________________________________________________________________________
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Revision History
REVISION NUMBER 0 1 REVISION DATE 1/06 7/09 Initial release Corrected top mark designations DESCRIPTION PAGES CHANGED -- 1
MAX9728A/MAX9728B
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 19 (c) 2009 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX9728AEUD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X