Part Number Hot Search : 
MM124 20010WR 90LM056M MA11FCG 21500 TFS36F 20010WR MEH14ZAA
Product Description
Full Text Search
 

To Download MADS-003000-1292 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MADS-003000-1292 Series
Surface Mount Schottky Dual Crossover Quad
Features
* Designed for High Volume Applications * Dual Crossover Quad Configuration * Lead Free and RoHS* Compliant with 260C Reflow Capability * 100% Matte Tin Plating * Available in SOT-26 (ODS-1292) * Tape and Reel Deliverable
M/A-COM Products
Rev. V3
SOT-26 Package (Top View)
4 5 6
Description
M/A-COM's MADS-003000-1292LT and MADS003000-1292HT are high performance silicon Schottky dual crossover quads. These parts are usable for a variety of mixer applications. The closely matched junctions minimize variation in capacitance, forward voltage and dynamic resistance within the four diodes in the quad. These diodes are available in a small profile surface mount package SOT-26 (ODS-1292). They are available in tape and reel for automatic pick and place assembly.
1
2
3
Configuration (Top View)
Associated Application Note
M538 - Surface Mount Instructions
Ordering Information
Model Number
MADS-003000-1292LT MADS-003000-1292HT
Package
Tape and Reel Tape and Reel
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has Visit www.macom.com for additional data sheets and product information. been fixed. Engineering samples and/or test data may be available. Commitment to produce in MA-COM Technical Solutions and its affiliates reserve the right to make changes to volume is not guaranteed.
MADS-003000-1292 Series
Surface Mount Schottky Dual Crossover Quad
Electrical Specifications @ +25C
Part Number Vf Min. (mV)
MADS-003000-1292HT MADS-003000-1292LT 515 200
M/A-COM Products
Rev. V3
Forward Voltage 1 Vf Max. (mV)
600 245
Junction Capacitance 2 Delta Vf Max. (mV)
10 10
Dynamic Resistance 3 Rd Max. (ohms)
6.0 7.0
Cj Typical (pF)
.5 .5
1. Forward voltage is measured at If = 1 mA 2. Cj is measured at Vr = 0 volts and f = 1 MHz 3. Rd is measured @ If = 9.5 - 10.5 mA
Absolute Maximum Ratings @ 25C 4,5
Parameter
Operating Temperature Storage Temperature Junction Temperature RF Incident Power (CW) Soldering Temperature
Absolute Maximum
-65C to +125C -65C to +125C +150C 75 mW +260C
4. Exceeding these limits may cause permanent damage. 5. ESD Precautions - Schottky diodes are ESD sensitive and can be damaged by static electricity. Proper ESD techniques must be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has Visit www.macom.com for additional data sheets and product information. been fixed. Engineering samples and/or test data may be available. Commitment to produce in MA-COM Technical Solutions and its affiliates reserve the right to make changes to volume is not guaranteed.
MADS-003000-1292 Series
Surface Mount Schottky Dual Crossover Quad
Package Outline (SOT-26) ODS-1292 M/A-COM Products
Rev. V3
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has Visit www.macom.com for additional data sheets and product information. been fixed. Engineering samples and/or test data may be available. Commitment to produce in MA-COM Technical Solutions and its affiliates reserve the right to make changes to volume is not guaranteed.


▲Up To Search▲   

 
Price & Availability of MADS-003000-1292

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X