Part Number Hot Search : 
ZR36768 AMIRR MSMLG22A ECF10N25 SL4034BD PAN301A RT9008 MBR10150
Product Description
Full Text Search
 

To Download MA4P7452F-1072T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MA4P7452F-1072T
Non Magnetic SMQ HIPAX PIN Diode
Rev. V2
Features
* Non-Magnetic Package Suitable for MRI Applications * Rectangular MELF SMQ Ceramic Package * Hermetically Sealed * Lower Rs for Lower Series Loss * Longer L for Lower Intermodulation Distortion * Lower Cj for Higher Series Isolation * Higher Average Incident Power Handling Capability
Description and Applications
The MA4P7452F-1072T is a surface mountable PIN diode in a Non-Magnetic ( patent pending ) Metal Electrode Leadless Faced (MELF) package. The device incorporates M/A-COM's proven HIPAX technology to produce a low inductance ceramic package with no ribbons or whisker wires. The package utilizes M/A-COM's new non- magnetic plating process to provide an extremely low permeability, hermetically sealed package. Incorporated in the package is a passivated PIN diode that is full face bonded on both the cathode and anode of the chip to maximize surface area for lower electrical and thermal resistance. The MA4P7452F-1072T has been comprehensively characterized both electrically and mechanically to ensure repeatable and predictable performance. This MA4P7452F-1072T Non-Magnetic device is similar in electrical performance to the MA4P7002F-1072T Magnetic part number. The diodes are well suited for use in low loss, low distortion, and high power switching circuits applicable for high magnetic field environments from HF through UHF frequencies. The lower thermal resistance of this device provides excellent higher average performance at RF power incident levels up to 100 watts CW. This device is designed to meet the most rigorous electrical and mechanical requirements of MRI testing environments.
Designed for Automated Assembly
These SMQ PIN diodes are designed for high volume tape and reel assembly. The rectangular package design provides for highly efficient automatic pick and place assembly techniques. The parallel flat surfaces are suitable for key jaw or vacuum pickup techniques. All solder able surfaces are tin plated and compatible with reflow and vapor phase soldering methods.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4P7452F-1072T
Non Magnetic SMQ HIPAX PIN Diode
Rev. V2
Enviornmental Capability
HIPAX devices are applicable for use in industrial and military applications and can be screened to meet the environmental requirements of MIL-STD-750, MIL-STD-202 as well as other military standards. The table below lists some of the MIL-STD 750 tests the device is designed to meet.
MIL-STD-750 Test
High Temperature Storage Temperature Shock HTRB Moisture Resistance Gross Leak Vibration Fatigue Solderability
Method
1031 1051 1038 1021 1071 Cond. E 2046 2026
Description
+150 C, for 340 Hours -65 C to +125 C, 20 Cycles 80% of rated VB, +150 C, for 96 Hours No Initial Conditioning, 85 % RH, +85 C Dye Penetrant Visual 20,000 G's, 60 Hz, x, y, z axis Test Temperature = +245 C
Ordering Information
Part Number
MA4P7452F-1072T
Package
Tape and Reel
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4P7452F-1072T
Non Magnetic SMQ HIPAX PIN Diode
Rev. V2
Electrical Specifications @ +25 C
Parameter
Forward Voltage (Maximum) Voltage Rating (Minimum) Total Capacitance (Maximum) Series Resistance (Maximum) Parallel Resistance (Minimum) Carrier Lifetime (Nominal) I-Region Length (Nominal) C.W. Thermal Resistance (Maximum) Power Dissipation in Free Air (Maximum) Power Dissipation with Diode Case at Tambient (Maximum)
Symbol
VF VR CT RS RP L m W PD
Condition
IF = +100 mA Ir = -10 uA -100 V @ 100 MHz +100 mA @ 100 MHz -10 V @ 100 MHz +6 mA / -10 mA @ (50% - 90% Voltage) IH = 1A, IL = 10 mA, T = 1 mS IF = +100 mA IF = +100 mA
Unit Value
1.0 VDC l - 150 l VDC 0.7 pF 0.9 Ohms 75 K 9 us 175 m 15 C/W 4W 10 W
Absolute Maximum Ratings1 @ 25C
Parameter
Operating Temperature Storage Temperature Diode Junction Temperature Diode Mounting Temperature RF C.W. Incident Power Forward D.C. Current Reverse D.C. Voltage @ -10 uA
Absolute Maximum
-65 C to +125 C -65 C to +150 C +175 C Continuous +235 C for 10 seconds + 50 dBm C.W. + 250 mA l - 200 V l
1. Exceeding these limits may cause permanent damage.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4P7452F-1072T
Non Magnetic SMQ HIPAX PIN Diode
Rev. V2
Mechanical Outline
Case Style
A Square Min / Max 1072 0.080 / 0.095 (2.03 / 2.41)
Dimensions in Inches (mm)
B Min / Max 0.115 / 0.135 (2.92/ 3.43) C Min / Max 0.008 / 0.030 (.203 / .762)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4P7452F-1072T
Non Magnetic SMQ HIPAX PIN Diode
Rev. V2
Typical Electrical Performance
MA4P7452F-1072T Rs vs I
1000
100 MHz 100 1000 MHz
Rs_100 MHz Rs_1000 MHz
Rs ( Ohms )
10
1
0.1 0.01
0.10
1.00 I ( mA )
10.00
100.00
MA4P7452F-1072T Rp vs Voltage
1.0E+05
Rp ( Ohms )
1.0E+04 Rp_1500 MHz
1.0E+03 0.1
1.0 Voltage ( V )
10.0
100.0
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4P7452F-1072T
Non Magnetic SMQ HIPAX PIN Diode
Rev. V2
Typical Electrical Performance
MA4P7452F-1072T Ct vs Voltage
1.00
1500 MHz
Ct ( pF )
100 MHz
Ct_100 MHz Ct_1500 MHz
0.10 0.1
1.0 Voltage ( V )
10.0
100.0
MA4P7452F-1072T Ls vs Frequency
1.00
Ls_50 mA
Ls ( nH ) 0.10 100.0 Frequency ( MHz )
1000.0
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4P7452F-1072T
Non Magnetic SMQ HIPAX PIN Diode
Rev. V2
Typical Non-Magnetic Performance
Comparison of Magnetic Moment vs H Field for MA4P7400-1072T Non-Magnetic Series & MA4P1250-1072T Magnetic Devices 2.50E-02
2.00E-02
1.50E-02 MA4P1250-1072T Magnetic 1.00E-02
Device Magnetic Moment (EMU)
5.00E-03
0.00E+00
-5.00E-03
MA4P7400-1072T Non-Magnetic Series
-1.00E-02
-1.50E-02
-2.00E-02
-2.50E-02 -1.0E+04
-8.0E+03
-6.0E+03
-4.0E+03
-2.0E+03
0.0E+00
2.0E+03
4.0E+03
6.0E+03
8.0E+03
1.0E+04
H Field ( Oersteads )
Table 1 - Typical Magnetic Properties of Non-Magnetic MA4P7452F-1072T Device Vs. Conventional MA4P1250F-1072T Magnetic Device
Magnetic Property
Saturation Moment (EMU) @ H = HMAX Oersteads Remanance Moment (EMU) @ H = 0 Oersteads Coercivity (Oersteads) @ EMU = 0 Moment
MA4P7441F-1091T Value
2.3 x E-4 4.2 x E-8 1.0
MA4P4001-1091T Value
2.1 x E-2 7.1 x E-3 59.2
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MA4P7452F-1072T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X