Part Number Hot Search : 
MPX906 MPX906 MS360 SMCJ40 UT6140 MS360 LM51031D IR3N06
Product Description
Full Text Search
 

To Download M02-04-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Filtrex Intelligent Photoelectric Smoke Detector
TM Models FTX-P1 FTX-P1A Base B501B-FTX B501B-FTXA Accessories RF-FTX RA400Z M02-04-01 M02-09-00
Product Overview Intelligent communications High density filter removes particulate down to 32 microns Air delivery system is separately powered and fully supervised Filter is easily field replaceable Resistant to water spray in applications where occasional hose-down cleaning is performed Optional remote LED accessory Rotary decade address switches Compatible with 200 and 500 Series products' protocol No modification required to panels compatible with System Sensor intelligent photoelectric smoke detectors System Sensor Filtrex Smoke Detector provides early warning smoke detection in difficult environments where traditional smoke detectors are not practical. Filtrex provides protection in dirty, dusty environments that tend to cause false alarms with standard smoke detectors. Operation:
Using a small air intake fan and a high density replaceable filter, air and smoke are drawn into a photoelectric sensing chamber while airborne particulate and water spray are removed. When the filter becomes too clogged to draw adequate air into the sensing chamber, power is cut from the detector, causing a trouble signal at the fire alarm control panel. When the filter is replaced, power-up is automatic.
Applications:
Animal research facilities Institutional laundry facilities Amusement parks Zoos Performance theatres Loading docks Paper mills Textile mills
Specifications
Size 3.5 (8.9 cm) H x 6.1 (15.5 cm) diam, in B501B-FTX base Weight 7.3 oz. (207 grams) Signaling Line Circuit Supply Range 15-32 VDC Detector Current (max. avg.) 250 A @ 24 VDC (without communication) 360 A @ 24 VDC (one communication ever y 5 seconds with LED enabled) External/Auxiliar y Power Supply Voltage Range 15-30 VDC (filtered) External/Auxiliar y Power Supply Maximum Current 123 mA External/Auxiliar y Power Supply Avg. Current 27 mA Temperature Range 32 to 122F (0 to 50 C) Relative Humidity 10% to 93% noncondensing Air Intake Fan On 5 seconds ever y 30 seconds Filter Air flow checked ever y 4 hours
Filtrex Wiring Diagram
+ -
CONTROL PANEL
1(+)
2(-)
3(RA ) 4(S )
-
1(+)
2(-)
3(R
A) 4 (S)
X AU X+ AU
-
AUX. POWER SUPPLY
+ -
Ordering Information
Model FTX-P1 FTX-P1A B501B-FTX B501B-FTXA RF-FTX RA400Z M02-04-01 M02-09-00 Description Photoelectric smoke detector Photoelectric smoke detector, (Canadian) Flanged adapter base, 6.1 (15.5 cm) Flanged adapter base, 6.1 (15.5 cm), (Canadian) Replacement filter cover assembly (6 pack) Remote LED annunciator, fits U.S. single gang electrical box Test magnet Test magnet with telescoping handle
System Sensor Sales and Service
System Sensor Headquarters 3825 Ohio Avenue St. Charles, IL 60174 Ph: 800/SENSOR2 Fx: 630/377-6495 Documents-on-Demand 800/736-7672 x3 www.systemsensor.com System Sensor Canada Ph: 905.812.0767 Fx: 905.812.0771 System Sensor Europe Ph: 44.1403.276500 Fx: 44.1403.276501 System Sensor in China Ph: 86.29.524.6253 Fx: 86.29.524.6259 System Sensor in Singapore Ph: 65.273.2230 Fx: 65.273.2610 System Sensor - Far East Ph: 85.22.191.9003 Fx: 85.22.736.6580 System Sensor - Australia Ph: 613.54.281.142 Fx: 613.54.281.172 System Sensor - India Ph: 91.124.637.1770 x.2700 Fx: 91.124.637.3118
(c) 1999 System Sensor. The company reserves the right to change product specifications without notice.
X+ AU
X AU
A05-985-01*7/99(10K)*#522


▲Up To Search▲   

 
Price & Availability of M02-04-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X