Part Number Hot Search : 
UNR921LJ JRC0118 HI5675 MSF5N50 7432DC 7432DC AS33109 MS20427
Product Description
Full Text Search
 

To Download LX110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L U M IN I S
1 2
Wall mount
Specification
LUXOR
LX110 . LX113
All exposed cast aluminum components are made of non corrosive pure aluminum copper free (Aluminum is less than .1% copper content.#356 alloy.) Finish: All polyester powder baked coatings preceded with a 5 baths preparation process. Meets military grade MIL-C781706 with a 2000 hours salt spray test. - Pulse rated medium base porcelain socket. - 75W/600V thermoplastic compact fluorescent socket. - One-piece molded silicone gasket with memory retention. - High power factor CWA ballast. Or 98% P.F.electronic smart ballast with end of life detection for compact fluorescent. - All stainless steel hardware. - All Moving and removable parts are sealed with a memory retention silicone gasket. - Cast aluminum swing out hinge mechanism for quick maintenance access. 1 - Galvanized mounting plate with perimeter gasketing . 2 - Cast aluminum isolated ballast compartment 3 - One piece copper free cast aluminum pyramid housing available with closed or open luminous faces. 4 - Standard specular multi facet reflector,with type V distribution. 5 - Tempered frosted glass for luminous faces. 6 - Hinge frame slider allowing to keep the luminaire lens frame in open position during maintenance. 7 - Clear tempered glass lens. 8 - Stainless steel captive hexagonal cap screws . 9 - Cast aluminum sealed removable regressed glass frame, with perimeter memory retention embedded silicone gasket. LX110: Enclosed pyramid housing down light. LX113: Open light glow triangular openings with down light.
3 4 5 6 7 8 9
7" 15" LX110
Top view
LX113 Mounting
6"
Photometry
14" Hinged lens frame
6" 13" x 13" plate
Certification
UL. Wet Location.
Mounting
Max.weight: 30 lbs. Installation: Mounts over a standard 4" octagonal electrical box with 3 1/2" c/c mounting holes. (by others ) additional separate mounting holes are provided with wall plate.
90
Separate updated technical specification sheets with related models and light sources with I.E.S formatted photometry are available on www.luminis.com.
60 30
For options details and specifications, please refer to pages 42 & 72
Model#
Light source selection
MH (ED17) M70 M100 M150 M175 CF (Gx24q) Single lamp F142 F157 F170 CF (Gx24q) Two lamp F226 F232 F242
Voltage
Finish
RL3:
Options
Accessories Type III semi specular reflector. (Single lamps only.) RL4: Forward Throw type IV distribution RL3 & RL4 are available with LX110 only. Electrical Fuse 120/277V photo cell 347V photo cell 1 lamp (26/32/42W) EM battery. Note: EM optional battery test switch and pilot lamp are installed remotely. (Refer to page 72) FS: PH1: PH2: EM42S:
LX110 LX113
HPS (ED17) H70 H100 H150
120 V Standard factory (Refer to color chart) prewired Standard selection (If no voltage is specified) WHT:Snow white For other voltages, please BKT: Jet black specify with catalog number. BZT: Bronze H.I.D. GRT: Titanium gray 208 V DGT: Gun metal 240 V CHT: Champagne 277 V MST: Matte silver 347 V GNT: Forest green Optional colors CS: Custom color COMP. FLUO. RAL: RAL# color Smart ballast 120/277 347 V (To specify)
(Lamps by others)
luminaires may be altered for design improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com
Sept. 2006 Rev: Feb.2007
Page 47
L U M I N IS
Front view
OPTIONAL MOUNTING AND ACCESSORIES
3" Mounting plate A 5 5/8"
LUXOR
ACW2 Wall mount
A 1/2" dia. natural stainless steel rod support
22" 17 3/4"
4 5/8"
5 1/8" 6 3/8"
17 3/4"
45
B
Mounting plate B
Tubular ballast enclosure with removable access bottom cover
33"
12 1/4"
6 1/4"
Max weight:
(luminaire included)
H.I.D: 38 lbs. C.F.: 29 lbs
Power supply
LX120-ACW2 Compact fluorescent LX124-ACW2 H.I.D Extruded aluminum wall mounted adaptor . 5" dia.x 12 3/4" lg. tubular ballast enclosure with removable cover for access to ballast tray. Cast aluminum wall mounted plate. 1/2" dia.stainless steel rod support. Extruded arm and all other parts are painted same color as luminaire . 33" Front view 8" 1/2" dia. natural stainless steel rod support 22" 45 deg. LX150-PC LX150-PH Compact fluorescent H.I.D
LX120-ACA2 Compact fluorescent LX124-ACA2 H.I.D E.P.A.: 2.0 Extruded aluminum side pole mounting adaptor. 1/2" dia. stainless steel natural rod support. Extruded arm and all other parts are painted same color as luminaire. * Note: 36" extension with ACA2 attachment 24" extension with LX150PC / LX150PH attachment OAL pole height Mounting 12-14 or 16ft. style * Note
E.P.A.: .74 Extruded aluminum side pole mounting adaptor. 2" X 4" Extruded arm and all other parts are painted same color as luminaire..
Compatible poles listing.
Post side mount for LX150PC (For Luxor Compact Fluoresecnt.)
4"O.D. PAA410-APC PAA412-APC PAA414-APC PAA416-APC PAA418-APC PAA420-APC 5"O.D. PAA510-APC PAA512-APC PAA514-APC PAA516-APC PAA518-APC PAA520-APC 4"O.D. PCA12-APC PCA14-APC PCA16-APC 4"O.D. PXD10-APC PXD12-APC PXD14-APC PXD16-APC PXD18-APC PXD20-APC
Post side mount for LX150PH (For Luxor HID.)
5"O.D. PAA510-APC PAA512-APC PAA514-APC PAA516-APC PAA518-APC PAA520-APC Pole height 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft
PXD pole style
PCA pole style
PAA pole style
Mounting style
Post side mount with ACA2 attachment accessory Post top mounting for LX120-ACA2 and LX124-ACA2
PAA514-ACA PAA516-ACA PAA518-ACA PAA520-ACA For poles details and specification, please refer to pages 140 to 144 14 ft 16 ft 18 ft 20 ft
60"
luminaires may be altered for design improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com
Sept. 2006 Rev: Feb.2007
Page 54


▲Up To Search▲   

 
Price & Availability of LX110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X