![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SM Ceramic Filter LTUC455 & LTUCS455 Series Ceramic Filter LTUC455 and LTUCS455 series are surface mount ceramic filters widely used in telecommunication, cable, radar, TV set, tape recorder, video camera and other electronic products due to its lower price and stable performances. LTUC455 LTUCS455 Specifications: Frequency Range (fc): LTUC455 Series: LTUCS455 Series: Tolerance: Operating Temperature: Storage Temperature: 6dB Bandwidth: 455KHz 455KHz 1.5KHz -20C ~ +80C -40C ~ +85C B: D: E: F: G: H: 40dB Bandwidth: B: D: E: F: G: H: Stop Band Attenuation: at fc 100KHz Insertion Loss: 15KHz 10KHz 7.5KHz 6.0KHz 4.5KHz 3.0KHz 30KHz 20KHz 15KHz 12.5KHz 10KHz 9KHz Standard LTUC & LTUCS Series Model LTUC LTUCS W 6.0 5.6 D 4.0 3.0 T 4.0 3.0 27dB min (B,D,E,F) 25dB min (G) 4.0dB max (B,D) 6.0dB max (E,F,G) Ripple: Input/Output Impedance: Note: 2.0dB max 1.5K All dimensions are in mm Ordering Information Other frequencies, bandwidth ranges available. Consult VTC Support for specific requirements. Not all combinations of the above bandwidth ranges are available. Consult VTC Support if your requirement is not standard. All specifications subject to change without notice. 1. 2. 3. Product name + Frequency + Bandwidth Code. i.e. LTUC455E or LTUCS455F Phone: +86 10 6301 4184 January 17, 2001 Fax: +86 10 6301 9167 Email: sales@vanlong.com Web: http://www.vanlong.com Vanlong Technology Co., Ltd. |
Price & Availability of LTUC455
![]() |