Part Number Hot Search : 
P2N60 AGM2412A PD481 PT6961 M51978P MA723C SHD12 FCH10A06
Product Description
Full Text Search
 

To Download LTC3604EUDPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
n n n n n n n n
LTC3604 2.5A, 15V Monolithic Synchronous Step-Down Regulator DESCRIPTION
The LTC(R)3604 is a high efficiency, monolithic synchronous buck regulator using a phase-lockable controlled on-time, current mode architecture capable of supplying up to 2.5A of output current. The operating supply voltage range is from 3.6V to 15V, making it suitable for a wide range of power supply applications. The operating frequency is programmable from 800kHz to 4MHz with an external resistor enabling the use of small surface mount inductors. For switching noise sensitive applications, the LTC3604 can be externally synchronized over the same frequency range. An internal phase-locked loop aligns the on-time of the top power MOSFET to the internal or external clock. This unique constant frequency/ controlled on-time architecture is ideal for high step-down ratio applications that demand high switching frequencies and fast transient response. The LTC3604 offers two operational modes: Burst Mode operation and forced continuous mode to allow the user to optimize output voltage ripple, noise, and light load efficiency for a given application. Maximum light load efficiency is achieved with the selection of Burst Mode operation while forced continuous mode provides minimum output ripple and constant frequency operation.
n n n n n
3.6V to 15V Operating Input Voltage Range 2.5A Output Current Up to 95% Efficiency Very Low Duty Cycle Operation: 5% at 2.25MHz Adjustable Switching Frequency: 800kHz to 4MHz External Frequency Synchronization Current Mode Operation for Excellent Line and Load Transient Response User Selectable Low Ripple (20mVP-P Typical) Burst Mode(R) (No Load IQ = 300A) or Forced Continuous Operation 0.6V Reference Allows Low Output Voltages Short-Circuit Protected Output Voltage Tracking Capability Power Good Status Output Available in Small, Thermally Enhanced, 16-Pin QFN (3mm x 3mm) and MSOP Packages
APPLICATIONS
n n n
Distributed Power Systems Lithium-Ion Battery-Powered Instruments Point-of-Load Power Supplies
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks and Hot Swap is a registered trademark of Linear Technology Corporation. All other trademarks are the property of their respective owners. Protected by U.S. Patents, including 5481178, 5847554, 6580258, 6304066, 6476589, 6774611.
TYPICAL APPLICATION
High Efficiency 2.5A Step-Down Regulator
VIN 3.6V TO 15V 22F VIN RUN PGOOD TRACK/SS LTC3604 2.2F INTVCC FB ITH RT MODE/SYNC SGND PGND BOOST VOUT 3.3V 2.5A 47F EFFICIENCY (%) 0.1F 1H SW VON 180k
Efficiency and Power Loss vs Load Current
100 90 80 70 60 50 40 30 40k
3604 TA01a
10
1 POWER LOSS (W)
22pF
0.1
20 10 0 0.001
VIN = 5V 0.01 VIN = 12V fO = 2MHz Burst Mode OPERATION 0.01 0.1 1 LOAD CURRENT (A) 10
3604 TA01b
0.001
3604f
1
LTC3604 ABSOLUTE MAXIMUM RATINGS
(Note 1)
VIN ............................................................. -0.3V to 16V VIN Transient Voltage ................................................18V BOOST .................................................... -0.3V to 18.6V BOOST-SW................................................ -0.3V to 3.6V INTVCC ...................................................... -0.3V to 3.6V ITH, RT ......................................-0.3V to INTVCC + 0.3V MODE/SYNC, FB ........................-0.3V to INTVCC + 0.3V TRACK/SS .................................-0.3V to INTVCC + 0.3V PGOOD, VON............................................... -0.3V to 16V
SW, RUN .......................................... -0.3V to VIN + 0.3V SW Source Current (DC) .............................................3A Peak SW Source Current .................... Internally Limited Operating Junction Temperature Range (Notes 2, 3, 5) ....................................... -40C to 125C Storage Temperature Range .................. -65C to 125C Lead Temperature (Soldering, 10 sec) MSOP ............................................................... 300C
PIN CONFIGURATION
TOP VIEW TRACK/SS RUN VIN VIN TOP VIEW 12 ITH 17 PGND 11 FB 10 RT 9 5 NC 6 BOOST 7 INTVCC 8 VON SGND SW SW PGND PGND BOOST INTVCC VON RT 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 PGOOD MODE/SYNC VIN VIN RUN TRACK/SS ITH FB
16 15 14 13 MODE/SYNC 1 PGOOD 2 SW 3 SW 4
17 SGND
MSE PACKAGE 16-LEAD PLASTIC MSOP TJMAX = 125C, JA = 38C/W EXPOSED PAD (PIN 17) IS SGND, MUST BE SOLDERED TO PCB
UD PACKAGE 16-LEAD (3mm 3mm) PLASTIC QFN TJMAX = 125C, JA = 45C/W EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH LTC3604EUD#PBF LTC3604IUD#PBF LTC3604EMSE#PBF LTC3604IMSE#PBF TAPE AND REEL LTC3604EUD#TRPBF LTC3604IUD#TRPBF LTC3604EMSE#TRPBF LTC3604IMSE#TRPBF PART MARKING* LFPT LFPT 3604 3604 PACKAGE DESCRIPTION 16-Lead (3mm x 3mm) Plastic QFN 16-Lead (3mm x 3mm) Plastic QFN 16-Lead Plastic MSOP 16-Lead Plastic MSOP TEMPERATURE RANGE -40C to 125C -40C to 125C -40C to 125C -40C to 125C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
3604f
2
LTC3604 ELECTRICAL CHARACTERISTICS
SYMBOL VVIN IQ PARAMETER Input Supply Range Input DC Supply Current Forced Continuous Operation Sleep Current Shutdown Feedback Reference Voltage Reference Voltage Line Regulation Output Voltage Load Regulation Feedback Pin Input Current Error Amplifier Transconductance Minimum On-Time Minimum Off-Time Valley Switch Current Limit Oscillator Frequency
The l denotes the specifications which apply over the full operating junction temperature range, otherwise specifications are at TJ = 25C. VVIN = 12V, unless otherwise specified.
CONDITIONS
l
MIN 3.6
TYP
MAX 15 1000 500 25 0.606
UNITS V A A A V %/V % nA mS ns ns A MHz MHz MHz m m V V V % V V V V A % % % % s A s mV A V V V A A
MODE = 0V MODE = INTVCC, VFB > 0.6V RUN = 0V
l
VFB VLINEREG VLOADREG IFB gm(EA) tON(MIN) tOFF(MIN) ILIM fOSC
0.594
VVIN = 3.6V to 15V ITH = 0.6V to 1.6V VFB = 0.6V ITH = 1.2V VON = 1V, VIN = 4V VIN = 6V VRT = INTVCC RRT = 160k RRT = 80k 2.6 1.4 1.7 3.4
700 300 14 0.600 0.01 0.1
30 2.0 20 40 3.4 2 2 4 130 100 17.5 16.5 3.3 0.6 2.75 2.45 1.25 1.0 0 8 -8 -5 5 40 15 0.01 400 0.3 1.4
60 4.3 2.6 2.3 4.6
RDS(ON) VVIN(OV) VINTVCC INTVCC VUVLO VRUN IRUN(LKG) VFB_GB VFB_BG tPGOOD RPGOOD ISW(LKG) tSS VFB_TRACK ITRACK VMODE/SYNC
Top Switch On-Resistance Bottom Switch On-Resistance VIN Overvoltage Lockout Threshold INTVCC Voltage INTVCC Load Regulation (Note 4) INTVCC Undervoltage Lockout Threshold RUN Threshold RUN Leakage Current PGOOD Good-to-Bad Threshold PGOOD Bad-to-Good Threshold Power Good Filter Time PGOOD Pull-Down Resistance Switch Leakage Current Internal Soft-Start Time TRACK Pin TRACK Pull-Up Current MODE Threshold Voltage SYNC Threshold Voltage MODE Input Current
VIN Rising VIN Falling 3.6V < VIN < 15V IINTVCC = 0mA to 20mA INTVCC Rising, VIN = INTVCC INTVCC Falling, VIN = INTVCC RUN Rising RUN Falling VVIN = 15V FB Rising FB Falling FB Rising FB Falling 10mA Load VRUN = 0V VFB from 10% to 90% Full Scale TRACK = 0.3V MODE VIH MODE VIL SYNC VIH MODE = 0V MODE = INTVCC
l l
16.8 15.8 3.13
18 17 3.45 2.9 1.29 1.03 3 10 -10
l l
1.21 0.97
-3 3 20
0.28
l l l
1 700 0.315
1.0 0.4 0.95 -1.5 1.5
IMODE
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LTC3604E is guaranteed to meet performance specifications from 0C to 85C. Specifications over the -40C to 125C operating
junction temperature range are assured by design, characterization, and correlation with statistical process controls. The LTC3604I is guaranteed over the full -40C to 125C operating junction temperature range. The maximum ambient temperature is determined by specific operating conditions in conjunction with board layout, the rated package thermal resistance and other environmental factors.
3604f
3
LTC3604 ELECTRICAL CHARACTERISTICS
Note 3: TJ is calculated from the ambient temperature, TA, and power dissipation, PD, according to the following formula: TJ = TA + (PD * JA) where JA = 45C/W for the QFN package and JA = 38C/W for the MSOP package. Note 4: Maximum allowed current draw when used as a regulated output is 5mA. This supply is only intended to provide additional DC load current as needed and not intended to regulate large transient or ac behavior as these waveforms may impact LTC3604 operation. Note 5: This IC includes overtemperature protection that is intended to protect the device during momentary overload conditions. Junction temperature will exceed 125C when overtemperature protection is active. Continuous operation above the specified maximum operating junction temperature may impair device reliability.
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25C, VIN = 12V, fO = 1MHz, L = 1.5H unless otherwise noted. Efficiency vs Load Current Burst Mode Operation
100 90 80 EFFICIENCY (%) EFFICIENCY (%) 70 60 50 40 30 20 10 0 0.001 0.01 0.1 1 LOAD CURRENT (A) VIN = 4V VIN = 8V VIN = 12V 10
3604 G01
Efficiency vs Load Current Forced Continuous Mode
100 90 80 EFFICIENCY (%) 70 60 50 40 30 20 10 0 0.001 0.01 0.1 1 LOAD CURRENT (A) VIN = 4V VIN = 8V VIN = 12V 10
3604 G02
Efficiency vs Load Current
100 90 80 70 60 50 40 30 20 10 0 0.001 VOUT = 3.3V VOUT = 5V 0.01 0.1 1 LOAD CURRENT (A) 10
3604 G03
VOUT = 1.8V
VOUT = 1.8V
BURST
FORCED CONTINUOUS
Efficiency vs Input Voltage Burst Mode Operation
100 95 90 EFFICIENCY (%) 85 80 75 70 65 60 4 ILOAD = 500mA ILOAD = 100mA ILOAD = 10mA ILOAD = 2.5A 6 12 10 INPUT VOLTAGE (V) 8 14 16
3604 G04
Efficiency vs Frequency Forced Continuous Mode
94 92 EFFICIENCY (%) 90 88 86 84 82 0.5 1 1.5 2 FREQUENCY (MHz) 2.5 3
3604 G05
Reference Voltage vs Temperature
0.605
VOUT = 1.8V ILOAD = 800mA
0.603
L = 0.68H
VREF (V)
L = 1.5H
0.601
0.599
0.597
0.595 -50
-25
50 25 0 75 TEMPERATURE (C)
100
125
3604 G06
3604f
4
LTC3604 TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25C, VIN = 12V, fO = 1MHz, L = 1.5H unless otherwise noted. Quiescent Current vs Supply Voltage
380
RDS(ON) vs Temperature
200 6000 5000 SWITCH LEAKAGE (nA) TOP SWITCH RDS(ON)
Switch Leakage vs Temperature
VDS = 12V QUIESCENT CURRENT (A)
160 RDS(ON) (m)
340
4000 3000 2000 TOP SWITCH 1000 BOTTOM SWITCH 0 -50
120 BOTTOM SWITCH RDS(ON)
300
80
260
40
0 -50
-25
50 25 0 75 TEMPERATURE (C)
100
125
220 -25 50 25 75 0 TEMPERATURE (C) 100 125 4 6 8 10 12 SUPPLY VOLTAGE (V) 14 16
3604 G09
3604 G07
3604 G08
Oscillator Frequency vs Temperature
2.0 1.5 FREQUENCY VARIATION (%) 1.0 FREQUENCY (MHz) 2.75 2.50 2.25
Oscillator Internal Set Frequency vs Temperature
RT = INTVCC 2.0 1.8 1.6 ITRACK (A) 50 25 75 0 TEMPERATURE (C) 100 125 1.4 1.2 1.0 0.8
TRACK Pull-Up Current vs Temperature
0.5 0 -0.5 -1.0 -1.5 -2.0 -50 -25 0 75 50 25 TEMPERATURE (C) 100 125
2.00 1.75 1.50 1.25 -50 -25
0.6 -50 -25
50 25 75 0 TEMPERATURE (C)
100
125
3604 G10
3604 G11
3604 G12
Bottom Switch Valley Current Limit vs Temperature
5 1.4 1.2 4 1.0 VOUT/VOUT (%) ILIM (A) 3 0.8 0.6 0.4 0.2 0 0 -50 -25 0 25 50 75 100 125 150 TEMPERATURE (C)
3604 G13
Load Regulation
Burst Mode OPERATION FORCED CONTINUOUS
2
1
-0.2
0
0.5
1 1.5 LOAD CURRENT (A)
2
2.5
3604 G14
3604f
5
LTC3604 TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25C, VIN = 12V, fO = 1MHz, L = 1.5H unless otherwise noted. Output Ripple Voltage Burst Mode Operation Output Ripple Voltage Forced Continuous Mode Output Tracking
VOUT SW 5V/DIV VOUT 20mV/DIV AC-COUPLED IL 1A/DIV VIN = 12V VOUT = 1.8V ILOAD = 180mA 2s/DIV
3604 G15
SW 5V/DIV
1V/DIV TRACK
VOUT 20mV/DIV AC-COUPLED IL 1A/DIV VIN = 12V VOUT = 1.8V ILOAD = 180mA 2s/DIV
3604 G16
0.5V/DIV VFB
VIN = 12V VOUT = 1.8V RLOAD = 36
2ms/DIV
3604 G17
Start-Up from Shutdown Burst Mode Operation
RUN 2V/DIV PGOOD 5V/DIV VOUT 1V/DIV IL 2A/DIV VIN = 12V VOUT = 1.8V ILOAD = 2.5A 200s/DIV
3604 G18
Start-Up from Shutdown Forced Continuous Mode
RUN 2V/DIV PGOOD 5V/DIV VOUT 1V/DIV IL 2A/DIV VIN = 12V VOUT = 1.8V ILOAD = 2.5A 200s/DIV
3604 G19
Start-Up Into Pre-Biased Output (1V Pre-Bias) Burst Mode Operation
RUN 2V/DIV PGOOD 5V/DIV VOUT 1V/DIV IL 1A/DIV VIN = 12V VOUT = 1.8V ILOAD = 20mA 1ms/DIV
3604 G20
Load Step Burst Mode Operation
VOUT 100mV/DIV AC-COUPLED IL 2A/DIV ILOAD 2A/DIV VIN = 12V 10s/DIV VOUT = 1.8V ILOAD = 250mA TO 2.5A
3604 G21
Load Step Forced Continuous Mode
VOUT 100mV/DIV AC-COUPLED IL 2A/DIV PGOOD 2V/DIV VOUT 1V/DIV
Short-Circuit Waveforms Forced Continuous Mode
ILOAD 2A/DIV VIN = 12V 10s/DIV VOUT = 1.8V ILOAD = 250mA TO 2.5A
3604 G22
IL 2A/DIV
VIN = 12V VOUT = 1.8V
100s/DIV
3604 G23
3604f
6
LTC3604 PIN FUNCTIONS
(QFN/MSE)
MODE/SYNC (Pin 1/Pin 15): Mode Selection and External Synchronization Input Pin. This pin places the LTC3604 into forced continuous operation when tied to ground. High efficiency Burst Mode operation is enabled by either floating this pin or by tying this pin to INTVCC. When driven with an external clock, an internal phase-locked loop will synchronize the phase and frequency of the internal oscillator to that of the incoming clock signal. During external clock synchronization, the LTC3604 will default to forced continuous operation. PGOOD (Pin 2/Pin 16): Open-Drain Power Good Output Pin. PGOOD is pulled to ground when the voltage at the FB pin is not within 8% (typical) of the internal 0.6V reference. PGOOD becomes high impedance once the voltage at the FB pin returns to within 5% (typical) of the internal reference. SW (Pins 3, 4/Pins 1, 2): Switch Node Output Pin. Connect this pin to the SW side of the external inductor. The normal operation voltage swing of this pin ranges from ground to PVIN. BOOST (Pin 6/Pin 5): Boosted Floating Driver Supply Pin. The (+) terminal of the external bootstrap capacitor connects to this pin while the (-) terminal connects to the SW pin. The normal operation voltage swing of this pin ranges from a diode voltage drop below INTVCC up to PVIN + INTVCC. INTVCC (Pin 7/Pin 6): Internal 3.3V Regulator Output Pin. This pin should be decoupled to PGND with a low ESR ceramic capacitor of 1F or more. VON (Pin 8/Pin 7): On-Time Voltage Input Pin. This pin sets the voltage trip point for the on-time comparator. Connect this pin to the regulated output to make the on-time proportional to the output voltage. The pin impedance is normally 180k. SGND (Pin 9/Exposed Pad Pin 17): Signal Ground Pin. This pin should have a low noise connection to reference ground. The feedback resistor network, external compensation network and RT resistor should be connected to this ground. In the MSE package, this pin must be soldered to the PCB to provide a good thermal contact to the PCB.
RT (Pin 10/Pin 8): Oscillator Frequency Program Pin. Connect an external resistor, between 80k to 400k, from this pin to SGND to program the LTC3604 switching frequency from 800kHz to 4MHz. When RT is tied to INTVCC, the switching frequency will default to 2MHz. FB (Pin 11/Pin 9): Output Voltage Feedback Pin. Input to the error amplifier that compares the feedback voltage to the internal 0.6V reference voltage. Connect this pin to the appropriate resistor divider network to program the desired output voltage. ITH (Pin 12/Pin 10): Error Amplifier Output and Switching Regulator Compensation Pin. Connect this pin to appropriate external components to compensate the regulator loop frequency response. Connect this pin to INTVCC to use the default internal compensation. TRACK/SS (Pin 13/Pin 11): Output Voltage Tracking and Soft-Start Input Pin. Forcing a voltage below 0.6V on this pin overrides the internal reference input to the error amplifier. The LTC3604 will servo the FB pin to the TRACK voltage under this condition. Above 0.6V, the tracking function stops and the internal reference resumes control of the error amplifier. An internal 1.4A pull-up current from INTVCC allows a soft-start function to be implemented by connecting an external capacitor between this pin and ground. See Applications Information section for more details. RUN (Pin 14/Pin 12): Regulator Enable Pin. Enables chip operation by applying a voltage above 1.25V. A voltage below 1V on this pin places the part into shutdown. Do not float this pin. VIN (Pins 15, 16/Pins 13, 14): Main Power Supply Input Pins. These pins should be closely decoupled to PGND with a low ESR capacitor of 10F or more. PGND (Exposed Pad Pin 17/Pins 3, 4): Power Ground Pin. The (-) terminal of the input bypass capacitor, CIN, and the (-) terminal of the output capacitor, COUT , should be tied to this pin with a low impedance connection. The exposed package pad must be soldered to the PCB to provide low impedance electrical contact to ground and good thermal contact to the PCB.
3604f
7
LTC3604 FUNCTIONAL BLOCK DIAGRAM
VON CIN VON VIN 180k 0.72V 6V VIN
ION CONTROLLER
3.3V REG ION
VIN
INTVCC V tON = VON IION R S CVCC Q BOOST
RT RRT
OSC SWITCH LOGIC AND ANTISHOOT THROUGH
TG ON
M1 SW
CBOOST L1 COUT
+
ICMP MODE/SYNC OSC PLL-SYNC
15k
+
IREV
-
-
RUN
SENSE+ SENSE-
BG
M2 PGND
FOLDBACK DISABLED AT START-UP
INTVCC
PGOOD
+
FOLDBACK
0.3V
- -
Q2 Q4 ITHB Q6 OV 0.648V R2 FB R1 Q1 UV SGND
+
- +
EA 0.552V
0.6V REF INTERNAL SOFT-START
0.48V
1.25V
ITH RC CC1
8
+
RUN
-
+
SS
RUN
INTVCC 1.4A
-
-++
TRACK/SS CSS
3604 BD
3604f
LTC3604 OPERATION
The LTC3604 is a current mode, monolithic, step-down regulator capable of providing up to 2.5A of output current. Its unique controlled on-time architecture allows extremely low step-down ratios while maintaining a constant switching frequency. Part operation is enabled by raising the voltage on the RUN pin above 1.25V nominally. Main Control Loop In normal operation the internal top power MOSFET is turned on for a fixed interval determined by an internal one-shot timer ("ON" signal in the Block Diagram). When the top power MOSFET turns off, the bottom power MOSFET turns on until the current comparator, ICMP , trips, thus restarting the one-shot timer and initiating the next cycle. The inductor current is monitored by sensing the voltage drop across the SW and PGND nodes of the bottom power MOSFET. The voltage at the ITH pin sets the ICMP comparator threshold corresponding to the inductor valley current. The error amplifier EA adjusts this ITH voltage by comparing an internal 0.6V reference to the feedback signal, VFB, derived from the output voltage. If, for example, the load current increases, the feedback voltage will decrease relative to the internal 0.6V reference. The ITH voltage then rises until the average inductor current matches that of the load current. The operating frequency is determined by the value of the RT resistor, which programs the current for the internal oscillator. An internal phase-locked loop servos the switching regulator on-time to track the internal oscillator edge and force a constant switching frequency. A clock signal can be applied to the MODE/SYNC pin to synchronize the switching frequency to an external source. The regulator defaults to forced continuous operation once the clock signal is applied. At low load currents the inductor current can drop to zero or become negative. If the LTC3604 is configured for Burst Mode operation, this inductor current condition is detected by the current reversal comparator, IREV , which in turn shuts off the bottom power MOSFET and places the part into a low quiescent current sleep state resulting in discontinuous operation and increased efficiency at low load currents. Both power MOSFETs will remain off with the part in sleep and the output capacitor supplying the load current until the ITH voltage rises sufficiently to initiate another cycle. Discontinuous operation is disabled by tying the MODE/SYNC pin to ground placing the LTC3604 into forced continuous mode. During forced continuous mode, continuous synchronous operation occurs regardless of the output load current. "Power Good" Status Output The PGOOD open-drain output will be pulled low if the regulator output exits a 8% window around the regulation point. This condition is released once regulation within a 5% window is achieved. To prevent unwanted PGOOD glitches during transients or dynamic VOUT changes, the LTC3604 PGOOD falling edge includes a filter time of approximately 40s. VIN Overvoltage Protection In order to protect the internal power MOSFET devices against transient voltage spikes, the LTC3604 constantly monitors the VIN pin for an overvoltage condition. When VIN rises above 17.5V, the regulator suspends operation by shutting off both power MOSFETs. Once VIN drops below 16.5V, the regulator immediately resumes normal operation. The regulator does not execute its soft-start function when exiting an overvoltage condition. Short-Circuit Protection Foldback current limiting is provided in the event the output is inadvertently shorted to ground. During this condition the internal current limit (ILIM) will be lowered to approximately one-third its normal value. This feature reduces the heat dissipation in the LTC3604 during shortcircuit conditions and protects both the IC and the input supply from any potential damage.
3604f
9
LTC3604 APPLICATIONS INFORMATION
A general LTC3604 application circuit is shown on the first page of this data sheet. External component selection is largely driven by the load requirement and begins with the selection of the inductor L. Once the inductor is chosen, the input capacitor, CIN, the output capacitor, COUT , the internal regulator capacitor, CINTVCC, and the boost capacitor, CBOOST, can be selected. Next, the feedback resistors are selected to set the desired output voltage. Finally, the remaining optional external components can be selected for functions such as external loop compensation, track/soft-start, externally programmed oscillator frequency and PGOOD. Operating Frequency Selection of the operating frequency is a trade-off between efficiency and component size. High frequency operation allows the use of smaller inductor and capacitor values. Operation at lower frequencies improves efficiency by reducing internal gate charge losses but requires larger inductance values and/or capacitance to maintain low output ripple voltage. The operating frequency, fO, of the LTC3604 is determined by an external resistor that is connected between the RT pin and ground. The value of the resistor sets the ramp current that is used to charge and discharge an internal timing capacitor within the oscillator and can be calculated by using the following equation: 3.2 E11 fO where RRT is in and fO is in Hz. RRT =
6000 5000 FREQUENCY (kHz) 4000 3000 2000 1000 0
Connecting the RT pin to INTVCC will default the converter to fO = 2MHz; however, this switching frequency will be more sensitive to process and temperature variations than when using a resistor on RT (see Typical Performance Characteristics). Inductor Selection For a given input and output voltage, the inductor value and operating frequency determine the inductor ripple current. More specifically, the inductor ripple current decreases with higher inductor value or higher operating frequency according to the following equation: V V IL = OUT 1 - OUT VIN f *L where IL = inductor ripple current, f = operating frequency and L = inductor value. A trade-off between component size, efficiency and operating frequency can be seen from this equation. Accepting larger values of IL allows the use of lower value inductors but results in greater core loss in the inductor, greater ESR loss in the output capacitor, and larger output ripple. Generally, highest efficiency operation is obtained at low operating frequency with small ripple current. A reasonable starting point for setting the ripple current is about 40% of IOUT(MAX). Note that the largest ripple current occurs at the highest VIN. To guarantee the ripple current does not exceed a specified maximum the inductance should be chosen according to: V V OUT L= 1 - OUT f * IL(MAX ) VIN(MAX ) Once the value for L is known the type of inductor must be selected. Actual core loss is independent of core size for a fixed inductor value but is very dependent on the inductance selected. As the inductance increases, core loss decreases. Unfortunately, increased inductance requires more turns of wire leading to increased copper loss.
0
100
200
300 400 RT (k)
500
600
3604 F01
Figure 1. Switching Frequency vs RT
Ferrite designs exhibit very low core loss and are preferred at high switching frequencies, so design goals can concentrate on copper loss and preventing saturation. Ferrite core materials saturate "hard," meaning the inductance collapses abruptly when the peak design current is
3604f
10
LTC3604 APPLICATIONS INFORMATION
exceeded. This collapse will result in an abrupt increase in inductor ripple current, so it is important to ensure the core will not saturate. Different core materials and shapes will change the size/current and price/current relationship of an inductor. Toroid or shielded pot cores in ferrite or permalloy materials are small and don't radiate much energy but generally cost more than powdered iron core inductors with similar characteristics. The choice of which style inductor to use mainly depends on the price versus size requirements and any radiated field/EMI requirements. New designs for surface mount inductors are available from Toko, Vishay, NEC/Tokin, Cooper, Coilcraft, TDK and Wurth Electronik. Table 1 gives a sampling of available surface mount inductors.
Table 1. Inductor Selection Table
INDUCTANCE DCR MAX DIMENSIONS (H) (m) CURRENT (A) (mm) Wurth Electronik WE-PD2 Typ MS Series 8.2 5.3 0.27 5.2 x 5.8 6.5 9.5 0.56 5.4 14 0.82 4.8 21 1.2 4 27 1.7 3.6 36 2.2 Vishay IHLP-2020BZ-01 Series 15 5.2 0.22 5.2 x 5.5 12 8.2 0.33 11.5 8.8 0.47 10 12.4 0.68 7 20 1 4.2 50.1 2.2 Toko DE3518C Series 0.56 24 3.3 3.5 x 3.7 Sumida CDRH2D18/HP Series 0.36 29 4.6 3.2 x 3.2 0.56 33 3.7 0.82 39 2.9 Cooper SD18 Series 0.47 20.1 3.58 5.5 x 5.5 0.82 24.7 3.24 1.2 29.4 2.97 1.5 34.5 2.73 Coilcraft LPS4018 Series 0.56 30 4.8 4x4 1 40 2.8 2.2 70 2.7 TDK VLS252012 Series 0.47 56 3.3 2.5 x 2 HEIGHT (mm) 2
CIN and COUT Selection The input capacitance, CIN, is needed to filter the trapezoidal wave current at the drain of the top power MOSFET. To prevent large voltage transients from occurring a low ESR input capacitor sized for the maximum RMS current is recommended. The maximum RMS current is given by: IRMS = IOUT(MAX ) VOUT VIN - VOUT VIN
(
)
where IOUT(MAX) equals the maximum average output current. This formula has a maximum at VIN = 2VOUT , where IRMS = IOUT/2. This simple worst-case condition is commonly used for design because even significant deviations do not offer much relief. Note that ripple current ratings from capacitor manufacturers are often based on only 2000 hours of life which makes it advisable to further de-rate the capacitor or choose a capacitor rated at a higher temperature than required. Several capacitors may be paralleled to meet the requirements of the design. For low input voltage applications sufficient bulk input capacitance is needed to minimize transient effects during output load changes. Even though the LTC3604 design includes an overvoltage protection circuit, care must always be taken to ensure input voltage transients do not pose an overvoltage hazard to the part. The selection of COUT is primarily determined by the effective series resistance (ESR) that is required to minimize voltage ripple and load step transients. The output ripple, VOUT, is determined by: 1 VOUT < IL ESR + 8 * f * COUT The output ripple is highest at maximum input voltage since IL increases with input voltage. Multiple capacitors placed in parallel may be needed to meet the ESR and RMS current handling requirements. Dry tantalum, special polymer, aluminum electrolytic, and ceramic capacitors are all available in surface mount packages. Special polymer capacitors offer low ESR but have lower capacitance density than other types. Tantalum capacitors have the
3604f
2
1.8 2
1.8
1.7
1.2
11
LTC3604 APPLICATIONS INFORMATION
highest capacitance density, but it is important to only use types that have been surge tested for use in switching power supplies. Aluminum electrolytic capacitors have significantly higher ESR but can be used in cost-sensitive applications provided that consideration is given to ripple current ratings and long-term reliability. Ceramic capacitors have excellent low ESR characteristics and small footprints. Their relatively low value of bulk capacitance may require multiple capacitors in parallel. Using Ceramic Input and Output Capacitors Higher value, lower cost ceramic capacitors are now available in small case sizes. Their high voltage rating and low ESR make them ideal for switching regulator applications. However, due to the self-resonant and high-Q characteristics of some types of ceramic capacitors, care must be taken when these capacitors are used at the input and output. When a ceramic capacitor is used at the input, and the power is supplied by a wall adapter through long wires, a load step at the output can induce ringing at the VIN input. At best, this ringing can couple to the output and be mistaken as loop instability. At worst, a sudden inrush of current through the long wires can potentially cause a voltage spike at VIN large enough to damage the part. For a more detailed discussion, refer to Application Note 88. When choosing the input and output ceramic capacitors choose the X5R or X7R dielectric formulations. These dielectrics provide the best temperature and voltage characteristics for a given value and size. INTVCC Regulator Bypass Capacitor An internal low dropout (LDO) regulator produces a 3.3V supply voltage used to power much of the internal LTC3604 circuitry including the power MOSFET gate drivers. The INTVCC pin connects to the output of this regulator and must have a minimum of 1F of decoupling capacitance to ground. The decoupling capacitor should have low impedance electrical connections to the INTVCC and PGND pins to provide the transient currents required by the LTC3604. The user may connect a maximum load current of 5mA to this pin but must take into account the increased power dissipation and die temperature that results. Furthermore, this supply is intended only to supply additional DC load currents as desired and not intended to regulate large transient or AC behavior, as this may impact LTC3604 operation. Boost Capacitor The boost capacitor, CBOOST , is used to create a voltage rail above the applied input voltage VIN. Specifically, the boost capacitor is charged to a voltage equal to approximately INTVCC each time the bottom power MOSFET is turned on. The charge on this capacitor is then used to supply the required transient current during the remainder of the switching cycle. When the top MOSFET is turned on, the BOOST pin voltage will be equal to approximately VIN + 3.3V. For most applications a 0.1F ceramic capacitor will provide adequate performance. Output Voltage Programming The LTC3604 will adjust the output voltage such that VFB equals the reference voltage of 0.6V according to: R1 VOUT = 0.6 V 1+ R2 The desired output voltage is set by appropriate selection of resistors R1 and R2 as shown in Figure 2. Choosing large values for R1 and R2 will result in improved efficiency but may lead to undesirable noise coupling or phase margin reduction due to stray capacitances at the FB node. Care should be taken to route the FB line away from any noise source, such as the SW line. To improve the frequency response of the main control loop a feedforward capacitor, CF , may be used as shown in Figure 2.
VOUT R1 FB LTC3604 SGND
3604 F02
CF
R2
Figure 2. Optional Feedforward Capacitor
3604f
12
LTC3604 APPLICATIONS INFORMATION
Minimum Off-Time/On-Time Considerations The minimum off-time is the smallest amount of time that the LTC3604 can turn on the bottom power MOSFET, trip the current comparator and turn the power MOSFET back off. This time is typically 40ns. For the controlled on-time current mode control architecture, the minimum off-time limit imposes a maximum duty cycle of: DC(MAX ) = 1 - f * tOFF(MIN) importance in most cases, and high switching frequencies may be used in the design without any fear of severe consequences. As the sections on Inductor and Capacitor Selection show, high switching frequencies allow the use of smaller board components, thus reducing the footprint of the application circuit. Internal/External Loop Compensation The LTC3604 provides the option to use a fixed internal loop compensation network to reduce both the required external component count and design time. The internal loop compensation network can be selected by connecting the ITH pin to the INTVCC pin. To ensure stability, it is recommended that the output capacitance be at least 47F when using internal compensation. Alternatively, the user may choose specific external loop compensation components to optimize the main control loop transient response as desired. External loop compensation is chosen by simply connecting the desired network to the ITH pin. Suggested compensation component values are shown in Figure 3. For a 2MHz application, an R-C network of 150pF and 14k provides a good starting point. The bandwidth of the loop increases with decreasing C. If R is increased by the same factor that C is decreased, the zero frequency will be kept the same, thereby keeping the phase the same in the most critical frequency range of the feedback loop. A 10pF bypass capacitor on the ITH pin is recommended for the purposes of filtering out high frequency coupling from stray board capacitance. In addition, a feedforward capacitor CF can be added to improve the high frequency response, as previously shown in Figure 2. Capacitor CF provides phase lead by creating a high frequency zero with R1 which improves the phase margin.
(
)
where f is the switching frequency and tOFF(MIN) is the minimum off-time. If the maximum duty cycle is surpassed, due to a dropping input voltage for example, the output will drop out of regulation. The minimum input voltage to avoid this dropout condition is: VIN(MIN) = 1 - f * tOFF(MIN)
(
VOUT
)
Conversely, the minimum on-time is the smallest duration of time in which the top power MOSFET can be in its "on" state. This time is typically 20ns. In continuous mode operation, the minimum on-time limit imposes a minimum duty cycle of: DC(MIN) = f * tON(MIN)
(
)
where tON(MIN) is the minimum on-time. As the equation shows, reducing the operating frequency will alleviate the minimum duty cycle constraint. In the rare cases where the minimum duty cycle is surpassed, the output voltage will still remain in regulation, but the switching frequency will decrease from its programmed value. This is an acceptable result in many applications, so this constraint may not be of critical
ITH LTC3604 SGND
3604 F03
RCOMP 14k CCOMP 150pF
CBYP
Figure 3. Compensation Components
3604f
13
LTC3604 APPLICATIONS INFORMATION
Checking Transient Response The regulator loop response can be checked by observing the response of the system to a load step. When configured for external compensation, the availability of the ITH pin not only allows optimization of the control loop behavior but also provides a DC coupled and AC filtered closed-loop response test point. The DC step, rise time, and settling behavior at this test point reflect the system's closed-loop response. Assuming a predominantly second order system, the phase margin and/or damping factor can be estimated by observing the percentage of overshoot seen at this pin. The ITH external components shown in Figure 3 will provide an adequate starting point for most applications. The series R-C filter sets the pole-zero loop compensation. The values can be modified slightly, from approximately 0.5 to 2 times their suggested values, to optimize transient response once the final PC layout is done and the particular output capacitor type and value have been determined. The output capacitors need to be selected because their various types and values determine the loop feedback factor gain and phase. An output current pulse of 20% to 100% of full load current with a rise time of 1s to 10s will produce output voltage and ITH pin waveforms that will give a sense of the overall loop stability without breaking the feedback loop When observing the response of VOUT to a load step, the initial output voltage step may not be within the bandwidth of the feedback loop. As a result, the standard second order overshoot/DC ratio cannot be used to estimate phase margin. The output voltage settling behavior is related to the stability of the closed-loop system and will demonstrate the actual overall supply performance. For a detailed explanation of optimizing the compensation components, including a review of control loop theory, refer to Linear Technology Application Note 76. As shown in Figure 2 a feedforward capacitor, CF , may be added across feedback resistor R1 to improve the high frequency response of the system. Capacitor CF provides phase lead by creating a high frequency zero with R1. In some applications severe transients can be caused by switching in loads with large (>10F) input capacitors. The discharged input capacitors are effectively put in parallel with COUT , causing a rapid drop in VOUT. No regulator can deliver enough current to prevent this output droop if the switch connecting the load has low resistance and is driven quickly. The solution is to limit the turn-on speed of the load switch driver. A Hot SwapTM controller is designed specifically for this purpose and usually incorporates current limit, short-circuit protection and soft-start functions. MODE/SYNC Operation The MODE/SYNC pin is a multipurpose pin allowing both mode selection and operating frequency synchronization. Connecting this pin to INTVCC enables Burst Mode operation for superior efficiency at low load currents at the expense of slightly higher output voltage ripple. When the MODE/SYNC pin is pulled to ground, forced continuous mode operation is selected creating the lowest fixed output ripple at the expense of light load efficiency. The LTC3604 will detect the presence of the external clock signal on the MODE/SYNC pin and synchronize the internal oscillator to the phase and frequency of the incoming clock. The presence of an external clock will place the LTC3604 into forced continuous mode operation. Output Voltage Tracking and Soft-Start The LTC3604 allows the user to control the output voltage ramp rate by means of the TRACK/SS pin. From 0V to 0.6V the TRACK/SS pin will override the internal reference input to the error amplifier forcing regulation of the feedback voltage to that seen at the TRACK/SS pin. When the voltage at the TRACK/SS pin rises above 0.6V, tracking is disabled and the feedback voltage will be regulated to the internal reference voltage. The voltage at the TRACK/SS pin may be driven from an external source, or alternatively, the user may leverage the internal 1.4A pull-up current on TRACK/SS to implement
3604f
14
LTC3604 APPLICATIONS INFORMATION
a soft-start function by connecting a capacitor from the TRACK/SS pin to ground. The relationship between output rise time and TRACK/SS capacitance is given by: tSS = 430,000 x CTRACK/SS A default internal soft-start timer forces a minimum softstart time of 400s by overriding the TRACK/SS pin input during this time period. Hence, capacitance values less than approximately 1000pF will not significantly affect soft-start behavior. When using the TRACK/SS pin, the regulator defaults to Burst Mode operation until the output exceeds 80% of its final value (VFB > 0.48V). Once the output reaches this voltage, the operating mode of the regulator switches to the mode selected by the MODE/SYNC pin as described above. During normal operation, if the output drops below 10% of its final value (as it may when tracking down, for instance), the regulator will automatically switch to Burst Mode operation to prevent inductor saturation and improve TRACK/SS pin accuracy. Output Power Good The PGOOD output of the LTC3604 is driven by a 15 (typical) open-drain pull-down device. This device will be turned off once the output voltage is within 5% (typical) of the target regulation point allowing the voltage at PGOOD to rise via an external pull-up resistor (100k typical). If the output voltage exits a 8% (typical) regulation window around the target regulation point the open-drain output will pull down with 15 output resistance to ground, thus dropping the PGOOD pin voltage. A filter time of 40s (typical) acts to prevent unwanted PGOOD output changes during VOUT transient events. As a result, the output voltage must be within the target regulation window of 5% for 40s before the PGOOD pin is pulled high. Conversely, the output voltage must exit the 8% regulation window for 40s before the PGOOD pin pulls to ground (see Figure 4). Efficiency Considerations The percent efficiency of a switching regulator is equal to the output power divided by the input power times 100%.
NOMINAL OUTPUT PGOOD VOLTAGE
VOUT
3604 F04
-8%
-5% 0%
5%
8%
Figure 4. PGOOD Pin Behavior
It is often useful to analyze individual losses to determine what is limiting the efficiency and which change would produce the most improvement. Percent efficiency can be expressed as: % Efficiency = 100% - (L1 + L2 + L3 +...) where L1, L2, etc. are the individual loss terms as a percentage of input power. Although all dissipative elements in the circuit produce losses, three main sources account for the majority of the losses in the LTC3604: 1) I2R loss, 2) switching losses and quiescent current loss, 3) transition losses and other system losses. 1. I2R loss is calculated from the DC resistances of the internal switches, RSW , and external inductor, RL. In continuous mode, the average output current will flow through inductor L but is "chopped" between the internal top and bottom power MOSFETs. Thus, the series resistance looking into the SW pin is a function of both the top and bottom MOSFET's RDS(ON) and the duty cycle (DC) as follows: RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 - DC) The RDS(ON) for both the top and bottom MOSFETs can be obtained from the Typical Performance Characteristics curves. Thus to obtain I2R loss: "I2R LOSS" = IOUT2 * (RSW + RL) 2. The internal LDO supplies the power to the INTVCC rail. The total power loss here is the sum of the switching losses and quiescent current losses from the control circuitry.
3604f
15
LTC3604 APPLICATIONS INFORMATION
Each time a power MOSFET gate is switched from low to high to low again, a packet of charge dQ moves from VIN to ground. The resulting dQ/dt is a current out of INTVCC that is typically much larger than the DC control bias current. In continuous mode, IGATECHG = f(QT + QB), where QT and QB are the gate charges of the internal top and bottom power MOSFETs and f is the switching frequency. For estimation purposes, (QT + QB) on the LTC3604 is approximately 1nC. To calculate the total power loss from the LDO load, simply add the gate charge current and quiescent current and multiply by VIN: PLDO = (IGATECHG + IQ) * VIN 3. Other "hidden" losses such as transition loss, copper trace resistances, and internal load currents can account for additional efficiency degradations in the overall power system. Transition loss arises from the brief amount of time the top power MOSFET spends in the saturated region during switch node transitions. The LTC3604 internal power devices switch quickly enough that these losses are not significant compared to other sources. Other losses, including diode conduction losses during dead time and inductor core losses, generally account for less than 2% total additional loss. Thermal Considerations The LTC3604 requires the exposed package backplane metal (PGND pin on the QFN, SGND pin on the MSOP package) to be well soldered to the PC board to provide good thermal contact. This gives the QFN and MSOP packages exceptional thermal properties, compared to other packages of similar size, making it difficult in normal operation to exceed the maximum junction temperature of the part. In many applications, the LTC3604 does not dissipate much heat due to its high efficiency and low thermal resistance package backplane. However, in applications in which the LTC3604 is running at a high ambient temperature, high input voltage, high switching frequency, and maximum output current, the heat dissipated may exceed the maximum junction temperature of the part. If the junction temperature reaches approximately 150C, both power switches will be turned off until temperature decreases approximately 10C. Thermal analysis should always be performed by the user to ensure the LTC3604 does not exceed the maximum junction temperature. The temperature rise is given by: TRISE = PDJA where PD is the power dissipated by the regulator and JA is the thermal resistance from the junction of the die to the ambient temperature. Consider the example in which an LTC3604EUD is operating with IOUT = 2.5A, VIN = 12V, f = 1MHz, VOUT = 1.8V, and an ambient temperature of 25C. From the Typical Performance Characteristics section the RDS(ON) of the top switch is found to be nominally 130m while that of the bottom switch is nominally 100m yielding an equivalent power MOSFET resistance RSW of: RDS(ON)TOP * 1.8/12 + RDS(ON)BOT * 10.2/12 = 105m. From the previous section, IGATECHG is ~1mA when f = 1MHz, and the spec table lists the maximum IQ to be 1mA. Therefore, the total power dissipation due to resistive losses and LDO losses is: PD = IOUT2 * RSW + VIN * (IGATECHG + IQ) PD = (2.5A)2 * (0.105) + 12V * 2mA = 680mW The QFN 3mm x 3mm package junction-to-ambient thermal resistance, JA, is around 45C/W. Therefore, the junction temperature of the regulator operating in a 25C ambient temperature is approximately: TJ = 0.680W * 45C/W + 25C = 56C Remembering that the above junction temperature is obtained from an RDS(ON) at 25C, we might recalculate the junction temperature based on a higher RDS(ON) since it increases with temperature. Redoing the calculation assuming that RSW increased 15% at 56C yields a new junction temperature of 66C. If the application calls for a significantly higher ambient temperature and/or higher switching frequency, care should be taken to reduce the temperature rise of the part by using a heat sink or air flow.
3604f
16
LTC3604 APPLICATIONS INFORMATION
Figure 5 is a temperature derating curve based on the DC1353A demo board. It can be used to estimate the maximum allowable ambient temperature for given DC load currents in order to avoid exceeding the maximum operating junction temperature of 125C.
3.0 2.5 LOAD CURRENT (A) 2.0 1.5 1.0 0.5 0 25 50 75 100 TEMPERATURE (C) 125
3604 F05
Board Layout Considerations When laying out the printed circuit board, the following checklist should be used to ensure proper operation of the LTC3604. 1. Do the capacitors CIN connect to VIN and PGND as close to the pins as possible? These capacitors provide the AC current to the internal power MOSFETs and drivers. The (-) plate of CIN should be closely connected to PGND and the (-) plate of COUT. 2. The output capacitor, COUT , and inductor L1 should be closely connected to minimize loss. The (-) plate of COUT should be closely connected to PGND and the (-) plate of CIN. 3. The resistive divider, R1 and R2, must be connected between the (+) plate of COUT and a ground line terminated near SGND. The feedback signal, VFB, should be routed away from noisy components and traces such as the SW line, and its trace length should be minimized. In addition, RT and the loop compensation components should be terminated to SGND. 4. Keep sensitive components away from the SW pin. The RRT resistor, the feedback resistors, the compensation components, and the INTVCC bypass capacitor should all be routed away from the SW trace and the inductor. 5. A ground plane is preferred, but if not available the signal and power grounds should be segregated with both connecting to a common, low noise reference point. The point at which the ground terminals of the VIN and VOUT bypass capacitors are connected makes a good, low noise reference point. The connection to the PGND pin should be made with a minimal resistance trace from the reference point. 6. Flood all unused areas on all layers with copper in order to reduce the temperature rise of power components. These copper areas should be connected to the exposed backside connection of the IC.
VIN = 12V VOUT = 1.8V fO = 1MHz DC1353A
Figure 5. Load Current vs Ambient Temperature
Junction Temperature Measurement The junction-to-ambient thermal resistance will vary depending on the size and amount of heat sinking copper on the PCB board where the part is mounted, as well as the amount of air flow on the device. One of the ways to measure the junction temperature directly is to use the internal junction diode on one of the pins (PGOOD) to measure its diode voltage change based on ambient temperature change. First remove any external passive component on the PGOOD pin, then pull out 100A from the PGOOD pin to turn on its internal junction diode and bias the PGOOD pin to a negative voltage. With no output current load, measure the PGOOD voltage at an ambient temperature of 25C, 75C and 125C to establish a slope relationship between the delta voltage on PGOOD and delta ambient temperature. Once this slope is established, then the junction temperature rise can be measured as a function of power loss in the package with corresponding output load current. Keep in mind that doing so will violate absolute maximum voltage ratings on the PGOOD pin, however, with the limited current, no damage will result.
3604f
17
LTC3604 APPLICATIONS INFORMATION
VIN
CIN
VIAS TO PGND 16 15 14 13 1 2 SW 3 4 5 6 7 8 17 12 11 10 9
PGND
VIAS TO GROUND PLANE
VIAS TO INTVCC CF R2 R1 VIA TO PGND VIA TO VOUT
VIAS TO GROUND PLANE L1
CBOOST
CINTVCC
COUT VIAS TO PGND VIA TO R2
VOUT
3604 F06
Figure 6. QFN Layout Example
VOUT PGND VIN
COUT
CIN
L1 CBOOST SW
PIN 1
17 VIA TO INTVCC VIA TO VOUT
CF CINTVCC VIA TO INTVCC VIA TO VOUT R1 R2
3604 F07
Figure 7. MSE Layout Example
3604f
18
LTC3604 APPLICATIONS INFORMATION
Design Example As a design example, consider using the LTC3604 in an application with the following specifications: VIN = 12V, VOUT = 1.8V, IOUT(MAX) = 2.5A, IOUT(MIN) = 10mA, f = 1MHz Because efficiency is important at both high and low load currents, Burst Mode operation is selected. First, the correct RRT resistor value for 1MHz switching frequency must be chosen. Based on the equation discussed earlier, RRT should be 324k. Next, determine the inductor value for approximately 40% ripple current (IL(MAX) = 1A) using: 1.8 V 1.8 V 1- = 1.53H L= 12V 1MHz * 1A A standard value 1.5H inductor will work well for this application. Next, COUT is selected based on the required output transient performance and the required ESR to satisfy the output voltage ripple. For this design, a 47F ceramic capacitor will be used. CIN should be sized for a maximum current rating of: 1.8 V 12V - 1.8 V IRMS = 2.5A 12V
(
) = 0.89A

Decoupling the VIN pins with a 22F ceramic capacitor should be adequate for most applications. A 0.1F boost capacitor should also work for most applications. To save board space the ITH pin is connected to the INTVCC pin to select an internal compensation network. The PGOOD pin is connected to VIN through a 100k resistor.
VIN 12V
CIN 22F
VIN RUN MODE/SYNC
BOOST
C1 0.1F L1 1.5H R3 80k R4 40k CF 22pF
2.2F
100k
INTVCC LTC3604 PGOOD ITH RT
SW VON FB
VOUT 1.8V COUT 2.5A 47F
TRACK/SS PGND
3604 F08
324k
SGND
CIN: TDK C3225X5R1C226M COUT: TDK C3225X5R0J476M L1: VISHAY IHLP2525CZER1R5M01
Figure 8. 1.8V, 2.5A Regulator at 1MHz
3604f
19
LTC3604 TYPICAL APPLICATIONS
12V Input to 1.8V Output at 4MHz Synchronized Frequency with 6V UVLO and 4.3ms Soft-Start
VIN 12V VIN CIN 22F 154k RUN 40k LTC3604 INTVCC 2.2F 100k PGOOD ITH TRACK/SS RT MODE/SYNC 80k SGND PGND EXTERNAL CLOCK FB 40k SW VON BOOST 0.1F L1 0.47H 80k 22pF COUT 47F VOUT 1.8V 2.5A
14k 150pF
10nF CIN: TDK C3225X5R1C226M COUT: TDK C3216X5R0J476M L1: VISHAY IHLP2020BZERR47M01
3601 TA02a
Efficiency vs Load Current
100 90 80 EFFICIENCY (%) 70 60 50 40 30 20 10 0 0.01 0.1 1 LOAD CURRENT (A) 10
3604 TA02b
3604f
20
LTC3604 TYPICAL APPLICATIONS
8.4V Input to 3.3V Output at 2MHz Operating Frequency Using Forced Continuous Mode
C2 2.2F VIN 8.4V C1 22F VIN RUN INTVCC ITH RT PGOOD MODE/SYNC TRACK/SS BOOST LTC3604 SW VON FB PGND
3604 TA03a
0.1F
L1 1H R1 90.9k CF 10pF
VOUT 3.3V COUT 2.5A 47F
SGND
R2 C : TDK C3225X5R1C226M IN 20k C : TDK C3216X5R0J476M OUT L1: VISHAY IHLP2020BZER1R0M01
Efficiency vs Load Current
100 90 80 EFFICIENCY (%) 70 60 50 40 30 20 10 0 0.01 0.1 1 LOAD CURRENT (A) 10
3604 TA03b
3604f
21
LTC3604 PACKAGE DESCRIPTION
UD Package 16-Lead Plastic QFN (3mm x 3mm)
(Reference LTC DWG # 05-08-1691)
0.70 0.05
3.50
0.05 2.10
1.45 0.05 0.05 (4 SIDES)
PACKAGE OUTLINE 0.25 0.05 0.50 BSC RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS 0.75 0.05 BOTTOM VIEW--EXPOSED PAD R = 0.115 TYP 15 16 0.40 1 1.45 0.10 (4-SIDES) 2 0.10 PIN 1 NOTCH R = 0.20 TYP OR 0.25 45 CHAMFER
3.00 0.10 (4 SIDES) PIN 1 TOP MARK (NOTE 6)
(UD16) QFN 0904
0.200 REF 0.00 - 0.05 NOTE: 1. DRAWING CONFORMS TO JEDEC PACKAGE OUTLINE MO-220 VARIATION (WEED-2) 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
0.25
0.05
0.50 BSC
3604f
22
LTC3604 PACKAGE DESCRIPTION
MSE Package 16-Lead Plastic MSOP Exposed Die Pad ,
(Reference LTC DWG # 05-08-1667 Rev A)
BOTTOM VIEW OF EXPOSED PAD OPTION 2.845 (.112 0.102 .004) 0.889 (.035
0.127 .005)
2.845 (.112 1
0.102 .004) 8 0.35 REF
5.23 (.206) MIN
1.651 (.065
0.102 3.20 - 3.45 .004) (.126 - .136)
1.651 (.065
0.102 .004)
0.12 REF
0.305 0.038 (.0120 .0015) TYP
0.50 (.0197) BSC
16 4.039 0.102 (.159 .004) (NOTE 3)
DETAIL "B" CORNER TAIL IS PART OF DETAIL "B" THE LEADFRAME FEATURE. FOR REFERENCE ONLY 9 NO MEASUREMENT PURPOSE
RECOMMENDED SOLDER PAD LAYOUT
16151413121110 9
0.280 0.076 (.011 .003) REF
0.254 (.010) GAUGE PLANE
DETAIL "A" 0 - 6 TYP 4.90 0.152 (.193 .006) 3.00 0.102 (.118 .004) (NOTE 4)
0.53 0.152 (.021 .006) DETAIL "A" 0.18 (.007) 12345678 1.10 (.043) MAX 0.86 (.034) REF
SEATING PLANE
NOTE: 1. DIMENSIONS IN MILLIMETER/(INCH) 2. DRAWING NOT TO SCALE 3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.17 -0.27 (.007 - .011) TYP
0.50 (.0197) BSC
0.1016 (.004
0.0508 .002)
MSOP (MSE16) 0608 REV A
3604f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
23
LTC3604 TYPICAL APPLICATION
1.2V Output at 2MHz Operating Frequency
C2 2.2F VIN C1 22F VIN RUN INTVCC ITH RT PGOOD MODE/SYNC TRACK/SS BOOST LTC3604 SW VON FB PGND 100 90 80 EFFICIENCY (%) 70 60 50 40 30 20 10 0 0.01 0.1 1 LOAD CURRENT (A) 10
3604 TA04b
Efficiency vs Load Current
VIN = 8V VIN = 15V
L1 0.1F 0.68H R1 20k R2 20k
3604 TA04a
CF 22pF
VOUT 1.2V COUT 2.5A 47F
SGND
CIN: TDK C3225X5R1C226M COUT: TDK C3225X5R0J476M L1: VISHAY IHLP2020BZERR68M01
RELATED PARTS
PART NUMBER LTC3603 LTC3602 LTC3601 LTC3605 LTC3610 LTC3611 DESCRIPTION 15V, 2.5A (IOUT), 3MHz, Synchronous Step-Down DC/DC Converter 10V, 2.5A (IOUT), 3MHz, Synchronous Step-Down DC/DC Converter 15V, 1.5A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter 15V, 5A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter 24V, 12A (IOUT), 1MHz, Synchronous Step-Down DC/DC Converter 32V, 10A (IOUT), 1MHz, Synchronous Step-Down DC/DC Converter COMMENTS 95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 75A, ISD < 1A, 4mm x 4mm QFN20 95% Efficiency, VIN: 4.5V to 10V, VOUT(MIN) = 0.6V, IQ = 75A, ISD < 1A, 4mm x 4mm QFN20, TSSOP16E 96% Efficiency, VIN: 4V to 15V, VOUT(MIN) = 0.6V, IQ = 300A, ISD < 15A, 3mm x 3mm QFN16, MSE16 95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 2mA, ISD < 15A, 4mm x 4mm QFN24 95% Efficiency, VIN: 4V to 24V, VOUT(MIN) = 0.6V, IQ = 900A, ISD < 15A, 9mm x 9mm QFN64 95% Efficiency, VIN: 4V to 32V, VOUT(MIN) = 0.6V, IQ = 900A, ISD < 15A, 9mm x 9mm QFN64
3604f
24 Linear Technology Corporation
(408) 432-1900 FAX: (408) 434-0507
LT 0110 * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2010


▲Up To Search▲   

 
Price & Availability of LTC3604EUDPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X