|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LT1020 Micropower Regulator and Comparator FEATURES s s s s s s s s s s s DESCRIPTIO Input Voltage Range: 4.5V to 36V 40A Supply Current 125mA Output Current 2.5V Reference Voltage Reference Output Sources 1mA and Sinks 0.5mA Dual Output Comparator Comparator Sinks 10mA Dropout Detector 0.2V Dropout Voltage Thermal Limiting Available in SO Package The LT(R)1020 is a combination micropower positive regulator and free collector comparator on a single monolithic chip. With only 40A supply current, the LT1020 can supply over 125mA of output current. Input voltage range is from 4.5V to 36V and dropout voltage is 0.6V at 125mA. Dropout voltage decreases with lower load currents. Also included on the chip is a class B output 2.5V reference that can either source or sink current. A dropout detector provides an output current to indicate when the regulator is about to drop out of regulation. The dual output comparator can be used as a comparator for system or battery monitoring. For example, the comparator can be used to warn of low system voltage while the dropout detector shuts down the system to prevent abnormal operation. Frequency compensation of the comparator for amplifier applications can be obtained by adding external output capacitance. Dual output or positive and negative regulators can also be made. The 2.5V reference will source or sink current. This allows it to be used as a supply splitter or auxiliary output. , LTC and LT are registered trademarks of Linear Technology Corporation. APPLICATIO S s s s s Battery Systems Battery Backup Systems Portable Terminals Portable Instruments TYPICAL APPLICATIO 5V Regulator VIN > 5.2V IQ = 40A 3 VIN LT1020 VOUT 2 0.001F FB 11 1M 1020 TA01 Dropout Voltage and Supply Current 1 10 5V 1M 10F GND 9 10F DROPOUT VOLTAGE (V) + + 0.1 0.01 0.1 U SUPPLY CURRENT (mA) 1 10 1 100 OUTPUT CURRENT (mA) 0.1 1000 1020 TA02 U U sn1020 1020fcs 1 LT1020 ABSOLUTE AXI U RATI GS (Note 1) Operating Temperature Range LT1020C ............................................. 0C to 100C LT1020I ........................................ - 40C to 100 C LT1020M (OBSOLETE) .................. - 55C to 125C Lead Temperature (Soldering, 10 sec).................. 300C Input Voltage .......................................................... 36V NPN Collector Voltage ............................................ 36V PNP Collector Voltage ............................. Supply - 36V Output Short Circuit Duration ......................... Indefinite Power Dissipation .............................. Internally Limited Storage Temperature Range ................ - 65C to 150C PACKAGE/ORDER I FOR ATIO TOP VIEW NC VOUT VIN REF OUT COMP PNP COMP NPN +INPUT 1 2 3 4 5 6 7 N PACKAGE 14-LEAD PDIP 14 NC DROPOUT 13 DETECTOR 12 SHUTDOWN 11 FEEDBACK CURRENT 10 LIMIT 9 GND 8 -INPUT ORDER PART NUMBER TOP VIEW LT1020CN LT1020IN TJMAX = 110C, JA = 130C/W J PACKAGE 14-LEAD CERDIP TJMAX = 150C, JA = 80C/W LT1020CJ LT1020IJ LT1020MJ OBSOLETE PACKAGE Consider the N14 Package for Alternate Source Consult LTC Marketing for parts specified with wider operating temperature ranges. ELECTRICAL CHARACTERISTICS PARAMETER Reference Reference Voltage Line Regulation Load Regulation Output Source Current Output Sink Current Temperature Stability Regulator Supply Current CONDITIONS TJ = 25C MIN 2.46 TYP 2.50 0.01 0.2 4 2 1 45 75 11 125 0.2 0.01 0.02 0.4 0.5 0.015 0.05 0.65 MAX 2.54 0.015 0.3 UNITS V %/V % mA mA % A A mA mA % %/V V V sn1020 1020fcs 4.5V VIN 36V 4.5V VIN 36V - 0.5mA IREF 1mA, VIN = 12V VIN = 5V VIN = 5V Output Current Load Regulation Line Regulation Dropout Voltage VIN = 6V, IOUT 100A VIN = 36V, IOUT 100A VIN = 12V, IOUT = 125mA (VIN - VOUT) 1V, VIN 6V (VIN - VOUT) 1V, VIN 6V 6V VIN 36V IOUT = 100A IOUT = 125mA 2 U U W WW U W ORDER PART NUMBER NC 1 VOUT 2 VIN 3 REF OUT 4 COMP PNP 5 COMP NPN 6 +INPUT 7 NC 8 16 NC 15 DROPOUT DETECTOR 14 SHUTDOWN 13 FEEDBACK 12 CURRENT LIMIT 11 GND 10 -INPUT 9 NC LT1020CSW LT1020ISW SW PACKAGE 16-LEAD PLASTIC (WIDE) SO TJMAX = 110C, JA = 150C/W 1 0.5 80 120 20 LT1020 ELECTRICAL CHARACTERISTICS PARAMETER Regulator Feedback Sense Voltage Dropout Detector Current Feedback Bias Current Minimum Load Current Short-Circuit Current Comparator Offset Voltage Bias Current Offset Current Gain-NPN Pull-Down Common Mode Rejection Power Supply Rejection Output Sink Current NPN Saturation Voltage Output Source Current Input Voltage Range Response Time Leakage Current (NPN) CONDITIONS TJ = 25C MIN 2.44 3 TYP 2.5 20 15 1 300 30 3 15 4 10000 94 96 18 0.4 200 5 2 MAX 2.56 40 5 400 UNITS V A nA A mA mA mV nA nA V/ V dB dB mA V A V s A VIN = 12V VOUT = - 0.05V, IOUT = 500A VIN = 36V VIN = 36V Pins 9 and 10 Shorted, VIN = 4.5V 0V VCM 35V, VIN = 36V 0V VCM 35V, VIN = 36V 0V VCM 35V, VIN = 36V VOUT = 29V, RL = 20k 0V VCM 35V, VIN = 36V 4.5V VS 36V VIN = 4.5V IOUT = 1mA 3 7 40 15 2000 80 80 10 60 0 0.6 VIN - 1 The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25C. PARAMETER Reference Reference Voltage Line Regulation Load Regulation Output Source Current Output Sink Current Regulator Supply Current CONDITIONS 4.5V VIN 36V 4.5V VIN 36V - 0.5mA IREF 1mA, VIN = 12V VIN = 5V VIN = 5V VIN = 6V, IOUT 100A VIN = 36V, IOUT 100A VIN = 12V, IOUT = 125mA (VIN - VOUT) 1V, VIN 6V (VIN - VOUT) 1V, VIN 6V 6V VIN 36V IOUT = 100A IOUT = 125mA VIN = 12V VOUT = - 0.05V, IOUT = 500A VIN = 36V VIN = 36V Pins 9 and 10 Shorted, VIN = 4.5V 0V VCM 35V, VIN = 36V 0V VCM 35V, VIN = 36V (Note 2) q q q q q q q q q q q q q q q q q q q q q MIN 2.40 TYP 2.50 0.01 0.3 MAX 2.55 0.02 0.4 UNITS V %/V % mA mA A A mA mA % %/ V V V V A nA A mA mA mV nA sn1020 1020fcs 1 0.5 65 85 11 125 1 0.02 0.06 0.85 2.57 50 50 400 95 120 20 Output Current Load Regulation Line Regulation Dropout Voltage Feedback Sense Voltage Dropout Detector Current Feedback Bias Current Minimum Load Current Short-Circuit Current Comparator Offset Voltage Bias Current 2.38 3 2.5 2.5 300 30 15 10 60 3 LT1020 ELECTRICAL CHARACTERISTICS PARAMETER Comparator Offset Current Gain-NPN Pull-Down Common Mode Rejection Power Supply Rejection Output Sink Current Output Source Current Input Voltage Range Leakage Current (NPN) CONDITIONS The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25C. MIN q q q q q q q TYP MAX 20 UNITS nA V/ V dB dB mA A V A 0V VCM 35V, VIN = 36V VOUT = 29V, RL = 20k 0V VCM 35V, VIN = 36V 4.5V VIN 36V VIN = 4.5V (Note 3) 1000 80 80 5 40 0 10 120 VIN - 1 8 VIN = 36V q Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: For 0V VCM 0.1V and T > 85C IBIAS(MAX) is 100nA. Note 3: For TA - 40C output ISINK(MIN) is 2.5mA. TYPICAL PERFOR A CE CHARACTERISTICS Regulator Load Regulation 0.3 PRELOAD = 100A OUTPUT VOLTAGE CHANGE (%) SUPPLY CURRENT (mA) TJ = -55C 0.1 0 -0.1 -0.2 -0.3 0.1 TJ = 125C TJ = 25C 10 SHORT-CIRCUIT CURRENT (mA) 0.2 10 100 1 OUTPUT CURRENT (mA) Dropout Voltage REGULATOR INPUT/OUTPUT DIFFERENTIAL (V) VOUT = 100mV REGULATOR INPUT/OUTPUT DIFFERENTIAL (V) 1 INPUT/OUTPUT DIFFERENTIAL (V) 0.1 0.01 0.1 10 1000 1 100 REGULATOR OUTPUT CURRENT (mA) 1020 G04 4 UW 1020 G01 Supply Current 100 TJ = -55C TO 125C 350 300 250 200 150 100 50 Regulator Short-Circuit Current 1 0.1 CURRENT LIMIT TIED TO GROUND 1000 0.01 0.1 1 10 100 1000 REGULATOR OUTPUT CURRENT (mA) 1020 G02 0 -50 -10 70 110 30 TEMPERATURE (C) 150 1020 G03 Dropout Voltage 1 DROPOUT DETECTOR = 5A Dropout Voltage 1 I DROPOUT DETECTOR = 0.1% IOUT 0.1 0.1 I DROPOUT DETECTOR = 1% IOUT 0.01 0.1 0.01 10 1000 1 100 REGULATOR OUTPUT CURRENT (mA) 1020 G05 0.1 1 10 100 REGULATOR OUTPUT CURRENT (mA) 1020 G06 sn1020 1020fcs LT1020 TYPICAL PERFOR A CE CHARACTERISTICS Dropout Detector Current 100 DROPOUT DETECTOR CURRENT (A) DROPOUT DETECTOR CURRENT (A) VDIFF = 500mV 10 100 IOUT = 25mA 1 MINIMUM LOAD CURRENT (A) 0.1 VDIFF = 1V 0.01 10 100 REGULATOR OUTPUT CURRENT (mA) 1000 Regulator Ripple Rejection 70 65 IOUT = 100mA IOUT = 10mA RIPPLE REJECTION (dB) SUPPLY CURRENT (mA) 55 IOUT = 1mA 50 45 40 VIN = 100VDC, 1VP-P 35 V OUT = 5V COUT = 10F 30 10 10k 100 1k RIPPLE FREQUENCY (Hz) 1 SUPPLY CURRENT (mA) 60 Reference Regulation 4 100 90 REFERENCE VOLTAGE CHANGE (mV) 3 INPUT BIAS CURRENT (nA) 2 1 0 -1 -2 -3 -4 -1.5 0.5 1.0 -1.0 -0.5 0 REFERENCE OUTPUT CURRENT (mA) 1.5 80 70 60 50 40 30 20 10 0 -1.0 FEEDBACK PIN CURRENT (nA) UW 1020 G07 1020 G10 Dropout Detector Current 1000 IOUT = 100mA Regulator Minimum Load Current 100 10 10 IOUT = 5mA IOUT = 1mA 1 0.1 0 0.2 0.3 0.4 0.5 0.6 REGULATOR INPUT/OUTPUT DIFFERENTIAL (V) 1020 G08 1 70 80 90 100 110 120 130 140 TEMPERATURE (C) 150 1020 G09 Supply Current 10 IOUT = 100mA 10 Supply Current at Dropout TJ = -55C TO 125C IOUT = 100mA 1 IOUT = 10mA 0.1 IOUT = 10mA 0.1 IOUT = 1mA VOUT = 5V TJ = -55C TO 125C 5 1 10 15 20 25 REGULATOR INPUT/OUTPUT DIFFERENTIAL (V) 1020 G11 IOUT = 1mA 100k 0.01 0.01 0.1 0 0.2 0.3 0.4 0.5 0.6 REGULATOR INPUT/OUTPUT DIFFERENTIAL (V) 1020 G12 Comparator Input Bias Current 40 TJ = 125C TJ = 25C TJ = -55C Feedback Pin Current 35 30 25 20 15 10 5 0 0.1 TJ = 125C TJ = 25C TJ = -55C 1020 G13 -0.6 0.6 -0.2 GND 0.2 COMMON MODE VOLTAGE (V) REFERRED TO PIN 9 (GND) 1.0 1020 G14 100 1000 1 10 REGULATOR OUTPUT CURRENT (mA) 1020 G15 sn1020 1020fcs 5 LT1020 TYPICAL PERFOR A CE CHARACTERISTICS Regulator Thermal Regulation OUTPUT VOLTAGE CHANGE (%) 0.1 VIN = 15V VOUT = 5V OUTPUT VOLTAGE (V) 0 4.5 4.0 3.5 3.0 RL = 500 2.5 2.0 0 0 20 40 60 80 100 120 140 160 180 TIME (ms) 1020 G16 -0.1 OUTPUT CURRENT (mA) 50 PI FU CTIO S Pins 1, 14: No Internal Connection. Pin 2: Regulator Output. Main output, requires 10F output capacitor. Can be shorted to VIN or ground without damaging the device. Pin 3: Input Supply. Bypass with 10F capacitor. Must always be more positive than ground. Pin 4: Reference. 2.5V can source or sink current. May be shorted to ground or up to 5V. Voltages in excess of 5V can damage the device. Pin 5: Comparator PNP Output. Open Collector PNP Output. Pull-up current source for the comparator. May be connected to any voltage from VIN to 36V more negative than VIN (operates below ground). Short-circuit protected. For example, if VIN is 6V then pin 5 will operate to - 30V. Pin 6: Comparator NPN Output. Open Collector NPN Output. May be connected to any voltage from ground to 36V more positive than ground (operates above VIN). Short-circuit protected. Pins 7, 8: Comparator Inputs. Operates from ground to VIN - 1V. Comparator inputs will withstand 36V even with VIN of 0V. Pin 9: Ground. Pin 10: Current Limit. Connecting this pin to ground decreases the regulator current limit to 3mA minimum. Leave open when not used. Pin 11: Feedback. This is the feedback point of the regulator. When operating, it is nominally at 2.5V. Optimum source resistance is 200k to 500k. The feedback pin should not be driven below ground or more positive than 5V. Pin 12: Shutdown. Turns output off. Pin 13: Dropout Detector. This pin acts like a current source from VIN which turns on when the output transistor goes into saturation. The magnitude of the current depends on the magnitude of the output current and the input/output voltage differential. Pin current ranges from 5A to about 300A. 6 UW LT1020 Turn-On Characteristic 5.5 5.0 VOUT = 5V NO LOAD RL = 50 0 0 1 2 5 6 3 4 INPUT VOLTAGE (V) 7 8 1020 G17 U U U sn1020 1020fcs LT1020 BLOCK DIAGRA PNP OUT NPN OUT NONINVERTING INVERTING APPLICATIO S I FOR ATIO The LT1020 is especially suited for micropower system applications. For example, the comparator section of the LT1020 may be used as a battery checker to provide an indication of low battery. The dropout detector can shut down the system when the battery voltage becomes too low to regulate. Another type of system application for the LT1020 would be to generate the equivalent of split supplies from a single power input. The regulator section provides regulated output voltage and the reference, which can both source and sink current, is then an artificial system ground providing a split supply for the system. For many applications the comparator can be frequency compensated to operate as an amplifier. Compensation values for various gains are given in the data sheet. The comparator gain is purposely low to make it easier to frequency compensate as an amplifier. Two outputs are available on the comparator, the NPN output is capable of sinking 10mA and can drive loads connected to voltages in excess of the positive power supply. This is useful for driving switches or linear regulators from a higher input voltage. The PNP output, which is capable of sourcing 100A can drive loads below ground. It can be used to make negative regulators with the addition of an external pass transistor. Both outputs can be tied together to provide an output that swings from rail-to-rail for comparator or amplifier applications. Although it is not specified, the gain for the PNP output is about 500 to 1000. U W W REF OUT 4 10 CURRENT LIMIT 3 VIN - 5 6 2 13 VOUT DROPOUT DETECTOR + REF 2.5V 7 8 9 GND 1020 BD 11 FB UU If the PNP output is being used, to maximize the gain a 1A to 5A load should be placed upon the NPN output collector. This is easily done by connecting a resistor between the NPN collector and the reference output. (Providing this operating current to the NPN side increases the internal emitter base voltages and maximizes the gain of the PNP stage.) Without this loading on the NPN collector, at temperatures in excess of 75C, the gain of the PNP collector can decrease by a factor of 2 or 3. Reference Internal to the LT1020 is a 2.5V trimmed class B output reference. The reference was designed to be able to source or sink current so it could be used in supply splitting applications as well as a general purpose reference for external circuitry. The design of the reference allows it to source typically 4mA or 5mA and sink 2mA. The available source and sink current decreases as temperature increases. It is sometimes desirable to decrease the AC output impedance by placing an output capacitor on them. The reference in the LT1020 becomes unstable with large capacitive loads placed directly on it. When using an output capacitor, about 20 should be used to isolate the capacitor from the reference pin. This 20 resistor can be placed directly in series with the capacitor or alternatively the reference line can have 20 placed in series with it and then a capacitor to ground. This is shown in Figure 1. Other sn1020 1020fcs 7 LT1020 APPLICATIO S I FOR ATIO than placing large capacitive loads on the reference, no other precautions are necessary and the reference is stable with nominal stray capacitances. REF 4 OUTPUT 20 OR 10F REF 4 20 OUTPUT + + 10F 1020 F01 Figure 1. Bypassing Reference Overload Protection The main regulator in the LT1020 is current limited at approximately 350mA. The current limit is stable with both input voltage and temperature. A current limit pin, when strapped to ground, decreases the output current. This allows the output current to be set to a lower value than 250mA. The output current available with the current limit pin strapped to ground is not well controlled so if precise current limiting is desired it should be provided externally as is shown in some of the application circuits. If the device is overloaded for long periods of time, thermal shutdown turns the output off. In thermal shutdown, there may be some oscillations which can disturb external circuitry. A diode connected between the reference and feedback terminal provides hysteresis under thermal shutdown, so that the device turns on and off with about a 5 second period and there are no higher frequency oscillations. This is shown in Figure 2. This diode is recommended for most applications. Thermal shutdown temperature is set at approximately 145C. 2 0.001F FB 11 VOUT LT1020 REF 4 * * DIODE ADDS FEEDBACK + 10F 1020 F02 Figure 2. Minimizing Oscillation in Thermal Shutdown 8 U Like most other IC regulators, a minimum load is required on the output of the LT1020 to maintain regulation. For most standard regulators this is normally specified at 5mA. Of course, for a micropower regulator this would be a tremendously large current. The output current must be large enough to absorb all the leakage current of the pass transistor at the maximum operating temperature. It also affects the transient response; low output currents have long recovery times from load transients. At high operating temperatures the minimum load current increases and having too low of a load current may cause the output to go unregulated. Devices are tested for minimum load current at high temperature. The output voltage setting resistors to the feedback terminal can usually be used to provide the minimum load current. Frequency Compensation The LT1020 is frequency compensated by a dominant pole on the output. An output capacitor of 10F is usually large enough to provide good stability. Increasing the output capacitor above 10F further improves stability. In order to insure stability, a feedback capacitor is needed between the output pin and the feedback pin. This is because stray capacitance can form another pole with the large value of feedback resistors used with the LT1020. Also, a feedback capacitor minimizes noise pickup and improves ripple rejection. With the large dynamic operating range of the output current, 10000:1, frequency response changes widely. Low AC impedance capacitors are needed to insure stability. While solid tantalum are best, aluminum electrolytics can be used but larger capacitor values may be needed. The CURRENT LIMIT pin allows one of the internal nodes to be rolled off with a 0.05F capacitor to ground. With this capacitor, lower values of regulator output capacitance can be used (down to 1F) for low (<20mA) output currents. Values of capacitance greater than 0.05F degrade the transient response, so are not recommended. If the CURRENT LIMIT pin is connected to GND, the current limit is decreased and only a 1F output capacitor is needed. When bypassing the reference, a 20 resistor must be connected in series with the capacitor. sn1020 1020fcs W UU LT1020 TYPICAL APPLICATIO S Regulator with Output Voltage Monitor VIN LOGIC 500k 5 6 3 VIN LOGIC OUTPUT LOGIC OUTPUT GOES LOW WHEN VOUT DROPS BY 100mV Driving Logic with Dropout Detector VIN > 5.2V IQ = 40A 3 VIN LT1020 DROPOUT 500k TO 2M 3M 1020 TA04 Regulator with Improved Transient Response 3 2 0.001F FB 11 0.001F 22k 1M 1020 TA08 VIN > 5.2V VIN LT1020 GND 9 VOUT U - LT1020 VOUT 2 5V 0.001F 100k VOUT + 7 REF 8 4 2.5V 11 FB GND 9 100k + 10F LOGIC OUTPUT 20k 1M 1020 TA03 5V Regulator VOUT LT1020 2 0.001F FB 11 1M 1020 TA07 5V 1M + 10F GND 9 + 10F Compensating the Comparator As an Op Amp 5V 1M 7 + 5 + 10F 8 - 1M 6 AT AV = 100, SLEW RATE = 0.05V/s -6V/s R2 C2 R1 C1 AV 1 10 100 R1 33 100 10k C1 C2 R2 0.1F 0.001F - 0.047F - 100k 0.002F - 10k 1020 TA05 sn1020 1020fcs 9 LT1020 TYPICAL APPLICATIO S 1 Amp Low Dropout Regulator 2.2k VIN 3 VIN LT1020 GND 9 CL 10 0.01F FB 11 150* 100k VOUT 2 * 10k* MJE2955 VOUT 5V 220F 100k SEE LT1129 DATA SHEET FOR 700mA OUTPUT Maintaining Lowest IQ at Dropout 3 2 0.001F 1M VIN LT1020 GND 9 VOUT 11 DROPOUT FB 13 2N3904* 1M NC 1M *TRANSISTOR USED BECAUSE OF LOW LEAKAGE CHARACTERISTICS 2N2907 12VOUT 0.01F 190k 6 + 10F 50k 10 U Dual Output Regulator VIN > 5.2V 9 GND 8 -INPUT 5 COMP PNP +INPUT 7 3 VIN VOUT LT1020 REF OUT 4 COMP FB 11 NPN 6 100k 500k 2 500k 0.001F 5V 0.001F + + 10F *FOR CURRENT LIMIT 1.5A MUST HAVE LOW ESR. SEVERAL 100F CAPACITORS CAN BE PARALLELED 1020 TA06 0.001F 1M 500k + 10F 1020 TA09 -5V REG 10mA 2N3904 51k -VIN Dual Output 150mA Regulator VIN > 5.2V 5V + 10F 9 GND 8 -INPUT 5 COMP PNP +INPUT 7 0.001F 200k 100k 3 VIN VOUT LT1020 REF OUT 4 2 500k 0.001F 5V COMP FB 11 NPN 6 100k 500k + 10F 1020 TA11 + 10F 1020 TA10 -5V REG 150mA 2N3904 51k* 4.7k 0.0047F 51k* -VIN 2N3904 *FOR TEMPERATURES GREATER THAN 70C, REDUCE 51k RESISTORS TO 15k. IQ WILL INCREASE Dual Output Positive Regulator 3 51k VIN VIN 12.3V 2 - LT1020 VOUT 5V 0.001F 1M + +IN 7 -IN 8 REF 4 11 FB GND 9 1M + 10F 1020 TA12 sn1020 1020fcs LT1020 TYPICAL APPLICATIO S Battery Backup Regulator VOUT 5V BATTERY INPUT 3 VIN LT1020 GND 9 INTERNAL PARASITIC DIODES OF LT1020 VIN VOUT FB 11 50k VOUT 2 2 MAIN POWER INPUT VIN > 5.2V IQ = 40A 3 *TRANSISTOR USED BECAUSE OF LOW LEAKAGE CHARACTERISTICS. TO TURN OFF THE OUTPUT OF THE LT1020, FORCE FB (PIN 11) > 2.5V VIN 3 9 5 6 LT1020 GND 9 FB U VIN + 0.001F 1M 10F 11 VOUT LT1020 FB GND 9 1020 TA13 VIN 3 1M 5V Regulator with Shutdown VOUT LT1020 0.001F GND 9 FB 11 100k 500k 2N3904* 1020 TA14 2 + 1M 5V 10F NC LOGIC INPUT 1M Turn-Off at Dropout R1 1.5M 8 R2 1M - LT1020 VOUT 2 VOUT* 0.001F 1M + DROPOUT 13 7 1.5M 0.047F FB REF 4 11 1M + 10F 1020 TA15 1M *VOUT TURNS OFF AT DROPOUT. VOUT TURN ON WHEN: VIN x R2 = 2.5V R1 + R2 Current Limited 1 Amp Regulator 2.2k 0.5* VIN 3 VIN VOUT 2 11 270 100k MJE2955 0.22F 100k 2N3906* + VOUT 5V, 1A 220F 1020 TA16 *SETS CURRENT LIMIT BUT INCREASES DROPOUT VOLTAGE BY 0.5V MUST HAVE LOW ESR. SEVERAL 100F CAPACITORS CAN BE PARALLELED sn1020 1020fcs 11 LT1020 TYPICAL APPLICATIO S 1 Amp Regulator with Precision Current Limit VIN 12V 2.2k 100k 8 - + 6 1.2k 7 ISC SENSE 0.03 MUST HAVE LOW ESR. SEVERAL 100F CAPACITORS CAN BE PARALLELED 8 - + 6 7 12 + VOUT (NL) - (VIN - 1V) VOUT (5mA) - (VIN - 3V) IQ 300A U + 100F MJE2955 4 LT1020 2 11 3 VOUT 5V 1A 220F + 0.22F 100k FB 5 9 1N4148 270 100k RL 1020 TA17 Logic Output on Dropout VIN 4 LT1020 2 1M FB 5 9 13 11 1M 1020 TA18 3 VOUT 5V 0.001F + 10F 1M VIN "DROPOUT" 0V TTL COMPATIBLE Charge Pump Negative Voltage Generator 1M 51k VIN 8 0.0033F - + 3 5 6 9 1M 22k 2N3904 7 + 10F -VOUT 1N5819 OR EQUIVALENT 20F 1020 TA19 51k sn1020 1020fcs LT1020 TYPICAL APPLICATIO S Charge Pump Voltage Doubler 1M 51k VIN 1N5819 OR EQUIVALENT 0.0033F 6 9 1M + 10F + 10F 51k 6 *VIN MUST BE GREATER THAN THE BATTERY VOLTAGE PLUS 1.3V 7.5V TO 30V VIN 100F 3.3M 30k 2N3906 2N3904 TO VREF (PIN4) 1.8M 1M 10k 2N3904 1k 100k LT1020 COMPARATOR 2M 2N2222 SWITCHING REGULATOR OUTPUT 4mH 3 VIN LT1020 VREF 30k 4 FB 11 0.01F 220k VOUT 2 POST REGULATOR MAINTAINS LOW IQ (< 100A) FOR ALL INPUT VOLTAGES SWITCHER EFFICIENCY = 85% POST REGULATOR EFFICIENCY = 82% OVERALL EFFICIENCY = 70% SWITCHING REGULATOR OUTPUT = 2.5 x (1 + RA /RB). FOR A CLEAN OUTPUT FROM THE LINEAR REGULATOR SET TO VOUT + 1.2V U + 8 VOUT 20F - + 3 5 22k 2N3904 10F 7 VOUT (NL) 2VIN - 1V VOUT (5mA) 2VIN - 3V IQ 300A + 1020 TA20 51k 50mA Battery Charger and Regulator VIN* 2N2905 20k 8 220k 4 3 VIN VOUT LT1020 2.5V FB 7 9 11 1M 10F + - + 2 5V + 1M 0.001F 10F 6V BATTERY 3.9 1020 TA21 Switching Preregulator for Wide Input Voltage Range + VOUT 5V 100mA 22F - 6 8 + 2M 7 RA 1.5M 220k RB 1M 30k 0.001F + 100F 1020 TA22 sn1020 1020fcs 13 W LT1020 SCHE ATIC DIAGRA Q2 Q15 Q16 Q42 Q24 Q29 Q40 Q43 125k Q44 Q31 C2 25pF Q30 R11 15k R7 6.8k Q60 R10 75k Q35 Q34 R8 100k Q22 Q63 Q62 Q61 Q32 Q36 Q64 Q33 Q17 Q18 Q21 C3 10pF R16 6k Q37 R17 100 Q41 125k Q27 Q26 Q23 C1 10pF Q28 Q20 C5 100pF PNP OUTPUT 13 DROPOUT DETECTOR Q56 5 NPN OUTPUT 6 Q10 Q6 Q5 Q9 Q11 Q8 Q45 Q46 Q47 Q48 R30 2k R31 10 R32 2k Q49 Q7 Q12 100pF Q65 R3 50k 15k 28k R5 3k R6 3k R38 20k R14 15k R15 80k R18 15k 60k 60k R26 15k R27 15k R28 2k R29 5 100pF R1 25 R36 60k R2 50k R37 110.8k 7 +INPUT -INPUT 8 12 SHUTDOWN 10 CURRENT LIMIT 9 GND 1020 SS W 14 REFERENCE 4 3 R4 42k R35 42k Q19 Q54 Q55 Q14 Q25 Q38 Q52 R22 30k R23 30k R24 390k Q39 Q51 OUTPUT 2 R8 40k R19 40k C6 100pF R33 138.3k 47k Q58 11 FEEDBACK VIN Q1 Q13 sn1020 1020fcs LT1020 PACKAGE DESCRIPTIO .300 BSC (7.62 BSC) .008 - .018 (0.203 - 0.457) NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS .300 - .325 (7.620 - 8.255) .008 - .015 (0.203 - 0.381) +.035 .325 -.015 +0.889 -0.381 .005 (0.125) .100 MIN (2.54) BSC ( 8.255 ) INCHES MILLIMETERS *THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm) NOTE: 1. DIMENSIONS ARE Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights. U J Package 14-Lead CERDIP (Narrow .300 Inch, Hermetic) (Reference LTC DWG # 05-08-1110) .005 (0.127) MIN .785 (19.939) MAX 14 13 12 11 10 9 8 .025 (0.635) RAD TYP .220 - .310 (5.588 - 7.874) 1 2 3 4 5 6 7 .200 (5.080) MAX .015 - .060 (0.381 - 1.524) 0 - 15 .045 - .065 (1.143 - 1.651) .014 - .026 (0.360 - 0.660) .100 (2.54) BSC .125 (3.175) MIN J14 0801 OBSOLETE PACKAGE N Package 14-Lead PDIP (Narrow .300 Inch) (Reference LTC DWG # 05-08-1510) .770* (19.558) MAX 14 13 12 11 10 9 8 .255 .015* (6.477 0.381) 1 .130 .005 (3.302 0.127) .020 (0.508) MIN 2 3 4 5 6 7 .045 - .065 (1.143 - 1.651) .065 (1.651) TYP .120 (3.048) MIN .018 .003 (0.457 0.076) N14 1002 sn1020 1020fcs 15 LT1020 PACKAGE DESCRIPTIO .030 .005 TYP N .420 MIN 1 2 3 RECOMMENDED SOLDER PAD LAYOUT 1 .291 - .299 (7.391 - 7.595) NOTE 4 .010 - .029 x 45 (0.254 - 0.737) 0 - 8 TYP 2 3 4 5 6 7 8 .005 (0.127) RAD MIN .009 - .013 (0.229 - 0.330) NOTE 3 .016 - .050 (0.406 - 1.270) NOTE: 1. DIMENSIONS IN INCHES (MILLIMETERS) 2. DRAWING NOT TO SCALE 3. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS. THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS 4. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm) RELATED PARTS PART NUMBER LT1120/LT1120A DESCRIPTION 125mA, Micropower Regulator and Comparators COMMENTS VIN: 4.5V to 36V; VOUT(MIN): 2.50V, Dropout Voltage (V at IOUT): 0.40V; IQ (Supply): 40A; VOUT (V): Adj; ISD: 10A; S8, N8; Comparator and Reference, Logic Shutdown, Ref Sources and Sinks 2/4mA VIN: 4.2V to 30/36V; VOUT(MIN): 3.75V, Dropout Voltage (V at IOUT): 0.42V; IQ (Supply): 30A; VOUT (V): Adj, 3.3, 5; ISD: 16A; SOT-223, S8, Z; Reverse-Battery Protection VIN: 4.2V to 30V; VOUT(MIN): 3.75V, Dropout Voltage (V at IOUT): 0.40V; IQ (Supply): 50A; VOUT (V): Adj, 3.3, 5; ISD: 16A; DD, SOT-223, S8, TO220-5, TSSOP20 VIN: 3.6V to 25V, VOUT(MIN): 1.25V, IQ: 1.9mA, ISD: <1A, ThinSOT VIN: 7.4V to 60V, VOUT(MIN): 1.24V, IQ: 3.2mA, ISD: 2.5A, S8 VIN: 1.8V to 20V; VOUT(MIN): 1.22V, Dropout Voltage (V at IOUT): 0.30V; IQ (Supply): 20A; VOUT (V): Adj, 1.5, 1.8, 2, 2.5, 2.8, 3, 3.5, 5; ISD: <1A; ThinSOT; Low Noise < 20VRMSP-P, Stable with 1F Ceramic Capacitors LT1121/LT1121HV 150mA, Micropower, LDO LT1129 700mA, Micropower, LDO LT1616 LT1676 LT1761 25V, 500mA (IOUT), 1.4MHz, High Efficiency Step-Down DC/DC Converter 60V, 440mA (IOUT), 100kHz, High Efficiency Step-Down DC/DC Converter 100mA, Low Noise Micropower, LDO 16 Linear Technology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408) 432-1900 q FAX: (408) 434-0507 q U SW Package 16-Lead Plastic Small Outline (Wide .300 Inch) (Reference LTC DWG # 05-08-1620) .050 BSC .045 .005 .398 - .413 (10.109 - 10.490) NOTE 4 16 15 14 13 12 11 10 9 N .325 .005 NOTE 3 .394 - .419 (10.007 - 10.643) N/2 N/2 .093 - .104 (2.362 - 2.642) .037 - .045 (0.940 - 1.143) .050 (1.270) BSC .004 - .012 (0.102 - 0.305) .014 - .019 (0.356 - 0.482) TYP S16 (WIDE) 0502 sn1020 1020fcs LT/TP 0203 1K REV C * PRINTED IN USA www.linear.com (c) LINEAR TECHNOLOGY CORPORATION 1993 |
Price & Availability of LT102003 |