Part Number Hot Search : 
131J2G 051BC ULN2804 2SJ10607 MBP20 35N10 D1111 S3062
Product Description
Full Text Search
 

To Download LSRF52140-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
SUPER BRIGHT ROUND TYPE LED LAMPS
Pb
Lead-Free Parts
LSRF52140-PF
DATA SHEET
DOC. NO : REV. DATE : :
QW0905-LSRF52140-PF A 28 - Feb. - 2006
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSRF52140-PF Page 1/5
3.8 3.1
Package Dimensions
1.9 5.4
1.5MAX
25.0MIN
0.5 TYP
1.0MIN 2.54TYP
-
Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
+
Directivity Radiation
0 -30 30
-60
60
100% 75% 50%
25%
0
25% 50% 75% 100%
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSRF52140-PF Page 2/5
Absolute Maximum Ratings at Ta=25
Ratings Parameter Symbol SRF Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Electrostatic Discharge( * ) Operating Temperature Storage Temperature IF IFP PD Ir ESD Topr Tstg 30 90 75 10 2000 -40 ~ +85 -40 ~ +100 mA mA mW UNIT
A V
Static Electricity or power surge will the Use of anti-electrosatic *glove is recommended when handingdamageLED.LED.devices, a conductive wrist band or must be properly these All equipment and machinery grounded.
Typical Electrical & Optical Characteristics (Ta=25 )
COLOR PART NO MATERIAL Emitted
LSRF52140-PF
Forward Dominant Spectral voltage wave halfwidth @20mA(V) length nm
Dnm
Viewing angle @20mA(mcd) 2 1/2 (deg)
Luminous intensity
Lens
Red Diffused
Min. Max. Min. Typ. 630 20 1.5 2.4 120 220 58
AlGaInP
Red
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSRF52140-PF Page 3/5
Typical Electro-Optical Characteristics Curve
SRF CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
1000
3.0
Forward Current(mA)
100 10
Relative Intensity Normalize @20mA
1.0 2.0 3.0 4.0 5.0
2.5 2.0 1.5 1.0 0.5 0.0 1.0 10 100 1000
1.0 0.1
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
1.2
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
3.0
Forward Voltage@20mA Normalize @25
Relative Intensity@20mA Normalize @25
-40 -20 0 20 40 60 80 100
2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.1
1.0
0.9
0.8
Ambient Temperature()
Ambient Temperature()
Fig.5 Relative Intensity vs. Wavelength
1.0
Relative Intensity@20mA
0.5
0.0 550 600 650 700
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSRF52140-PF Page 4/5
Soldering Condition(Pb-Free) 1.Iron: Soldering Iron:30W Max Temperature 350 C Max Soldering Time:3 Seconds Max(One Time) Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile Dip Soldering Preheat: 120C Max Preheat time: 60seconds Max Ramp-up 2C/sec(max) Ramp-Down:-5 C/sec(max) Solder Bath:260C Max Dipping Time:3 seconds Max Distance:2mm Min(From solder joint to body)
Temp( C) 260 C3sec Max
260
5 /sec max
120
2 /sec max Preheat 60 Seconds Max
25 0 0
50
100
150
Time(sec)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSRF52140-PF Page 5/5
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of high temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65 5 2.RH=90 %~95% 3.t=240hrs 2hrs
The purpose of this test is the resistance of the device under tropical for hours.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 5&-405 (10min) (10min) 2.total 10 cycles
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 5 2.Dwell time= 10 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 5 2.Dwell time=5 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LSRF52140-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X