Part Number Hot Search : 
KF13277 28F800B 05D15 CA3078E LM321 X1705 ADM692A 1N4786
Product Description
Full Text Search
 

To Download LPO3310-102ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 352-1
SMT Power Inductors - LPO3310 Series
* Only 1.0 mm high, 3.3 mm square * Handles current up to 2.8 Amps
Designer's Kit C375 contains 3 each of all values Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant silver-palladium-platinum-glass frit. Other terminations available at additional cost. Weight 28.0 - 31.3 mg Ambient temperature -40C to +85C with Irms current, +85C to +110C with derated current Storage temperature Component: -40C to +110C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 1000/7reel; 3500/13 reel Plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing, 1.37 mm pocket depth Recommended pick and place nozzle OD: 3.3 mm; ID: 1.65 mm PCB washing Only pure water or alcohol recommended
Part number1 LPO3310-301ML_ LPO3310-471ML_ LPO3310-701ML_ LPO3310-102ML_ LPO3310-152ML_ LPO3310-222ML_ LPO3310-332ML_ LPO3310-472ML_ LPO3310-682ML_ LPO3310-822ML_ LPO3310-103ML_ LPO3310-153ML_ LPO3310-223ML_ LPO3310-333ML_ LPO3310-473ML_
L2 DCR3 SRF4 20% max typ (H) (Ohms) (MHz) 0.30 0.040 420 0.47 0.042 310 0.70 0.068 200 1.0 0.076 180 1.5 0.12 153 2.2 0.15 112 3.3 0.20 91 4.7 0.28 80 6.8 0.36 68 8.2 0.50 58 10 0.52 52 15 0.80 36 22 1.20 34 33 1.78 27 47 2.15 22
1. When ordering, please specify termination and packaging codes:
Isat5 (A) 2.8 2.3 1.9 1.6 1.4 1.1 0.95 0.80 0.66 0.65 0.57 0.45 0.37 0.30 0.25
Irms6 (A) 2.8 2.3 1.9 1.6 1.4 1.1 0.95 0.80 0.66 0.65 0.57 0.45 0.37 0.30 0.25
LPO3310-473MLC Termination: L = RoHS compliant silver-palladium-platinum-glass frit Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (1000 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape (3500 parts per full reel). 2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4192A. 3. DCR measured on a micro-ohmmeter. 4. SRF measured using Agilent/HP 8753ES or equivalent. 5. DC current at which the inductance drops 10% (typ) from its value without current. 6. Current that causes a 25C temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Specifications subject to change without notice. Please check our website for latest information.
Document 352-1
Revised 10/14/08
(c) Coilcraft, Inc. 2009
Document 352-2
SMT Power Inductors - LPO3310 Series
Typical L vs Frequency
100
47 H 47 H
Typical L vs Current
100
Inductance (H)
10
Inductance (H)
10 H
10
10 H
1
1.0 H
1
1.0 H
0.3 H 0.3 H
0.1 0.01 0.1 1 10
0.1 0.01 0.1 1 10
Frequency (MHz)
Current (A)
Irms Derating
120 110 100
XXX X
Dash number Internal code
0.130 0.008 3,3 0,2
Winding direction
Percent of rated Irms
90 80 70 60 50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 120
0.130 0.008 3,3 0,2 0.040 0.004 1,0 0,1
Recommended Land Pattern
0.056 1,42
25C
0.148 3,76
Ambient temperature (C)
0.040 0.05 1,02 0,127
inches mm
0.106 2,68
Dimensions are in
Specifications subject to change without notice. Please check our website for latest information.
Document 352-2
Revised 10/14/08
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of LPO3310-102ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X