Part Number Hot Search : 
SM8145 GBPC2506 31ILPR 322020 SR606 PQ12RF2B MX7224UQ S20H100
Product Description
Full Text Search
 

To Download LG-192-9SEF-DBK-SR-CT-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
LED SMD
Pb
Lead-Free Parts
LG-192-9SEF/DBK-SR-CT/T
DATA SHEET
DOC. NO : REV. DATE : :
QW0905-LG-192-9SEF/DBK-SR-CT/T C 28 - Feb - 2008
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-192HRF/DBK-SR-CT/T Page 1/11
Features:
1. Package in 8.0mm carrier tape on 7" diameter reel. 2. Compatible with automatic placement equipment. 3. Compatible with infrared and vapor phase reflow solder process.
Descriptions:
1. The LG-192-9SEF/DBK-SR SMD Taping is much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained. 2. Besides, lightweight makes them ideal for miniature applications. etc.
Applications:
1. Automotive : backlighting in dashboard and switch. 2. Telecommunication : indicator and backlighting in telephone and fax. 3. Flat backlight for LCD, switch and symbol 4. General use.
Device Selection Guide:
PART NO
MATERIAL Emitted AlGaInP Orange Blue
COLOR Lens Water Clear
LG-192-9SEF/DBK-SR-CT/T
InGaN/GaN
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-192-9SEF/DBK-SR-CT/T Page 2/11
Package Dimensions
0.4 0.8 2 1 0.2 0.25
Cathode Mark
0.25
Resin
1.6 DIE2 1.0
0.45 Soldering Terminal 0.45
DIE1
4
3
PCB
2
1
DBK
9SEF
4
3
Note : 1.All dimension are in millimeter tolerance is O 0.1mm unless otherwise noted. 2.Specifications are subject to change without notice.
Recommended Soldering Pad Dimensions
0.5
0.3
0.5
0.8
0.8
0.8
Note : The tolerances unless mentioned is O 0.1mm,AngleO 0.5. Unit=mm.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-192-9SEF/DBK-SR-CT/T Page 3/11
Absolute Maximum Ratings at Ta=25 J
Ratings Parameter Power Dissipation Peak Forward Current Duty 1/10@10KHz Forward Current Reverse Current @5V Electrostatic Discharge Operating Temperature Storage Temperature Soldering Temperature Symbol 9SEF PD IFP IF Ir ESD Topr Tstg Tsol 78 60 30 10 2000 -40 ~ +85 -40 ~ +90 Max 260J for 5 sec Max DBK 80 100 20 50 150 mW mA mA UNIT
g A V J J
Typical Electrical & Optical Characteristics (Ta=25 J )
Items Luminous Intensity Symbol
9SEF
Min. Typ. 32 20 ---80 50 610 465 605 470 17 30 ---3.5 130 130
Max. UNIT ---mcd ---------------------2.6 4.0 ------V nm nm nm
CONDITION IF=5mA
Iv
DBK
9SEF
Peak Wavelength
f P
DBK ---9SEF
IF=20mA
Dominant Wavelength
----
fD
DBK ---9SEF
IF=5mA
Spectral Line Half-Width
f
9SEF
----
DBK ----
IF=20mA
Forward Voltage
1.7
VF
DBK ---9SEF
IF=5mA
Viewing Angle
2c 1/2
----
deg
IF=20mA
DBK ----
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-192-9SEF/DBK-SR-CT/T Page4/11
Typical Electro-Optical Characteristics Curve
9SEF CHIP
Fig.1 Forward current vs. Forward Voltage
1000
Fig.2 Relative Intensity vs. Forward Current
3.0
Forward Current(mA)
100 10 1.0
Relative Intensity Normalize @20mA
1.0 1.5 2.0 2.5 3.0
2.5 2.0 1.5 1.0 0.5 0.0 1.0 10 100 1000
0.1
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
1.2
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
3.0
Forward Voltage@20mA Normalize @25J
Relative Intensity@20mA Normalize @25J
-40 -20 0 20 40 60 80 100
2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.1
1.0
0.9 0.8
Ambient Temperature(J )
Ambient Temperature(J )
Fig.5 Relative Intensity vs. Wavelength
Fig.6 Directive Radiation
Relative Intensity@20mA
1.0
0.5
0.0 500 550 600 650
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-192-9SEF/DBK-SR-CT/T Page 5/11
Typical Electro-Optical Characteristics Curve
DBK CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
3.0
1000
Forward Current(mA)
100 10 1 01 1.0 2.0 3.0 4.0 5.0
Relative Intensity Normalize @20mA
2.5 2.0 1.5 1.0 0.5 0.0 1 10 100 1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
Forward Voltage@20mA Normalize @25J
Relative Intensity@20mA Normalize @25J
-40 -20 0 20 40 60 80 100
1.2
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.1 1.0
0.9
0.8
Ambient Temperature(J )
Ambient Temperature(J )
Fig.5 Relative Intensity vs. Wavelength
Fig.6 Directive Radiation
Relative Intensity@20mA
1.0
0.5
0.0 400 450 500 550
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-192-9SEF/DBK-SR-CT/T Page 6/11
Carrier Tape Dimensions
2.0
4.0O 0.2
1.5 0.25
1.75
3.5O 0.2 5.3 Polarity
8.0O 0.3 1.75
0.6 4.0O 0.2 0.9
Note : The tolerances unless mentioned is O 0.1mm,Angle O 0.5. Unit=mm.
E Packing Specifications
Label
Aluminum Moist-Proof bag
Label
Part No.
LG-192-9SEF/DBK-SR-CT/T
Description 8.0mm tape,7"reel
Quantity/Reel 4000 devices
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-192-9SEF/DBK-SR-CT/T Page 7/11
Label Explanation
uOqlu*~N/|-1/2
LIGITEK LED
BIN P : Red Chip Luminous Intensity BIN N : Blue Chip Luminous Intensity HUE 21 : Red Chip Dominant Wavelength
VF:1.8 - 2.0
LIGITEK ELECTRONICS CO., LTD.
PART NO. : LG-192-9SEF/DBK-SR-CT/T LOT NO. : GS1-6B0125 Q'TY(PCS) : 4000 PCS BIN/HUE : P/21 - N/467-469
VF:2.6 - 3.0
HUE 467-469 : Blue Chip Dominant Wavelength 1.8 - 2.0 : Forward Voltage
Reel Dimensions
2.0O 0.5
0.8
0.6
0.4
0.2
178O 1.5
60O 1.0
0.4
r 13.5O 1.0
0.2
0.6
0.8
9.0O 1.0 12.0O 1.0
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-192-9SEF/DBK-SR-CT/T Page 8/11
Box Explanation
1. 5 BAG / INNER BOX 2. INNER BOX SIZE : L X W X H 23cm X 8.5cm x 26cm
H W
L
3. 10 INNER BOXES / CARTON 4. CARTON SIZE : L X W X H 49cm X 46cm x 29cm
L
W
H
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-192-9SEF/DBK-SR-CT/T Recommended Soldering Conditions 1. Hand Solder
Basic spec is O 280J 3 sec one time only.
Page 9/11
2. Wave Solder
Soldering heat Max. 260J 245O 5J within 5 sec Preheat
120 ~ 150J
120 ~ 180 sec
3-1. LEAD Reflow Solder
Temp. (J ) 240
Rising +5J /sec Cooling -5J /sec
150 120
Preheat
60 ~ 120 sec
5sec
Time
3-2 PB-Free Reflow Solder
1~5 C/sec 260 C MaX. 10sec.Max
Preheat 180~200 C 1~5 C/sec
Above 220 C 60 sec.Max.
120 sec.Max.
Reflow Soldering should not be done more than two times.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-192-9SEF/DBK-SR-CT/T Precautions For Use: Storage time:
1.The operation of Temperatures and RH are : 5J ~35J ,RH60%. 2.Once the package is opened, the products should be used within a week. Otherwise, they should be kept in a damp proof box with descanting agent. Considering the tape life, we suggest our customers to use our products within a year at O 30J and O 90% relative humidity(RH) (from production date). 3.If opened more than one week in an atmosphere 5 J ~ 35J ,RH60%, they should be treated at 60JO 5 J fo r 15hrs.
Page 10/11
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series with the LED. Consider worst case voltage variations than could occur across the current limiting resistor. The forward current should not be allowed to change by more than 40 % of its desired value.
Circuit model A LED
Circuit model B LED
(A) Recommended circuit. (B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-192-9SEF/DBK-SR-CT/T Reliability Test: Page 11/11
Classification
Test Item
Test Condition
1.Ta=Under Room Temperature As Per Data Sheet Maximum Rating. 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Reference Standard
MIL-STD-750D: 1026 MIL-STD-883D: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test Endurance Test Low Temperature Storage Test
1.Ta=105 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-883D:1008 JIS C 7021: B-10
1.Ta=-40 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
JIS C 7021: B-12
High Temperature High Humidity Storage Test
1.Ta=65JO 5J 2.RH=90 %~95% 3.t=1000hrs O 2hrs
MIL-STD-202F:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 JO 5J &-40JO 5J (10min) (10min) 2.total 10 cycles
MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1011 MIL-STD-202F: 208D MIL-STD-750D: 2026 MIL-STD-883D: 2003 IEC 68 Part 2-20 JIS C 7021: A-2 MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1010 JIS C 7021: A-4
Solderability Test
1.T.Sol=235 JO 5J 2.Immersion time 2 O 0.5sec 3.Coverage U 95% of the dipped surface
Environmental Test
Temperature Cycling
1.105J ~ 25 J ~ - 55J ~ 25J 30mins 5mins 30mins 5mins 2.10 Cyeles
IR Reflow
1.T=260 C Max. 10sec.Max. 2. 6 Min
MIL-STD-750D:2031.2 J-STD-020
Solder Resistance
1.T.Sol=260J O 5J 2.Dwell Time=10 1secs
MIL-STD-202F: 107D(1980) MIL-STD-750D: 2031(1995) JIS C 7021: A-1(1982)


▲Up To Search▲   

 
Price & Availability of LG-192-9SEF-DBK-SR-CT-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X