Part Number Hot Search : 
OA162 U2N60 2SD1263A ZX84C18 SDN8000G SMAJ51A AOZ8102 NB2760A
Product Description
Full Text Search
 

To Download KMP2300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2300 Series
Bobbin Wound Surface Mount Inductors
SELECTION GUIDE (UNSHIELDED TYPES)
Inductance (1kHz, 100mVAC) Nom. H Inductance Range (1kHz, 100mVAC) Min. - Max. H
1.7 - 2.8 2.3 - 3.9 3.6 - 6.0 5.1 - 8.6 7.6 - 12.7 11.3 - 18.9 16.8 - 28.1 24.6 - 41.0 34.6 - 57.6 51.0 - 85.0 74.2 - 124
Order Code
DC Current1 Max. A
2.10 1.80 1.48 1.22 1.02 0.86 0.74 0.64 0.55 0.49 0.43
DC Resistance Max.
0.040 0.058 0.068 0.102 0.138 0.210 0.361 0.497 0.683 1.051 1.281
FEATURES
RoHS compliant Up to 2.1A IDC 2.2H to 220H Optional integral EMI shield Low RDC Surface mount Compact size Tape and reel packaging J-STD-020C reflow Backward compatible with Sn/Pb soldering systems
232R2C 233R3C 234R7C 236R8C 23100C 23150C 23220C 23330C 23470C 23680C 23101C
2.2 3.3 4.7 6.8 10 15 22 33 47 68 100
SELECTION GUIDE (SHIELDED TYPES)
Inductance (1kHz, 100mVAC) Nom. H
23S2R2C 23S3R3C 23S4R7C 23S6R8C 23S100C 23S120C 23S150C 23S180C 23S220C 23S270C 23S330C 23S390C 23S470C 23S560C 23S680C 23S101C 23S151C 23S221C 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 100 150 220
Order Code
Inductance Range (1kHz, 100mVAC) Min. - Max. H
1.8 - 3.0 2.7 - 4.5 3.8 - 6.4 5.2 - 8.6 7.5 - 12.6 9.4 - 15.6 11.4 - 19.0 13.6 - 22.6 16.0 - 26.7 20.0 - 33.3 24.4 - 40.7 29.3 - 48.8 34.6 - 57.7 42.4 - 70.6 50.9 - 84.9 75.8 - 126 112 - 187 167 - 279
DC Current1 Max. A
2.10 1.80 1.60 1.40 1.18 1.08 0.96 0.88 0.80 0.72 0.65 0.60 0.54 0.50 0.45 0.37 0.30 0.25
DC Resistance Max.
0.025 0.031 0.044 0.064 0.087 0.107 0.131 0.143 0.175 0.218 0.241 0.370 0.460 0.509 0.641 0.782 1.190 2.280
DESCRIPTION
The 2300 series is a range of bobbin-wound, surface-mount inductors designed for use in switching power supply, and power line filter circuits. The parts are suitable for any application requiring a high saturation current in a miniature surface-mount footprint. Where EMI is a critical factor, the devices are available with an integral ferrite EMI shield.
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range Storage temperature range
-40C to 85C -40C to 125C
SOLDERING INFORMATION2
Peak reflow temperature Pin finish
250C Hot dipped tin
For full details go to www.murata-ps.com/rohs
Specifications typical at TA = 25C 1 The maximum DC current is the value at which the inductance falls to 75% of its nominal value or when its temperature rise reaches 40C, whichever is sooner. 2 For further information, please visit www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_2300C_B02 Page 1 of 4
2300 Series
Bobbin Wound Surface Mount Inductors
MECHANICAL DIMENSIONS
UNSHIELDED TYPES
4.0 (0.157)
SHIELDED TYPES
5.6 (0.220)
XXXC
XXXC
3.2 (0.126)
3.2 (0.126)
0.7 (0.028)
4.5 (0.177)
6.2 (0.244)
1.7 (0.067)
6.0 (0.236)
1.7 (0.067)
5.0 (0.197)
5.3 (0.209)
R1.0 (0.039)
4.5 (0.177)
Unless otherwise stated all dimensions in mm (inches) 0.25 (0.01). Package Weight 0.34g Typ. Hatching represents solder pads.
R1.0 (0.039)
Unless otherwise stated all dimensions in mm (inches) 0.25 (0.01). Package Weight 0.20g Typ. Hatching represents solder pads.
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_2300C_B02 Page 2 of 4
2300 Series
Bobbin Wound Surface Mount Inductors
TAPE & REEL SPECIFICATIONS
TAPE OUTLINE DIMENSIONS - UNSHIELDED PARTS
O1.50+0.10-0.00 (0.059+0.004-0.00)
1.75 (0.069)
4.00 (0.157)
2.00 (0.079)
5.500.05 (0.2170.002) 12.000.30 (0.4720.012)
100C
Cover tape 0.60 (0.024) Max. 3.60 (0.142)
8.00 (0.315)
All dimensions in mm (inches)
Direction of unreeling
TAPE OUTLINE DIMENSIONS - SHIELDED PARTS
2.00 (0.079) 1.75 (0.069) 4.00 (0.157) O1.50+0.10-0.00 (0.059+0.004-0.00)
5.500.05 (0.2170.002) 12.000.30 (0.4720.012)
100C
Cover tape 0.60 (0.024) Max.
3.60 (0.142)
8.00 (0.315) Direction of unreeling
All dimensions in mm (inches)
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_2300C_B02 Page 3 of 4
2300 Series
Bobbin Wound Surface Mount Inductors
TAPE & REEL SPECIFICATIONS
REEL OUTLINE DIMENSIONS
O330.5 (13.012) Max.* R50 (1.97) Min. 13.50 0.531 O 12.80 0.504 Leader Section 400 (15.748) Min. 100 (3.937) Min. 11.9-15.4 (0.469-0.606)*
O
1.50 (0.059) Min. 18.4 (0.724) Max. Goods Enclosure Section 12.4-12.6 (0.488-0.496)
Trailer Section 160 (6.299) Min.
O20.20 (O0.795) Min.
All dimension in mm (inches) * Includes flange distortion at outer edge Measured at hub
USA: UK: France: Japan:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
China:
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_2300C_B02 Page 4 of 4


▲Up To Search▲   

 
Price & Availability of KMP2300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X