Part Number Hot Search : 
AT45DB HS200 C4002 HS200 1SMB150A 3107M FTDV0 HI2301
Product Description
Full Text Search
 

To Download IN5820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN5820 thru IN5822
MINIATURE SCHOTTKY BARRIER RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 20 TO 40 Volts CURRENT 3.0 Amperes
DO-201AD
FEATURES
Low switching noise Low forward voltage drop High current capability High switching capability High reliability High surge capability
MECHANICAL DATA
Case:Molded plastic Epoxy:UL 94V-0 rate flame retardant Lead:MIL-STD-202 method 208 quaranteed Mounting position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
Ratings Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375" (9.5mm) lead length at TL=950C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method)TL=750C Typical Thermal Resistance (Note 2) Typical Junction Capacitance (Note 3) Storage and Operating Temperature Range
0
Symbol VRRM VRMS VDC IO
IN5820
20 14 20
IN5821
30 21 30 3.0
IN5822
40 28 40
UNITS
Volts Volts Volts Amps
IFSM R
JC
80 28 250 -65 to +125
Amps
0
C/W pF
0
CJ TSTG Symbol VF VF IR
C
ELECTRICAL CHARACTERISTICS ( At TA=25 C unless otherwise noted)
Characteristics Maximum Instantaneous Forward Voltage at 3.0A DC Maximum Forward Voltage at 5.0A DC Maximum Average Reverse Current @TA=250C at Rated DC Blocking Voltage @TC=1000C
IN5820
.475 .850
IN5821
.500 .900 2.0 2.0
IN5822
.525 .950
UNITS
Volts Volts mAmps mAmps
Notes : 1. Measured at Pulse Width 300 us, Duly Cycle 2%. 2. Thermal Resistance (Junction to Ambient): Verticaal PC Board Mounting, 0.5" (12.7mm) Lead Length. 3. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
IN5820 thru IN5822
MINIATURE SCHOTTKY BARRIER RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES IN5820 THRU IN5822
Fig. 3 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT AMPERES
SURGE CURRENT
80 70
TL=750C
Fig. 1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
4
60 50 40
8.3ms Single Half Sine-Wave JEDEC Method
3
2 1 0 0
SINGLE PHASE HALF WAVE 60 Hz RESISTIVE OR INDUCTIVE LOAD .375" (9.5mm) LEAD LENGTH
20 40 60 80 100
0
30 20
120
140
10 1 10 100
LEAD TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz
Fig. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, AMPERES
Fig. 2 - TYPICAL FORWARD CHARACTERISTICS
10
20 10
INSTANTANEOUS FORWARD CURRENT, AMPERES
1.0
0 TJ=100C
1.0
1N5820 1N5821 1N5822
0.1 .2 .3 .4 .5 .6 .7 .8 .9
TJ=750C
INSTANTANEOUS FORWARD VOLT AGE, (V)
TJ=250C
Fig. 5 - TYPICAL JUNCTION CAPACIT ANCE
1000 800
TJ=250C
0.1
JUNCTION CAPACITANCE, pF
Pulse Width-300 s 2% DUTY CYCLE
.001 20 40 60 80 100 120
600 400 200
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
100 80 60
20 10 .1 1.0 10 100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of IN5820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X