Part Number Hot Search : 
1010E IC6C596 02111 1A470 ST72324B UHN1C ZY39GP AK2368
Product Description
Full Text Search
 

To Download HSN100FR05E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The HS/HSN Series offers greater power capacity (100 and 250 watts) in the same design format as Ohmite's 89 Series. HS/HSN Series maintains the same construction, materials, and manufacturing techniques as the 89 Series. As a made-to-order product, it is recommended for higher volume applications.
speCIFICatIons
Material
Housing: Aluminum with hard anodic coating. Internal Coating: Silicone. Core: Ceramic. Terminals: Solder-coated axial Derating: Linearly from 100% @ +25C to 0% @ +275C. L J
aluminum Housed axial terminal K M Wirewound, Industrial/Commercial Grade
100 & 250 watt
D C A M E L J K nickel-plated brass nut, stainless steel stud BF N G I H
HS/HSN Series
E BF
D C A
N
G
I H
Electrical
Features
* Standard winding (Model HS) * Non-inductive winding (Model HSN) * Molded construction for total environmental protection * Complete welded construction * Mounts on chassis to utilize heat-sink effect * High stability at conventional power ratings * Flat marking surface for easy identification * RoHS compliant; add "E" suffix to part number to specify.
Tolerance: 1% and 5% (other tolerances available). Power rating: Rating is based on chassis mounting area and temperature stability. Proper heat sink: 12" x 12" x 0.125 Aluminum panel. Maximum ohmic values: See chart. Overload: 5 times rated wattage for 5 seconds. Temperature coefficient: Under 1: 90 ppm/C 1 to 9.99: 50 ppm/C 10 and over: 30 ppm/C. Dielectric withstanding voltage: 4500VAC.
series Hs100 Hsn100 Hs250 Hsn250
power rating (Watts) 100 100 250 250
resistance range (ohms) .05 - 29.4K 1.0 - 14.7K .10 - 35.7K 1.0 - 17.4K
Max. Working Voltage 1900 1350 2300 1625
Dimensions
in. (mm) Dim. A Dim. B Dim. C Dim. D Dim. E Dim. F Dim. G Dim. H Dim. I Dim. J Dim. K Dim. L Dim. M Dim. N Hs100 / Hsn100 100 watt 2.75 .010 (69.85 .254) 2.25 .010 (57.15 .254) 3.50 .031 (88.90 .787) 5.478 .093 (139.14 2.36) 1.812 .031 (46.02 .787) 2.812 .031 (71.42 .787) 1.75 .031 (44.45 .787) 1.88 .031 (4.78 .787) 0.770 .015 (19.56 .381) 0.375 .031 (9.52 .787) 0.188 .010 (4.78 .254) 0.219 .031 (5.56 .787) 12 - 24 UNC - 2A THD 0.989 .031 (25.12 .787) Hs250 / Hsn250 250 watt 3.875 .010 (98.425 .254) 2.5 .010 (63.50 .254) 4.5 .031 (114.30 .787) 6.73 .093 (170.94 2.36) 2.125 .031 (53.98 .787) 3.0 .031 (76.20 .787) 2.188 .031 (55.58 .787) 0.250 .031 (6.35 .787) 0.955 .015 (24.26 .381) 0.312 .031 (7.92 .787) 0.188 .010 (4.78 .254) 0.25 .031 (6.35 .787) 1/4 - 20 UNC - 2A THD 1.25 .031 (31.75 .787)
100
D e r at i n g C u r v e
80 Percent Rated Watts Mounted to aluminum chassis 60
40 Unmounted 20
0
0
25
50
75 100 125 150 175 200 225 250 275 Ambient Temperature, C
o r D e r i n g i n F o r m at i o n
HSN100JR05E
Series Wattage Tolerance Ohms F = 1% 100 R05 = J = 5% 250 1R0 = K=10% 10R = 100 = 10K = 14K7 = RoHS 0.05 Compliant 1.0 10 100 10,000 14,700
Non-Inductive Winding Optional (blank = std. winding)
Check product availability at www.ohmite.com
to see the latest in resistor technology click on the "What's new" tab at ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com
27


▲Up To Search▲   

 
Price & Availability of HSN100FR05E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X