Part Number Hot Search : 
M5221 IXTA2 D22012P H4P041 T12N10G 765RTY AS2525 GFMB6
Product Description
Full Text Search
 

To Download HQB2000W-10R-J-HP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH POWER WIRE WOUND RESISTOR HQ Series: Non-Flammable, Low Resistance
G B C
FEATURES
* Non-Flammable * Ribbon Winding * Low Resistance E H I
D
A
F J
K
PART NUMBER EXAMPLE
HQ A 10W-10R-J-HS
Series Type Wattage
Hardware Tolerance J=5% Resistance
A type : Fixed Resistor B type : Fixed with a tap C type : Adjustable Tap
Hardware: HS = Screw in Bracket HP = Press in Bracket HX = Special Omit = No Hardware
SPECIFICATIONS
Watts Power Rating A1 75W 90W 120W 150W 180W 225W 240W 300W 375W 450W 600W 750W 900W 1000W 1200W 1500W 2000W 25 28 28 28 28 28 35 35 40 40 40 50 50 50 60 60 65 Dimensions (m/m)
B2 C2 D0.1 E0.2 F1 G2 H2 I 2 J2 K0.1
Ohms Resistance Range 0.1~8 0.1~9 0.2~12 0.2~15 0.2~18 0.2~20 0.5~25 0.5~30 0.5~40 0.5~45 0.5~60 0.5~75 1~90 1~100 1~120 1~150 1~200
110 90 110
92 72 92
5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 5.2 6.2 6.2 6.2 6.2 6.2 6.2
8 8 8 8 8 8 8 8 10 10 10 12 12 15 15 15 15
19 17 17 17 17 17 17 17 18 18 18 28 28 30 30 30 30
120 142 164 101 123 145 121 143 165 151 173 195 171 193 215 206 229 250 197 219 245 222 242 270 222 242 270 272 292 320 342 380 390
58 60 60 60 60 60 75 75 77 77 77
6 6 6 6 6 6 8 8 8 8 8 9 9 9 10 10 10
140 122 160 142 195 177 185 167 210 192 210 188 260 238 330 308 330 304 400 374 460 425 460 425 540 505 650 620
346 367 399 105 416 437 469 105 480 504 533 105 480 504 533 112 560 584 613 112 667 700 715 115
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C2E02 REV 2007.12.13
HIGH POWER WIRE WOUND RESISTOR HQ Series: Non-Flammable, Low Resistance
ELECTRICAL SPECIFICATION Characteristics Resistance and Tolerance Temperature coefficient Power rating load Short-time overload Insulation resistance Dielectric withstanding voltage ELECTRICAL CURVES
Power Derating Curve Temperature Rise 350 120
Limits Resistance nominal 1 >R Resistance Tolerance 10% (K)
400ppm/C max. R/R<1% (Temperature) 375C max 300% rated power 5 seconds R/R<2% 500Vdc 100M min
3000Vac 1 minute
(C) Temperatures Rise
(%) Derating Curve
100 80 60 40 20 0 -50 0 50 100 150 200
300 250 200 150 100 50 0 0 20 40 60 80 100
(C) Ambient Temperature
(%) Percent Rated Load
SHORT-TIME OVERLOAD RATING (Second) Load Time (%) Max. Amps Rated load 5 10 30 60 180 300 600 900 1800 105 100
400 350 250 200 140 120 110
NEMA STANDARD / ON-OFF CYCLING Cycling time (%) Max. Amps Rated load
5 sec ON 75 sec OFF 10 sec ON 70 sec OFF 15 sec ON 75 sec OFF 15 sec ON 45 sec OFF 15 sec ON 30 sec OFF 15 sec ON 15 sec OFF
290
215
185
160
150
125
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C2E02 REV 2007.12.13


▲Up To Search▲   

 
Price & Availability of HQB2000W-10R-J-HP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X