Part Number Hot Search : 
1N5233B SY88927V 4S1064 4017N ZB4BP5 70400 S100R 7P1002
Product Description
Full Text Search
 

To Download HID60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES HID60 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES MEET UNIVERSAL SAFETY STANDARDS & INDUSTRIAL UL 508 INDUSTRIAL POWER SUPPLIES FOR SNAP-ON MOUNTING ON DIN-RAILS EMI MEET CISPR PUB. 22 & FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac universal input. Input Connector: Phoenix GMSTBA2.5/3-G-7.62. Input Frequency: 47-63Hz. Inrush Current: Typ. 25A @ 230Vac. Input Current: Typ. 1.0A/115Vac, 0.5A/230Vac. Dielectric Withstand: Meet IEC 60950-1. EMI: Meet CISPR EN 55022 & FCC B. No Load Operation: No damage. Hold-up Time: 20mS @ 115Vac/ 110mS @ 230Vac. Earth Leakage: Less than 0.4mA @ 230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Charts. Output Current: See Ratings Charts. Output Wattage: Typ. 60W continuous. Output Connector: Phoenix MSTBA2.5/2-G-5.08. Line Regulation: Typ. 0.1%. Load Regulation: Vary with output voltages. Typ. 1.0%. Noise & Ripple: Typ. 1% peak to peak. OVP: Built-in. Adjustability: Available. LED Indicator: Installed. Overload Protection (OLP): Fully protected against output overload and short circuit. Typically set at 110-150% max. load. Consult the factory for special OLP setting. Operating Temperature: -10 to +70C. Derating from +60 C to +70C by derating 2%/C. Storage Temperature: -25 to +85C. Temperature Coefficient: Typ. 0.03% /C. Cooling: Free air convection cooling for Ta. <+60C. Moving air is required for Ta. >+60C full load operation. Construction format: Enclosure metal box with DIN-clips format.
GENERAL SPECIFICATION
Efficiency: Typ. 75%. Switching Frequency: Fixed frq. 50K Hz. Circuit Topology: Fixed frequency flyback circuit. Transient Response: Recovers in less than 3mS following a 25% load change. Safety Standard: IEC 60950-1/UL 60950-1 Class I. Power Density: 2.0Watts / Cubic Inch. Industrial Grade UL 508.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
In application
-29-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
MAIN VO1 @ MODEL NO. Typ. HID60-S120050 HID60-S240025 HID60-S480012 5.0A 2.5A 1.2A Volt 12.0V 24.0V 48.0V Peak 5.6A 2.8A 1.4A
Symbol: "@"Adjustable. " " OVP built-in for option. Remark: Peak load less than 60 sec. with duty cycle < 10%.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 500.5g (17.65 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT ACASSIGNMENT NEUTRAL P1-3 (L) P1-2 (N) CONNECTOR & PIN # Mating connector: P1: Phoenix GMSTB2.5/3-ST-7.62 P2: Phoenix MSTB2.5/2-ST-5.08. AC-LINE SINGLE OUTPUT ACGROUND P1-1(G) VO1 P2-2 (V1) DC COM P2-1 (COM)
-30-


▲Up To Search▲   

 
Price & Availability of HID60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X