Part Number Hot Search : 
LBN09019 5602M TP1105 UM3311W PC250 18F67 AT89C5 2SC44
Product Description
Full Text Search
 

To Download HC49 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Quartz Crystal * SS2
Pin Type Crystal * 11.35 x 4.65 mm
actual size recommended for automotive applications wave soldering temperature: 260 C max. package height 2.5 mm max.
2002/95/EC
RoHS compliant Pb free: pins / pads
RoHS
General Data
type frequency range SS2 8.0 ~ 30.0 MHz 27.0 ~ 70.0 MHz ( fund. AT-cut ) ( 3rd OT. AT-cut )
Dimensions
2.5 max.
12.0 min.
4.650.1
10.5 max.
load capacitance CL shunt capacitance Co storage temperature drive level max. aging
12 pF ~ 32 pF or series < 5 pF -40 C ~ +90 C 500 W (100 W recommended)
< 5 ppm first year
note: taping specification- see www.jauch.de
0.43 +0.05 - 0.03
4.88
frequency tolerance at 25 C
20 ppm / 30 ppm
11.35 max.
in mm
Frequency Stability vs. Temperature
20 ppm 30 ppm O O 50 ppm 100 ppm 150 ppm
ESR (series resistance Rs)
frequency in MHz vibration mode fund.- AT fund.- AT fund.- AT 3rd OT - AT ESR max. in 50 35 30 100 ESR typ. in 25 15 10 60
-20 C ~ +70 C STD -40 C ~ +85 C -40 C ~ +105 C -40 C ~ +125 C T1 T2 T3
O
*
O O
*
O O
8.0 ~ 9.9999 10.0 ~ 13.999 14.0 ~ 30.000 27.0 ~ 70.000
*
O
standard available
Automotive application note
- - - automotive quartz crystals have superior environmental performance in case of shock, vibration and temperature extended operating temperatures up to +125 C production is certified according to: ISO 9001 / QS 9000 / QS 14000
Order Information
Q
Quartz
frequency
type
load capacitance in pF 12 pF ~ 32 pF S for series
stability at 25 C 30 = 30 ppm std 20 = 20 ppm std
stability vs. temp. range see table
option
8.0 ~ 70.0 MHz
SS2
Example: Q 30.0-SS2-30-30/50-FU
(Suffix LF = RoHS compliant / Pb free pins or pads)
blank = -20 C ~ +70 C T1 = -40 C ~ +85 C T2 = -40 C ~ +105 C T3 = -40 C ~ +125 C FU = for fundamental frequencies 20 MHz 3OT = 3rd overtone TR = taped TA = taped, ammo pack KIS = spacer IS = insulation spacer LL = lead length in mm PT = plastic tray
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Quartz Crystal * SS2 * Automotive Applications
Load Capacitance Codes
12 pF: a 13 pF: v 14 pF: x 15 pF: j 16 pF: b 17 pF: t 18 pF: f 20 pF: c 22 pF: g 24 pF: d 25 pF: r 27 pF: w 30 pF: . 32 pF: e series: s T: 3rd OT
bath temperature (C)
Wave Soldering Profile
260 200 150 100 50 0 ca. 3.5 C/s ca. 2.0 C/s ca. 5.0 C/s
20
60
100
140
180
220
time (seconds)
example 4.0 MHz / 12 pF: 4a000
Taping Specification
6.351.3 12.71.0 02.0
Marking
frequency with load capacitance code company code / date code / internal code
24.55 max.
3.851.7
18+2.0/-0.5
Jan.
Febr.
Mar.
Apr.
May
June
July
Aug.
Sept.
Okt.
Nov.
Dec.
2005
9.0+0.75/-0.5
A N a n
B P b p
C Q c q
D R d r
E S e s
F T f t
G U g u
H V h v
J W j w
K X k x
L Y l y
M Z m z
2006
15.5 max. 18.0+1/-0.5
2007 2008
12.71.0
o 4,00.2 Direction of feed
in mm
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice


▲Up To Search▲   

 
Price & Availability of HC49

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X