Part Number Hot Search : 
ISD2564 3MC060 CLL4122 100MB 5932B 5932B 2SC184 12250
Product Description
Full Text Search
 

To Download H57V2562GFR-60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
256M (16Mx16bit) Hynix SDRAM Memory
Memory Cell Array
- Organized as 4banks of 4,194,304 x 16
This document is a general product description and is subject to change without notice. Hynix does not assume any responsibility for use of circuits described. No patent licenses are implied. Rev 1.0 / Aug. 2009 1
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
H57V2562GFR Document Title
256Mbit (16M x16) Synchronous DRAM
Revision History
Revision No. 0.1 1.0 History Preliminary Release Draft Date Jun. 2009 Aug. 2009 Remark
Rev 1.0 / Aug. 2009
2
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
DESCRIPTION
The Hynix H57V2562GFR Synchronous DRAM is 268,435,456bit CMOS Synchronous DRAM, ideally suited for the consumer memory applications which requires large memory density and high bandwidth. It is organized as 4banks of 4,194,304 x 16 I/O. Synchronous DRAM is a type of DRAM which operates in synchronization with input clock. The Hynix Synchronous DRAM latch each control signal at the rising edge of a basic input clock (CLK) and input/output data in synchronization with the input clock (CLK). The address lines are multiplexed with the Data Input/ Output signals on a multiplexed x16 Input/ Output bus. All the commands are latched in synchronization with the rising edge of CLK. The Synchronous DRAM provides for programmable read or write Burst length of Programmable burst lengths: 1, 2, 4, 8 locations or full page. An AUTO PRECHARGE function may be enabled to provide a self-timed row precharge that is initiated at the end of the burst access. The Synchronous DRAM uses an internal pipelined architecture to achieve high-speed operation. This architecture is compartible with the 2n rule of prefetch architectures, but it also allows the column address to be changed on every clock cycle to achieve a high-speed, fully random access. Precharging one bank while accessing one of the other three banks will hide the precharge cycles and provide seamless, high-speed, randon-access operation. Read and write accesses to the Hynix Synchronous DRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of an ACTIVE command, which is then followed by a READ or WRITE command. The address bits registered coincident with the ACTIVE command are used to select the bank and the row to be accessed. The address bits registered coincident with the READ or WRITE command are used to select the bank and the starting column location for the burst access. All inputs are LVTTL compatible. Devices will have a VDD and VDDQ supply of 3.3V (nominal).
Rev 1.0 / Aug. 2009
3
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
256Mb Synchronous DRAM(16M x 16) FEATURES

Standard SDRAM Protocol Internal 4bank operation Power Supply Voltage : VDD = 3.3V, VDDQ = 3.3V All device pins are compatible with LVTTL interface Low Voltage interface to reduce I/O power 8,192 Refresh cycles / 64ms Programmable CAS latency of 2 or 3 Programmable Burst Length and Burst Type - 1, 2, 4, 8 or full page for Sequential Burst - 1, 2, 4 or 8 for Interleave Burst Commercial Temp : 0oC ~ 70oC Operation Package Type : 54ball, 0.8mm pitch FBGA This product is in compliance with the directive pertaining of RoHS.

ORDERING INFORMATION
Part Number H57V2562GFR-60C H57V2562GFR-75C H57V2562GFR-60L H57V2562GFR-75L Clock Frequency 166MHz 133MHz 166MHz 133MHz CAS Latency 3 3 3 3 Power Normal Low Power 3.3V Voltage Organization Interface
4Banks x 4Mbits x16
LVTTL
Note: 1. H57V2562GFR-XXC Series: Normal power & Commercial temp. 2. H57V2562GFR-XXL Series: Low Power & Commercial temp.
Rev 1.0 / Aug. 2009
4
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
BALL CONFIGURATION
9 8 7 3 2 1
A B C D E F G H J 54 Ball FBGA 0.8mm Ball Pitch

1
VSS DQ14 DQ12 DQ10 DQ8 UDQM A12 A8 VSS
2
DQ15 DQ13 DQ11 DQ9 NC CLK A11 A7 A5
3
VSSQ VDDQ VSSQ VDDQ VSS CKE A9 A6 A4
7 A B C D E F G H J
VDDQ VSSQ VDDQ VSSQ VDD /CAS BA0 A0 A3
8
DQ0 DQ2 DQ4 DQ6 LDQM /RAS BA1 A1 A2
9
VDD DQ1 DQ3 DQ5 DQ7 /WE /CS A10 VDD
< Top View >
Rev 1.0 / Aug. 2009
5
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
54_TSOPII Pin DESCRIPTIONS
SYMBOL CLK TYPE INPUT DESCRIPTION Clock : The system clock input. All other inputs are registered to the SDRAM on the rising edge of CLK Clock Enable: Controls internal clock signal and when deactivated, the SDRAM will be one of the states among power down, suspend or self refresh Chip Select: Enables or disables all inputs except CLK, CKE and DQM Bank Address: Selects bank to be activated during RAS activity Selects bank to be read/written during CAS activity Row Address: RA0 ~ RA12, Column Address: CA0 ~ CA8 Auto-precharge flag: A10 Command Inputs: RAS, CAS and WE define the operation Refer function truth table for details Data Mask: Controls output buffers in read mode and masks input data in write mode Data Input / Output: Multiplexed data input / output pin Power supply for internal circuits and input buffers Power supply for output buffers No connection : These pads should be left unconnected
CKE
INPUT
CS
INPUT
BA0, BA1
INPUT
A0 ~ A12
INPUT
RAS, CAS, WE
INPUT
LDQM, UDQM DQ0 ~ DQ15 VDD / VSS VDDQ / VSSQ NC
I/O I/O SUPPLY SUPPLY -
Rev 1.0 / Aug. 2009
6
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
FUNCTIONAL BLOCK DIAGRAM 4Mbit x 4banks x 16 I/O Synchronous DRAM
Self refresh logic & timer Internal Row Counter CLK CKE CS RAS CAS WE LDQM, UDQM State Machine Row Active Row Pre Decoder X Decorders 4M x16 Bank3 4M x16 Bank2 4M x16 Bank1 4M x16 Bank0 X Decorders DQ0 I/O Buffer & Logic Sense AMP & I/O Gate X Decorders
X Decoders
Refresh Column Active
Memory Cell Array
Column Pre Decoder Y decoerders
DQ15
Bank Select
Column Add Counter
A0 A1 Address Buffers
Address Register Burst Length
Burst Counter Pipe Line Control
A12 BA1 BA0
Mode Register
CAS Latency
Data Out Control
Rev 1.0 / Aug. 2009
7
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
ABSOLUTE MAXIMUM RATING
Parameter Ambient Temperature Storage Temperature Voltage on Any Pin relative to VSS Voltage on VDD supply relative to VSS Short Circuit Output Current Power Dissipation Symbol TA TSTG VIN, VOUT VDD, VDDQ IOS PD Rating 0 ~ 70 -55 ~ 125 -1.0 ~ 4.6 -1.0 ~ 4.6 50 1 Unit
o o
C C
V V mA W
Note : Operation at above absolute maximum rating can adversely affect device reliability
DC OPERATING CONDITION
Parameter Power Supply Voltage Input High Voltage Input Low Voltage Symbol VDD, VDDQ VIH VIL Min 3.0 2.0 -0.3 Max 3.6 VDDQ + 0.3 0.8 Unit V V V Note 1 1, 2 1, 3
Note: 1. All voltages are referenced to VSS = 0V. 2. VIH(Max) is acceptable VDDQ + 2V for a pulse width with <= 3ns of duration. 3. VIL(min) is acceptable -2.0V for a pulse width with <= 3ns of duration.
AC OPERATING TEST CONDITION (TA= 0 to 70oC, VDD=3.30.3V / VSS=0V)
Parameter AC Input High / Low Level Voltage Input Timing Measurement Reference Level Voltage Input Rise / Fall Time Output Timing Measurement Reference Level Voltage Output Load Capacitance for Access Time Measurement
Note: 1. See Next Page
Symbol VIH / VIL Vtrip tR / tF Voutref CL
Value 2.4 / 0.4 1.4 1 1.4 50
Unit V V ns V pF
Note
1
Rev 1.0 / Aug. 2009
8
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
VTT = 1.4V RT = 50 Ohom Output 50pF Output
Z0 = 50 Ohom
VTT = 1.4V RT = 50 Ohom
50pF
DC Output Load Circuit
AC Output Load Circuit
CAPACITANCE (f=1MHz)
Parameter CLK Input capacitance A0 ~ A12, BA0, BA1, CKE, CS, RAS, CAS, WE LDQM, UDQM Data input / output capacitance DQ0 ~ DQ15 Pin Symbol CI1 CI2 CI3 CI/O Min 2.0 2.0 2.0 3.5 Max 4.0 4.0 4.0 6.5 Unit pF pF pF pF
DC CHARACTERRISTICS I (TA= 0 to 70oC)
Parameter Input Leakage Current Output Leakage Current Output High Voltage Output Low Voltage Symbol ILI ILO VOH VOL Min -1 -1 2.4 Max 1 1 0.4 Unit uA uA V V Note 1 2 IOH = -4mA IOL = +4mA
Note: 1. VIN = 0 to 3.6V, All other balls are not tested under VIN =0V 2. DOUT is disabled, VOUT=0 to 3.6
Rev 1.0 / Aug. 2009
9
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
DC CHARACTERISTICS II (TA= 0 to 70oC)
Speed (MHz) 166 Operating Current Precharge Standby Current in Power Down Mode Precharge Standby Current in Non Power Down Mode Active Standby Current in Power Down Mode Active Standby Current in Non Power Down Mode Burst Mode Operating Current Auto Refresh Current Self Refresh Current IDD1 IDD2P IDD2PS Burst length=1, One bank active tRC tRC(min), IOL=0mA CKE VIL(max), tCK = 15ns CKE VIL(max), tCK = CKE VIH(min), CS VIH(min), tCK = 15ns Input signals are changed one time during 2clks. All other pins VDD-0.2V or 0.2V CKE VIH(min), tCK = Input signals are stable. CKE VIL(max), tCK = 15ns CKE VIL(max), tCK = CKE VIH(min), CS VIH(min), tCK = 15ns Input signals are changed one time during 2clks. All other pins VDD-0.2V or 0.2V CKE VIH(min), tCK = Input signals are stable. tCK tCK(min), IOL=0mA All banks active tRC tRC(min), All banks active CKE 0.2V Normal Low Power 100 160 2 1 90 2 2 133 70 mA mA mA 1
Parameter
Symbol
Test Condition
Unit
Note
IDD2N
15 mA 8 5 5 mA
IDD2NS IDD3P IDD3PS
IDD3N
28 mA 20 80 140 mA mA mA 1 2 3
IDD3NS IDD4 IDD5 IDD6
Note: 1. IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output open. 2. Min. of tRC (Refresh RAS cycle time) is shown at AC CHARACTERISTICS II 3. H57V2562GFR-XXC Series: Normal, H57V2562GFR-XXL Series: Low Power
Rev 1.0 / Aug. 2009
10
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
AC CHARACTERISTICS I (AC operating conditions unless otherwise noted)
Parameter CL = 3 CL = 2 Speed (MHz) tCK3 tCK2 tCHW tCLW CL = 3 CL = 2 tAC3 tAC2 tOH tDS tDH tAS tAH tCKS tCKH tCS tCH tOLZ tOHZ3 tOHZ2 166 Min 6.0 2.5 2.5 2.0 1.5 0.8 1.5 0.8 1.5 0.8 1.5 0.8 1.0 2.7 Max 1000 1000 5.4 5.4 133 Min 7.5 10 2.5 2.5 2.5 1.5 0.8 1.5 0.8 1.5 0.8 1.5 0.8 1.0 2.7 3 Max 1000 1000 5.4 6 5.4 6 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 1 1 1 1 1 1 1 1 1 1 2 2 Note
System Clock Cycle Time Clock High Pulse Width Clock Low Pulse Width Access Time From Clock Data-out Hold Time Data-Input Setup Time Data-Input Hold Time Address Setup Time Address Hold Time CKE Setup Time CKE Hold Time Command Setup Time Command Hold Time
CLK to Data Output in Low-Z Time CLK to Data Output in High-Z Time
Note:
CL = 3 CL = 2
1. Assume tR / tF (input rise and fall time) is 1ns. If tR & tF > 1ns, then [(tR+tF)/2-1]ns should be added to the parameter. 2. Access time to be measured with input signals of 1V/ns edge rate, from 0.8V to 0.2V. If tR > 1ns, then (tR/2-0.5)ns should be added to the parameter.
Rev 1.0 / Aug. 2009
11
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
AC CHARACTERISTICS II
Parameter Operation Auto Refresh
(AC operating conditions unless otherwise noted)
Speed (MHz) tRC tRRC tRCD tRAS tRP tRRD tCCD tWTL tDPL tDAL tDQZ tDQM tMRD 2 0 2 3 1 1 166 Min 60 60 18 42 18 12 1 0 2 Max 100K 133 Min 63 63 20 42 20 15 1 0 2 Max 100K Unit ns ns ns ns ns ns CLK CLK CLK Note
RAS Cycle Time RAS to CAS Delay RAS Active Time RAS Precharge Time
RAS to RAS Bank Active Delay CAS to CAS Delay Write Command to Data-In Delay Data-in to Precharge Command Data-In to Active Command DQM to Data-Out Hi-Z DQM to Data-In Mask MRS to New Command Precharge to Data Output High-Z Power Down Exit Time Self Refresh Exit Time Refresh Time CL = 3 CL = 2
tDPL + tRP 64 2 0 2 3 2 1 1 64 CLK CLK CLK CLK CLK CLK CLK ms 1
tPROZ3 tPROZ2 tDPE tSRE tREF
Note: 1. A new command can be given tRC after self refresh exit.
Rev 1.0 / Aug. 2009
12
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
BASIC FUNCTIONAL DESCRIPTION
Mode Register
BA1 0 BA0 0 A12 0 A11 0 A10 0 A9 OP Code A8 0 A7 0 A6 A5 A4 A3 BT A2 A1 A0
CAS Latency
Burst Length
OP Code
A9 0 1 Write Mode Burst Read and Burst Write Burst Read and Single Write
Burst Type
A3 0 1 Burst Type Sequential Interleave
CAS Latency
A6 0 0 0 0 1 1 1 1 A5 0 0 1 1 0 0 1 1 A4 0 1 0 1 0 1 0 1 CAS Latency Reserved Reserved 2 3 Reserved Reserved Reserved Reserved
Burst Length
A2 0 0 0 0 1 1 1 1 A1 0 0 1 1 0 0 1 1 A0 0 1 0 1 0 1 0 1 Burst Length A3 = 0 1 2 4 8 Reserved Reserved Reserved Full page A3=1 1 2 4 8 Reserved Reserved Reserved Reserved
Rev 1.0 / Aug. 2009
13
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
COMMAND TRUTH TABLE
Function Mode Register Set No Operation Device Deselect Bank Active Read Read with Autoprecharge Write Write with Autoprecharge Precharge All Banks Precharge selected Bank Burst stop DQM Auto Refresh Burst-Read Single-Write Self Refresh Entry Self Refresh Exit Precharge Power Down Entry Precharge Power Down Exit Clock Suspend Entry Clock Suspend Exit CKEn-1 H H H H H H H H H H H H H H H L H L H L CKEn X X X X X X X X X X X X H X L H L H L H L L L H L H L H L H L L L L X H X H X H X V X CS L L H L L L L L L L L RAS L H X L H H H H L L H X L L L X H X H X H X V H H H X H X H X H X V CAS L H X H L L L L H H H WE L H X H H H L L L L L X X X X X X V X X X X X X X X DQM X X X X Column Column Column Column X X ADDR A10 /AP X X Row Address L H L H H L X X X A9 Pin High (Other Pins OP code) X X X X X X 1 2 V V V V V X V BA Note
Op Code
Note : 1. Exiting Self Refresh occurs by asynchronously bringing CKE from low to high. 2. see to Next page (DQM TRUTH TABLE)
Rev 1.0 / Aug. 2009
14
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
DQM TRUTH TABLE
Function Data Write/Output enable Data Mask/Output disable Lower byte write/Output enable, Upper byte mask/Output disable Lower byte Mask/Output disable, Upper byte write/Output enable CKEn-1 H H H H CKEn X X X X LDQM L H L H UDQM L H H L
Note 1. H: High Level, L: Low Level, X: Don't Care 2. Write DQM Latency is 0 CLK and Read DQM Latency is 2 CLK
Rev 1.0 / Aug. 2009
15
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
CURRENT STATE TRUTH TABLE (Sheet 1 of 4)
Current State Command CS RAS CAS WE L L L L idle L L L H L L L L Row Active L L L H L L L Read L L L L L L L L H H H X L L L L H H H X L L L L H H H L L H H L L H X L L H H L L H X L L H H L L H L H L H L H H X L H L H L H H X L H L H L H H X BA BA BA BA X X BA BA BA BA X X X BA BA BA BA X X BA0/ BA1 Amax-A0 OP CODE X X Row Add. Col Add. A10 Col Add. A10 X X OP CODE X X Row Add. Col Add. A10 Col Add. A10 X X OP CODE X X Row Add. Col Add. A10 Col Add. A10 X Description Mode Register Set Auto or Self Refresh Precharge Bank Activate Write/WriteAP Read/ReadAP No Operation Device Deselect Mode Register Set Auto or Self Refresh Precharge Bank Activate Write/WriteAP Read/ReadAP No Operation Device Deselect Mode Register Set Auto or Self Refresh Precharge Bank Activate Write/WriteAP Read/ReadAP No Operation Action Set the Mode Register Start Auto or Self Refresh No Operation Activate the specified bank and row ILLEGAL ILLEGAL No Operation No Operation or Power Down ILLEGAL ILLEGAL Precharge ILLEGAL Start Write : optional AP(A10=H) Start Read : optional AP(A10=H) No Operation No Operation ILLEGAL ILLEGAL Termination Burst: Start the Precharge ILLEGAL Termination Burst: Start Write(optional AP) Termination Burst: Start Read(optional AP) Continue the Burst 4 8,9 8 13 13 4 4 3 3 13 13 7 4 6 6 5 Notes
Rev 1.0 / Aug. 2009
16
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
CURRENT STATE TRUTH TABLE
Current State Read CS RAS CAS WE H L L L L Write L L L H L L L Read with Auto Precharge L L L L H L L Write with Auto Precharge L L L L L H X L L L L H H H X L L L L H H H X L L L L H H H X X L L H H L L H X L L H H L L H X L L H H L L H X X L H L H L H H X L H L H L H H X L H L H L H H X X BA BA BA BA X X X BA BA BA BA X X X BA BA BA BA X X BA0/ BA1 X
(Sheet 2 of 4)
Command Amax-A0 X OP CODE X X Row Add. Col Add. A10 Col Add. A10 X X OP CODE X X Row Add. Col Add. A10 Col Add. A10 X X OP CODE X X Row Add. Col Add. A10 Col Add. A10 X X Description Device Deselect Mode Register Set Action Continue the Burst ILLEGAL 13 13 10 4 8 8,9 Notes
Auto or Self Refresh ILLEGAL Precharge Bank Activate Write/WriteAP Read/ReadAP No Operation Device Deselect Mode Register Set Termination Burst: Start the Precharge ILLEGAL Termination Burst: Start Write(optional AP) Termination Burst: Start Read(optional AP) Continue the Burst Continue the Burst ILLEGAL
13 13 4,12 4,12 12 12
Auto or Self Refresh ILLEGAL Precharge Bank Activate Write/WriteAP Read/ReadAP No Operation Device Deselect Mode Register Set ILLEGAL ILLEGAL ILLEGAL ILLEGAL Continue the Burst Continue the Burst ILLEGAL
13 13 4,12 4,12 12 12
Auto or Self Refresh ILLEGAL Precharge Bank Activate Write/WriteAP Read/ReadAP No Operation Device Deselect ILLEGAL ILLEGAL ILLEGAL ILLEGAL Continue the Burst Continue the Burst
Rev 1.0 / Aug. 2009
17
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
CURRENT STATE TRUTH TABLE
Current State CS RAS CAS WE L L L L Precharging L L L H L L L L Row Activating L L L H L L L L Write Recovering L L L L L L L H H H X L L L L H H H X L L L L H H H L L H H L L H X L L H H L L H X L L H H L L H L H L H L H H X L H L H L H H X L H L H L H H X BA BA BA BA X X BA BA BA BA X X X BA BA BA BA X X BA0/ BA1
(Sheet 3 of 4)
Command Amax-A0 OP CODE X X Row Add. Col Add. A10 Col Add. A10 X X OP CODE X X Row Add. Col Add. A10 Col Add. A10 X X OP CODE X X Row Add. Col Add. A10 Col Add. A10 X Description Mode Register Set ILLEGAL Action Notes 13 13
Auto or Self Refresh ILLEGAL Precharge Bank Activate Write/WriteAP Read/ReadAP No Operation Device Deselect Mode Register Set No Operation: Bank(s) idle after tRP ILLEGAL ILLEGAL ILLEGAL No Operation: Bank(s) idle after tRP No Operation: Bank(s) idle after tRP ILLEGAL
4,12 4,12 4,12
13 13 4,12 4,11,1 2 4,12 4,12
Auto or Self Refresh ILLEGAL Precharge Bank Activate Write/WriteAP Read/ReadAP No Operation Device Deselect Mode Register Set ILLEGAL ILLEGAL ILLEGAL ILLEGAL No Operation: Row Active after tRCD No Operation: Row Active after tRCD ILLEGAL
13 13 4,13 4,12
Auto or Self Refresh ILLEGAL Precharge Bank Activate Write/WriteAP Read/ReadAP No Operation ILLEGAL ILLEGAL Start Write: Optional AP(A10=H) Start Read: Optional AP(A10=H) No Operation: Row Active after tDPL
9
Rev 1.0 / Aug. 2009
18
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
CURRENT STATE TRUTH TABLE
Current State Write Recovering CS RAS CAS WE H L L L Write Recovering with Auto Precharge L L L L H L L L L Refreshing L L L H L L L Mode Register Accessing L L L L H X L L L L H H H X L L L L H H H X L L L L H H H X X L L H H L L H X L L H H L L H X L L H H L L H X X L H L H L H H X L H L H L H H X L H L H L H H X X BA BA BA BA X X X BA BA BA BA X X X BA BA BA BA X X BA0/ BA1 X
(Sheet 4 of 4)
Command Amax-A0 X OP CODE X X Row Add. Col Add. A10 Col Add. A10 X X OP CODE X X Row Add. Col Add. A10 Col Add. A10 X X OP CODE X X Row Add. Col Add. A10 Col Add. A10 X X Description Device Deselect Mode Register Set Action No Operation: Row Active after tDPL ILLEGAL 13 13 4,13 4,12 4,12 4,9,12 Notes
Auto or Self Refresh ILLEGAL Precharge Bank Activate Write/WriteAP Read/ReadAP No Operation Device Deselect Mode Register Set ILLEGAL ILLEGAL ILLEGAL ILLEGAL No Operation: Precharge after tDPL No Operation: Precharge after tDPL ILLEGAL
13 13 13 13 13 13
Auto or Self Refresh ILLEGAL Precharge Bank Activate Write/WriteAP Read/ReadAP No Operation Device Deselect Mode Register Set ILLEGAL ILLEGAL ILLEGAL ILLEGAL No Operation: idle after tRC No Operation: idle after tRC ILLEGAL
13 13 13 13 13 13
Auto or Self Refresh ILLEGAL Precharge Bank Activate Write/WriteAP Read/ReadAP No Operation Device Deselect ILLEGAL ILLEGAL ILLEGAL ILLEGAL No Operation: idle after 2 clock cycles No Operation: idle after 2 clock cycles
Rev 1.0 / Aug. 2009
19
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
Note : 1. H: Logic High, L: Logic Low, X: Don't care, BA: Bank Address, AP: Auto Precharge. 2. All entries assume that CKE was active during the preceding clock cycle. 3. If both banks are idle and CKE is inactive, then in power down cycle 4. Illegal to bank in specified states. Function may be legal in the bank indicated by Bank Address, depending on the state of that bank. 5. If both banks are idle and CKE is inactive, then Self Refresh mode. 6. Illegal if tRCD is not satisfied. 7. Illegal if tRAS is not satisfied. 8. Must satisfy burst interrupt condition. 9. Must satisfy bus contention, bus turn around, and/or write recovery requirements. 10. Must mask preceding data which don't satisfy tDPL. 11. Illegal if tRRD is not satisfied 12. Illegal for single bank, but legal for other banks in multi-bank devices. 13. Illegal for all banks.
Rev 1.0 / Aug. 2009
20
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
CKE Enable(CKE) Truth TABLE
Current State CKE Previous Current Cycle Cycle H L L L L L L H L Power Down L H L X H H H H H L X H CS X H L L L L X X H L RAS X X H H H L X X X H L X X L H H H H All Banks Idle H H H H H H L L H H H H H L L L L L X X H L L L L H L L L L X X X H L L L X H L L L X
(Sheet 2 of 1)
Command CAS X X H H L X X X X H X L X X X X H L L X X H L L X WE X X H L X X X X X H X X L X X X X H L X X X H L X X X X X BA0, ADDR BA1 X X X X X X X X X X X X X X X X X X X X X X X X X X X X Maintain Power Down Mode Refer to the idle State section of the Current State Truth Table Auto Refresh Mode Register Set Refer to the idle State section of the Current State Truth Table Entry Self Refresh Mode Register Set Power Down 4 4 3 3 3 4 3 3 3 ILLEGAL 2 INVALID Exit Self Refresh with Device Deselect Exit Self Refresh with No Operation ILLEGAL ILLEGAL ILLEGAL Maintain Self Refresh INVALID Power Down mode exit, all banks idle 1 2 Action Notes 1 2 2 2 2 2
Self Refresh
OP CODE
OP CODE X X
Rev 1.0 / Aug. 2009
21
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
CKE Enable(CKE) Truth TABLE
Current State CKE Previous Current Cycle Cycle H Any State other than listed above H CS RAS
(Sheet 2 of 2)
Command CAS WE BA0, ADDR BA1 X X Action Refer to operations of the Current State Truth Table Begin Clock Suspend next cycle Exit Clock Suspend next cycle Maintain Clock Suspend Notes
X
X
X
X
H L L
L H L
X X X
X X X
X X X
X X X
X X X
X X X
Note : 1. For the given current state CKE must be low in the previous cycle. 2. When CKE has a low to high transition, the clock and other inputs are re-enabled asynchronously. When exiting power down mode, a NOP (or Device Deselect) command is required on the first positive edge of clock after CKE goes high. 3. The address inputs depend on the command that is issued. 4. The Precharge Power Down mode, the Self Refresh mode, and the Mode Register Set can only be entered from the all banks idle state. 5. When CKE has a low to high transition, the clock and other inputs are re-enabled asynchronously. When exiting deep power down mode, a NOP (or Device Deselect) command is required on the first positive edge of clock after CKE goes high and is maintained for a minimum 200usec.
Rev 1.0 / Aug. 2009
22
111
Synchronous DRAM Memory 256Mbit H57V2562GFR Series
PACKAGE INFORMATION
54 Ball FBGA 0.8mm pitch (Size 8.0mm x 8.0mm)
8.00 Typ. 6.4 0.80.1
A1 INDEX MARK Unit [mm]
0.80 Typ.
8.00 Typ.
Bottom View
6.4
0.45 +/- 0.05 0.35 +0.025/- 0.05
0.8 0.1 1.60 0.80 Typ.
1.0 max
Rev 1.0 / Aug. 2009
23


▲Up To Search▲   

 
Price & Availability of H57V2562GFR-60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X