Part Number Hot Search : 
GF10G B1403N MBR1015 JS28F MRF6S C2101 MUR3040 HC1GT
Product Description
Full Text Search
 

To Download H11A4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
FEATURES
* High input-output isolation voltage ( Viso = 5,000Vrms ) * Current transfer ratio ( CTR : MIN. 10% at IF = 10mA, VCE = 10V ) * Dual-in-line package : H11A1, H11A2, H11A3, H11A4, H11A5 * Wide lead spacing package : H11A1M, H11A2M, H11A3M, H11A4M, H11A5M * Surface mounting package : H11A1S, H11A2S, H11A3S, H11A4S, H11A5S * Tape and reel packaging : (TYPE I) H11A1S-TA, H11A2S-TA, H11A3S-TA, H11A4S-TA, H11A5S-TA (TYPE II) H11A1S-TA1, H11A2S-TA1, H11A3S-TA1, H11A4S-TA1, H11A5S-TA1 * UL approved ( No. E113898 ) * FIMKO approved ( No. 209049 ) * NEMKO approved ( No. P99102464 ) * DEMKO approved ( No. 99-04182 ) * SEMKO approved ( No. 9943380 / 01-20 ) * VDE approved ( No. 094722 ) * CSA approve in progress
Part No. : H11A1 thru H11A5 SERIES
BNS-OD-C131/A4
Page :
1 of 8
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
OUTLINE DIMENSIONS
Dual-in-line package:
Wide lead spacing package :
*1. *2. *3. *4.
Year date code. 2-digit work week. Factory identification mark shall be marked (Z : Taiwan, Y : Thailand). Model No.: H11A1, H11A2, H11A3, H11A4,H11A5 Page : 2 of 8
Part No. : H11A1 thru H11A5 SERIES
BNS-OD-C131/A4
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
OUTLINE DIMENSIONS
Surface mounting package :
*1. *2. *3. *4.
Year date code. 2-digit work week. Factory identification mark shall be marked (Z : Taiwan, Y : Thailand). Model No.: H11A1, H11A2, H11A3, H11A4, H11A5
Part No. : H11A1 thru H11A5 SERIES
BNS-OD-C131/A4
Page :
3 of 8
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
TAPING DIMENSIONS
Tape and reel packaging ( TYPE I ):
Tape and reel packaging ( TYPE II ):
Description Tape wide Pitch of sprocket holes Distance of compartment Distance of compartment to compartment
Symbol W P0 F P2 P1
Dimensions in mm ( inches ) 16 0.3 ( .63 ) 4 0.1 ( .15 ) 7.5 0.1 ( .295 ) 2 0.1 ( .079 ) 12 0.1 ( .472 )
Part No. : H11A1 thru H11A5 SERIES
BNS-OD-C131/A4
Page :
4 of 8
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ABSOLUTE MAXIMUM RATING
( Ta = 25C )
PARAMETER Forward Current INPUT Reverse Voltage Power Dissipation Collector - Emitter Voltage Emitter - Collector Voltage OUTPUT Collector - Base Voltage Collector Current Collector Power Dissipation Total Power Dissipation *1 Isolation Voltage Operating Temperature Storage Temperature *2 Soldering Temperature SYMBOL IF VR P VCEO VECO VCBO IC PC Ptot Viso Topr Tstg Tsol RATING 60 6 100 30 7 70 150 150 250 5,000 -55 ~ +100 -55 ~ +150 260 UNIT mA V mW V V V mA mW mW Vrms C C C
*1. AC For 1 Minute, R.H. = 40 ~ 60% Isolation voltage shall be measured using the following method. (1) Short between anode and cathode on the primary side and between collector, emitter and base on the secondary side. (2) The isolation voltage tester with zero-cross circuit shall be used. (3) The waveform of applied voltage shall be a sine wave. *2. For 10 Seconds
Part No. : H11A1 thru H11A5 SERIES
BNS-OD-C131/A4
Page :
5 of 8
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25C )
PARAMETER Forward Voltage INPUT Reverse Current Terminal Capacitance Collector Dark Current Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage OUTPUT Collector-Base Breakdown Voltage Collector-Emitter Capacitance Collector-Base Capacitance Emitter-Base Capacitance H11A1 H11A2 Current * Transfer Ratio H11A3 H11A4 H11A5 TRANSFER CHARACTERISTICS Collector-Emitter Saturation Voltage Isolation Resistance Floating Capacitance Response Time (Rise) Response Time (Fall) VCE(sat) Riso Cf tr tf CTR SYMBOL MIN. TYP. MAX. UNIT VF IR Ct ICEO BVCEO BVECO BVCBO CCE CCB CEB -- -- -- -- 30 7 70 -- -- -- 50 20 20 10 30 -- 100 -- -- -- 1.2 -- 18 -- -- -- -- 12 17 25 -- -- -- -- -- 0.15 -- 0.3 2.8 4.5 1.5 10 -- 50 -- -- -- -- -- -- -- -- -- -- -- 0.4 -- -- -- -- V G pF s s IF=10mA IC=0.5mA DC500V 40 ~ 60% R.H. V=0, f=1MHz VCC=10V, IF=10mA RL=100 % IF=10mA VCE=10V V A pF nA V V V pF pF pF CONDITIONS IF=10mA VR=6V V=0, f=1MHz VCE=10V, IF=0 IC=0.1mA IF=0 IE=10A IF=0 IC=0.1mA IF=0 V=0V, f=1MHZ VCB=0V, f=1MHZ VEB=0V, f=1MHZ
* CTR =
IC x 100% IF
Part No. : H11A1 thru H11A5 SERIES
BNS-OD-C131/A4
Page :
6 of 8
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.1 Forward Current vs. Ambient Temperature
80
Fig.2 Collector Power Dissipation vs. Ambient Temperature
Collector power dissipation Pc (mW)
200
Forward current I F (mA)
60
150
40
100
20
50
0 -55 -25
0
25
50
75 100 125
o
0 -55 -25
0
25
50
75
100 125
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Fig.3 Collector-emitter saturation Voltage vs. Forward current
6
Fig.4 Turn-On Switching Times
100
Collector-emitter saturation voltage VCE(sat) (V)
Ic= 0.5mA 5 4 3 2 1mA 1 0 0 3 6 9 12 15 Forward current IF (mA) 1 1 10 Input current IF (mA) 100
Turn-on time ton ( s)
3mA 5mA 7mA 9mA
RL= 1000 10
RL= 100
Fig.5 Current Transfer Ratio vs. Forward Current
250 VCE= 10V
Fig.6 Collector Current vs. Collector-emitter Voltage
60 PC (MAX.)
Current transfer ratio CTR (%)
Collector current Ic (mA)
200 150 100 50 0 0
50 40 IF= 30mA 30 20 10 0 20mA 10mA 5mA 1mA 0 2 4 6 8 10
10
20
30
40
50
Forward current (mA)
Collector-emitter voltage VCE(V)
Part No. : H11A1 thru H11A5 SERIES
BNS-OD-C131/A4
Page :
7 of 8
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.7 Rise and Fall Times
10
Fig.8 Turn-off Switching Times
50
tf RL= 1000
Turn-off time toff ( s)
5
20 10 5
Time ( s)
RL= 1000 tf
2
RL= 1000
tr RL= 100
tr RL= 100
1
2 0.5 1 5 10 20 50 1 1 2 5
RL= 100
10
20
50
Input current IF (mA)
Input current IF (mA)
Test Circuit for Response Time
Test Circuit for Frequency Response
Vcc Input
RD
RL
Input Output Output td tr ts tf
Vcc 10% 90%
RD
RL
Output
Part No. : H11A1 thru H11A5 SERIES
BNS-OD-C131/A4
Page :
8 of 8


▲Up To Search▲   

 
Price & Availability of H11A4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X