Part Number Hot Search : 
22101 APA354 ADVANCED 2A103K BCR116F 324004P A224M MSB92W
Product Description
Full Text Search
 

To Download GVA-81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5 Volt-Surface Mount
Monolithic Amplifier
Product Features
* Gain,10 dB typ. at 100 MHz * High Pout, P1dB 19.1 dBm typ. * High IP3, 42 dBm typ. at 100 MHz * Ruggedized design * Fixed 5V operation * Unconditionally stable * Excellent ESD Protection * Transient protected, US patent 6,943,629
DC-7 GHz
GVA-81+
CASE STYLE: DF782 PRICE: $1.82 ea. QTY. (25)
Typical Applications
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
* Base station infrastructure * Portable Wireless * CATV & DBS * MMDS & Wireless LAN * LTE
General Description
GVA-81+ (RoHS compliant) is a wideband amplifier offering high dynamic range. Lead finish is SnAgNi. It has repeatable performance from lot to lot and is enclosed in a SOT-89 package. It uses patented Transient Protected Darlington configuration and is fabricated using InGaP HBT technology.
simplified schematic and pin description
RF-OUT and DC-IN RF IN
4 3 R F -OUT & DC-IN 2 G R OUND 1 R F -IN
GROUND
Function
RF IN
Pin Number
1
Description
RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation. RF output and bias pin. DC voltage is present on this pin; therefore a DC blocking capacitor is necessary for proper operation. An RF choke is needed to feed DC bias without loss of RF signal due to the bias connection, as shown in "Recommended Application Circuit", Fig. 2 Connections to ground. Use via holes as shown in "Suggested Layout for PCB Design" to reduce ground path inductance for best performance.
RF-OUT and DC-IN
3
GND
2,4
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
REV. OR M122194 GVA-81+ ED-12353/2 090327 Page 1 of 5
IF/RF MICROWAVE COMPONENTS
Monolithic InGaP HBT MMIC Amplifier Electrical Specifications(1) at 25C and 5V, unless noted
Parameter
Frequency Range(2) Gain 0.1 1.0 2.0 3.0 4.0 6.0 7.0 0.1 1.0 2.0 3.0 4.0 6.0 7.0 Input Return Loss 0.1 1.0 2.0 3.0 4.0 6.0 7.0 0.1 1.0 2.0 3.0 4.0 6.0 7.0 Reverse Isolation Output Power @1 dB compression 2.0 0.1 1.0 2.0 3.0 4.0 6.0 7.0 Output IP3 0.1 1.0 2.0 3.0 4.0 6.0 7.0 0.1 1.0 2.0 3.0 4.0 6.0 7.0 2.0 4.8 93 17.5 17.5 17.5
GVA-81+
Condition (GHz) Min.
DC 9.5 8.8 7.5
Typ.
Max.
7 11.5 11.0 10.0
Units
GHz dB
Magnitude of Gain Variation versus Temperature (3) (values are negative)
10.5 10.5 10.0 9.3 8.7 8.1 7.6 0.0005 0.0010 0.0016 0.0020 0.0025 0.0036 0.0063 38.0 27.0 20.1 17.4 16.9 18.5 14.3 21.4 20.6 17.4 14.5 13.1 14.8 13.2 20.8 19.1 19.1 19.7 19.7 19.4 17.7 17.7 42.0 38.3 36.6 35.0 33.2 31.1 31.1 7.3 7.3 7.4 7.6 7.7 8.3 8.9 98 5.0 103 62 0.036 65
dB/C 0.005
dB
14.0
Output Return Loss
dB
12.0
dB dBm
dBm
32.0
Noise Figure
8.6 9.0
dB
Group Delay Device Operating Voltage Device Operating Current Device Current Variation vs. Temperature Device Current Variation vs. Voltage Thermal Resistance, junction-to-ground lead
(1)
psec 5.2 112 V mA A/C mA/mV C/W
Measured on Mini-Circuits test board TB-313. See Characterization Test Circuit (Fig. 1) (2) Guaranteed specification DC*-7 GHz. *Low frequency cut off determined by external coupling capacitors and RF Choke (RFC). (3) (Gain at 85C - Gain at -45C)/130
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Page 2 of 5
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
IF/RF MICROWAVE COMPONENTS
Monolithic InGaP HBT MMIC Amplifier Absolute Maximum Ratings
Parameter
Operating Temperature (ground lead) Storage Temperature Operating Current at 5V Power Dissipation Input Power DC Voltage on Pin 3
GVA-81+
Ratings
-40C to 85C -65C to 150C 160mA 1.0W 20 dBm 5.8V
Note: Permanent damage may occur if any of these limits are exceeded. Electrical maximum ratings are not intended for continuous normal operation.
Characterization Test Circuit
Vcc (Supply voltage) +5V
RF-IN
BLK-18+
1
2,4 DUT
3
Bias-Tee ZX85-12G-S+
RF-OUT
TB-313
Fig 1. Block Diagram of Test Circuit used for characterization. (DUT soldered on Mini-Circuits Test Board TB-313) Gain, Output power at 1dB compression (P1 dB) and output IP3 (OIP3) are measured using R&S Network Analyzer ZVA-24. Noise Figure measured using Agilent's N5242A PNA-X microwave network analyzer. Conditions: 1. Gain and Return loss: Pin= -25dBm 2. Output IP3 (OIP3): Two tones, spaced 1 MHz apart, 0 dBm/tone at output.
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Page 3 of 5
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
IF/RF MICROWAVE COMPONENTS
Monolithic InGaP HBT MMIC Amplifier Product Marking
GVA-81+
V81
Additional Detailed Technical Information
Additional information is available on our web site. To access this information enter the model number on our web site home page. Performance data, graphs, s-parameter (S2P FILES) data set (.zip file) Case Style: DF782 (SOT 89) Plastic package, exposed paddle, lead finish: tin/silver/nickel Tape & Reel: F55 Suggested Layout for PCB Design: PL-255 Evaluation Board: TB-410-81+ Environmental Ratings: ENV08T1
Recommended Application Circuit
V cc C bypas s C block IN 1 2 4 Ibias 3 Vd C block R FC OUT
Fig 2. Test Board includes case, connectors, and components soldered to PCB
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Page 4 of 5
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
IF/RF MICROWAVE COMPONENTS
Monolithic InGaP HBT MMIC Amplifier ESD Rating
GVA-81+
Human Body Model (HBM): Class 1C (1000v to < 2000v) in accordance with ANSI/ESD STM 5.1 - 2001 Machine Model (MM): Class M2 (100V to < 200V) in accordance with ANSI/ESD STM 5.2 - 1999
Moisture Sensitivity: MSL1 in accordance with IPC/JEDECJ-STD-020D
MSL Rating
MSL Test Flow Chart
Start Visual Inspection Electrical Test SAM Analysis
Reflow 3 cycles, 260C
Soak 85C/85RH 168 hours
Bake at 125C, 24 hours
Visual Inspection
Electrical Test
SAM Analysis
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Page 5 of 5
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
IF/RF MICROWAVE COMPONENTS


▲Up To Search▲   

 
Price & Availability of GVA-81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X