Part Number Hot Search : 
LM2931 AAT3697 PRMA4 NLAS6234 31304 5216165 4738A 0E0DE
Product Description
Full Text Search
 

To Download GBP3005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBP3005 thru GBP310
SINGLE-PHASE SILICON BRIDGE
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 50 TO 1000 VOLTS CURRENT 3.0 Amperes
FEATURES
UL recognized file # E149311 Surge overload rating-80 amperes peak Ideal for printed circuit board Plastic material has Underwriters Labooratory Flammability Classification 94V-O Mounting position: Any Lead: Silver Plated Cooper Lead.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Resistive or inductive load, 60 Hz. For capacitive load, derate current by 20%.
GBP3005 GBP301 GBP302
GBP304
400 280 400 3.0
GBP306
600 420 600
GBP308
800 560 800
GBP310
1000 700 1000
UNITS
V V V A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current @ TA=25 C
0
VRRM VRMS VDC V(AV)
50 35 60
100 70 100
200 140 200
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load Maximum DC Forward Voltage drop per element at 1.0A DC Maximum DC Reverse Current at rated @ TA=25 C DC Blocking Voltage Per Element @ TA=100 C
0 0
IFSM
80
A
VF IR It TJ TSTG
2
1.1 10 1 10 -55 to +125 -55 to +150
V
A
mA A2S
0
I t Rating for fusing(t<8.3ms) Operating Temperature Range Storage Temperature Range
2
C C
0
GBP3005 thru GBP310
SINGLE-PHASE SILICON BRIDGE
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES GBP3005 THRU GBP310
Fig.2 - DERATING CURVE FOR Fig.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
INSTANTANEOUS FORWARD CURRENT. AMPERES
20 10
OUTPUT RECTIFIED CURRENT
AVERAGE FORWARD OUTPUT CURRENT AMPERES
3.0
2.0
1.0
1.0
TJ = 25 0C 0.1
20
40
60
80
100
120
140
.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
AMBIENT TEMPERATURE, 0C
INSTANTANEOUS FORWARD VOLT AGE, VOLTS
Fig.3 - TYPICAL FORWARD CHARACTERISTICS FIG.4 - MAXIMUM FORWARD SURGE CURRENT
10
80
PEAK FORWARD SURGE CURRENT AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
70 60 50
1.0
TJ=250C
40 30
T J = 25 0 C 0.1
0 1 10 100
.01 0 20 40 60 80 100 120 140
NUMBER OF CYCLES AT 60 Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE


▲Up To Search▲   

 
Price & Availability of GBP3005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X