Part Number Hot Search : 
SP26LV4 2SJ479S A1627 AP1641 TDA2051 STC128M AN5270N 2N7291R1
Product Description
Full Text Search
 

To Download FRV005-240F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radial Leaded PPTC FRV Series
FEATURES
Low hold current, Solid state, Radial leaded product idea for up to 265VAC/DC Application: Line Voltage Power Supply, Transformer and appliances Operation Current: 50mA ~ 550mA Maximum Operating Voltage: 240VAC/DC Maximum Interrupt Voltage: 265VAC/DC Temperature Range: -40C to 85C
RoHS
u
AGENCY RECOGNITION
*UL (E211981) *C-UL (E211981) *TUV (R50021651)
ELECTRICAL CHARACTERISTICS (23C)
Part Number FRV005-240F FRV008-240F FRV012-240F FRV016-240F FRV025-240F FRV033-240F FRV040-240F FRV055-240F Hold Current IH, A 0.05 0.08 0.12 0.16 0.25 0.33 0.40 0.55 Trip Current IT, A 0.12 0.19 0.30 0.37 0.56 0.74 0.90 1.25 Max. Time to Trip at 5XIH, S 15.0 15.0 15.0 15.0 18.5 18.5 24.0 26.0 Maximum Current IMAX, A 1.0 1.2 1.2 2.0 3.5 4.5 5.5 7.0 Rated Voltage VMAX, VAC/DC 240 240 240 240 240 240 240 240 Typical Power Pd, W 0.70 0.80 1.00 1.40 1.50 1.70 2.00 3.40 Resistance Tolerance RMIN R1MAX OHMS 18.50 7.40 3.00 2.50 1.30 0.83 0.60 0.45 OHMS 65.00 26.00 12.00 7.80 3.80 2.60 1.90 1.45
IH=Hold current-maximum current at which the device will not trip at 23C still air. IT=Trip current-minimum current at which the device will always trip at 23C still air. V MAX=Maximum voltage device can withstand without damage at its rated current. I MAX=Maximum fault current device can withstand without damage at rated voltage (V MAX). Pd=Typical power dissipated from device when in the tripped state in 23C still air environment. RMIN=Minimum device resistance at 23C. R1MAX=Maximum device resistance at 23C, 1 hour after tripping. Physical specifications: Lead material: FRV005-240F ~ FRV016-240F Tin plated copper, 24AWG. FRV025-240F ~ FRV040-240F Tin plated copper, 22AWG. FRV055-240F Tin plated copper, 20AWG Soldering characteristics: MIL-STD-202, Method 208E. Insulating coating: Flame retardant epoxy, meets UL-94V-0 requirement.
FRV005-240F ~ FRV016-240F Lead Size: 24AWG O 0.5 mm Diameter
FRV025-240F ~ FRV040-240F Lead Size: 22AWG O 0.65 mm Diameter
FRV025-240F ~ FRV040-240F Lead Size: 22AWG O 0.65 mm Diameter
FRT PRODUCT DIMENSIONS (MILLIMETERS)
Part Number FRV005-240F FRV008-240F FRV012-240F FRV016-240F FRV025-240F FRV033-240F FRV040-240F FRV055-240F A 8.3 8.3 8.3 9.9 9.6 11.4 11.5 14.0 B 10.7 10.7 10.7 12.5 17.4 16.5 19.5 21.7 C 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 D 7.6 7.6 7.6 7.6 7.6 7.6 7.6 7.6 E 3.8 3.8 3.8 3.8 3.8 3.8 3.8 4.1 Maximum Maximum Typical Minimum Maximum
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C5EB09 REV 2007.03.1
Radial Leaded PPTC FRV Series
THERMAL DERATING CURVE
Thermal Derating Curve - FRV Series
200%
RoHS
u
Percent of Rated Hold and Trip Curent
D
150%
D
100%
D
50%
D
0% -40 -20 0 20 40 60 80
Ambient Temperature (C)
TYPICAL TIME-TO-TRIP AT 23C
1000
Time-to-trip (S)
100 10 1 0.1 0.01 0.1
A B C D E F G H
= = = = = = = =
FRV005-240F FRV008-240F FRV012-240F FRV016-240F FRV025-240F FRV033-240F FRV040-240F FRV055-240F
1
10
NOTE: All specifications subject to change without notice.
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C5EB09 REV 2007.03.1


▲Up To Search▲   

 
Price & Availability of FRV005-240F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X