Part Number Hot Search : 
SY100ELT AM2520 B39202 HXJ1301 PMB23 24D15 2F337 SG5842A
Product Description
Full Text Search
 

To Download FMV-100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Analog Fiber Optic Transmission System
Duplex Analog Fiber Optic Transmission System
FMV-100K
Video
The Opticomm FMV-100K System is a duplex analog fiber optic transmission system. The system is capable of transmitting an Analog FSK signal at a system bandwidth between 300Hz and 100KHz. The FMV-100K/TR-T50R10-FC-IC transmits at 1550nm and receives at 1510nm wavelengths. The FMV-100K/TR-T10R50FC-IC transmits at 1510nm and receives at 1550nm wavelengths. The system offers a link budget of at least 30dB over one single-mode fiber using a Coarse Wave Division Multiplexer operating over 1510nm and 1550nm wavelengths for bi-directional capability.
System Design Features
Audio
Data
* Singlemode Operation Over One Fiber * 0-30dB Link Budget * Ruggedized Industrial Enclosure * No EMI or RFI and no ground loops * Rack-Mountable * High MTBF * Wide Temperature Range
The Models FMV-100K/TR-T50R10-FC-IC and FMV-100K/TR-T10R50-FC-IC are insert card transceivers. These units are plug-in card assemblies compatible with Opticomm's CC-16B 19" rack-mountable chassis. An insert card combined with a CC-16B chassis would be installed within a 19" distribution frame, typically found in a control room or hub. All insert cards are swappable. Up to 16 FMV-100K insert cards can be housed in one CC-16B chassis with up to two PS-1205 power supplies for redundancy.
1510
1550
Type Laser
(DFB)
Mode SM
Fiber Type 09/125
Output Power 0 dBm
Receiver Sensitivity -30 dBm
Optical Loss Budget 30 dB
Conn Type FC
*
*
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm for custom requirements.
Opticomm reserves the right to change specifications without notice
Audio/FSK/Intercom
Specifications System Bandwidth Input Impedance Output Impedance Analog Input Level Signal to Noise Ratio Delay in Output Signal Connector Type Indicators
300Hz to 100kHz 150 Ohm and 600 Ohm, balanced 150 Ohm and 600 Ohm, balanced 100mVrms - 1 Vrms >60 dB 15 us max. DB15 HD Female for FMV-100K/TR-T50R10-FC-IC DB15 HD Male for FMV-100K/TR-T10R50-FC-IC 1. Electrical input signal detect 2. Electrical output signal detect 3. Optical signal detect 4. Optical output enabled 5. Card power status
OptivaTM Configurable Communication Platform Network Management SDI & HD-SDI Composite Video, Audio & Data RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) CATV/RF & L-Band Optical Switching, Routing & Redundancy Passive Multiplexing Solutions Enclosures, Racks & Frames Power Supplies & Accessories
Optical Specifications Cable Compatibility FiberOptic Connector Operating Wavelength Optical Budget Loss Laser Class
9/125 micron single-mode FC/PC (singlemode) Bi-directional CWDM transmission using 1550nm and 1510nm wavelengths. 0-30 dB (SM @1550nm/1510nm) Class 1
General Dimensions & Weight System Design
Connectors Environmental Operating Temperature Operating Relative Humidity Storage Temperature Storage Relative Humidity Cooling Shock & Vibration MTBF Regulatory
Insert Card: 7.1" L x 0.8" W x 5.05" H ~ 0.6 lb. Insert card to be installed inside the CC-16B 19" subrack frame, 3U high Electrical and fiber connectors are accessible from the front
-20C to +70C 95% @ 55 C, non-condensing -40C to +70C 94% @ 65C, non-condensing Convection cooling Sinusaidal, 5 to 200Hz at 1.5g peak >400,000 Hours @ 30C, Ground Benign, per MIL-HDBK-217F CE Compliance CSA Certification (FMV-100K System)
MADE IN THE USA
Opticomm reserves the right to change specifications without prior notice.
Sample Configuration


▲Up To Search▲   

 
Price & Availability of FMV-100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X