Part Number Hot Search : 
2SC5658 CZRC5365 MUN5235 LS74A 30015 2SJ54 GBU6A07 ECG26
Product Description
Full Text Search
 

To Download FML0540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 40 Volts CURRENT 0.5 Ampere
FEATURES
* * * * * *
FML0520 THRU FML0540
Low switching noise Low forward voltage drop High current capability High switching capability High surge capabitity High reliability
DO-214AC
MECHANICAL DATA
* * * * * *
Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Metallurgically bonded construction Mounting position: Any Weight: 0.09 gram
0.067 (1.70 ) 0.051 (1.29 )
0.110 ( 2.79 ) 0.086 ( 2.18 )
0.180 ( 4.57 ) 0.160 ( 4.06 )
0.012 ( 0.305 ) 0.006 ( 0.152 ) 0.091 ( 2.31 ) 0.067 ( 1.70 )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.059 ( 1.50 ) 0.035 ( 0.89 )
0.008 ( 0.203 ) 0.004 ( 0.102 )
0.209 ( 5.31 ) 0.185 ( 4.70 )
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at T A= 100 OC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO I FSM RqJA RqJL CJ TJ T STG
FML0520 FML0530 FML0540
UNITS Volts Volts Volts Amps Amps
0 0
20 14 20
30 21 30 0.5 60 85 25 110 150 -55 to + 150
40 28 40
C/W C/W pF
0 0
C C
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 0.5A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @T A = 25 o C @T A = 100 o C SYMBOL VF IR
FML0520 FML0530 FML0540
UNITS Volts mA mA 2006-11
0.3 1.0 10
NOTES : 1. Thermal Resistance : Mounted on PCB. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. Also available in DO-214AA (SMB). 4. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
RATING AND CHARACTERISTICS CURVES ( FML0520 THRU FML0540 )
INSTANTANEOUS FORWARD CURRENT, (mA)
AVERAGE FORWARD CURRENT, (A)
0.500
Single Phase Half Wave 60Hz Inductive Load
100 10 1.0 0.1 0.01 0.001 0
TA = 25 OC TA = 100 OC
0.375
0.250
TA = 75 OC
0.125
P.C.B. Mounted on 0.4X0.4"(10X10mm) copper pad areas
0
0
25
50
75
100
125
O
150
175
20
40
60
80
100
120
140
AMBIENT TEMPERATURE, ( C)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS REVERSE CURRENT, (A)
10
CJ, JUNCTION CAPACITANCE, (pF)
20
FIG.1 TYPICAL FORWARD CURRENT DERATING CURVE
400 200 100 80 60 40 20 10
FIG.2 TYPICAL REVERSE CHARACTERISTICS
TJ = 25 OC
1.0
0.1
TJ = 25 OC Pulse width=300mS 1% Duty Cycle
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9 2.1
0.1
0.4
1.0
4
10
40 80
INSTANTANEOUS FORWARD VOLTAGE, (V)
REVERSE VOLTAGE, (V)
FIG.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
PEAK FORWARD SURGE CURRENT, (A)
FIG.4 TYPICAL JUNCTION CAPACITANCE
60 50 40 30 20 10 1
8.3mS Single Half Sine-Wave JEDEC Method
2
4
6
8 10
20
40
80 100
NUMBER OF CYCLES AT 60Hz
FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
Mounting Pad Layout
0.094 MAX. (2.38 MAX.)
0.060MIN. ( 1.52 MIN.) 0.052 MAX. (1.32 MAX.) 0.220
(5.58) REF
Dimensions in inches and (millimeters)
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of FML0540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X